Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPM7238-H9 Datasheet(PDF) 4 Page - Rohm

Part # RPM7238-H9
Description  IR Receiver Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RPM7238-H9 Datasheet(HTML) 4 Page - Rohm

  RPM7238-H9 Datasheet HTML 1Page - Rohm RPM7238-H9 Datasheet HTML 2Page - Rohm RPM7238-H9 Datasheet HTML 3Page - Rohm RPM7238-H9 Datasheet HTML 4Page - Rohm RPM7238-H9 Datasheet HTML 5Page - Rohm RPM7238-H9 Datasheet HTML 6Page - Rohm RPM7238-H9 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RPM7200-Hx series
Photo Link Module
4/6
(4) Output signal
600
µs
TON
TOFF
VCC
GND
1/2 VCC
VH
VL
600
µs
Fig.4
Carrier frequency=f0
Carrier Duty=50%
Transmit signal
Output signal
(5) Measurement circuit for the output voltage and the consumption current
Fig.5
VCC
VH
, VL
VCC
ICC
ROUT
GND
A
V
RPM7200-Hx
!
!
!
!
Notes
(1) All characteristics of the receiver in this specification are specified by supplying burst wave form (Fig.1) with ROHM
standard transmitter (Fig.2 ).
If in case of other burst wave form will be used, please check these spec. Carefully under the evaluations.
(2) When the receiver will be used as the wire-less remote controller, please use the signal method the signal format
which refer to “Measures to prevent mulfunctioning of IR remote-controlled electric home appliances”. (Published July
1987 by Association of Electric Home Appliances)
If using other signal method, signal format, (ex: signal format which not including the leader signal) the receiver might
have chances to miss-function.
(3) Please set up transmitter’s carrier frequency as same as the receiver’s f0 frequency. Otherwise error might be
occurred.
(4) If transmission signal has non-continues carrier, error might be occurred. Continuous carrier is necessary.


Similar Part No. - RPM7238-H9

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM7238-H9 ROHM-RPM7238-H9 Datasheet
223Kb / 7P
   IR Receiver Module
RPM7238-H9R ROHM-RPM7238-H9R Datasheet
148Kb / 7P
   IR Receiver Module
More results

Similar Description - RPM7238-H9

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM7138 ROHM-RPM7138 Datasheet
198Kb / 8P
   IR Receiver Module
RPM7236 ROHM-RPM7236 Datasheet
140Kb / 7P
   IR Receiver Module
RPM7157-R ROHM-RPM7157-R Datasheet
156Kb / 8P
   IR Receiver Module
RPM6900 ROHM-RPM6900_08 Datasheet
108Kb / 8P
   IR Receiver Module
RPM7100 ROHM-RPM7100 Datasheet
175Kb / 8P
   IR Receiver Module
RPM7236-R ROHM-RPM7236-R Datasheet
120Kb / 7P
   IR Receiver Module
RPM7138-R ROHM-RPM7138-R Datasheet
120Kb / 8P
   IR Receiver Module
RPM7137 ROHM-RPM7137 Datasheet
213Kb / 8P
   IR Receiver Module
RPM7140-R ROHM-RPM7140-R Datasheet
118Kb / 8P
   IR Receiver Module
RPM7237 ROHM-RPM7237 Datasheet
223Kb / 7P
   IR Receiver Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com