Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM2002U8 Datasheet(PDF) 5 Page - Union Semiconductor, Inc.

Part # UM2002U8
Description  Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM2002U8 Datasheet(HTML) 5 Page - Union Semiconductor, Inc.

  UM2002U8 Datasheet HTML 1Page - Union Semiconductor, Inc. UM2002U8 Datasheet HTML 2Page - Union Semiconductor, Inc. UM2002U8 Datasheet HTML 3Page - Union Semiconductor, Inc. UM2002U8 Datasheet HTML 4Page - Union Semiconductor, Inc. UM2002U8 Datasheet HTML 5Page - Union Semiconductor, Inc. UM2002U8 Datasheet HTML 6Page - Union Semiconductor, Inc. UM2002U8 Datasheet HTML 7Page - Union Semiconductor, Inc. UM2002U8 Datasheet HTML 8Page - Union Semiconductor, Inc. UM2002U8 Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.05 Nov.2014
5/12
UM2002
Switching Characteristics (translating down)
Over recommended operating free-air temperature range(unless otherwise noted). Values
guaranteed by design.
Symbol
Parameter
Test
Conditions
CL=50pF
CL=30pF
CL=15pF
Unit
Min
Max
Min
Max
Min
Max
VI(EN) = 3.3V; VIH = 3.3V; VIL = 0V; VM =1.15V(see Figure 1).
tPLH
LOW to
HIGH
propagation
delay
from (input)
Bn to
(output) An.
0
3.5
0
2.7
0
2.2
ns
tPHL
HIGH to
LOW
propagation
delay
0
3.5
0
3.0
0
2.3
ns
VI(EN) =2.5V; VIH = 2.5V; VIL = 0V; VM = 0.75V (see Figure 1).
tPLH
LOW to
HIGH
propagation
delay
from (input)
Bn to
(output) An.
0
3.5
0
2.7
0
2.2
ns
tPHL
HIGH to
LOW
propagation
delay
0
4.0
0
3.0
0
2.3
ns
Switching Characteristics (translating up)
Over recommended operating free-air temperature range(unless otherwise noted). Values
guaranteed by design.
Symbol
Parameter
Test
Conditions
CL=50pF
CL=30pF
CL=15pF
Unit
Min
Max
Min
Max
Min
Max
VI(EN) = 3.3V; VIH = 2.3V; VIL = 0V; VTT = 3.3V; VM = 1.15V; RL = 300Ω(see Figure 1).
tPLH
LOW to
HIGH
propagation
delay
from (input)
An to
(output) Bn.
0
3.35
0
2.5
0
2.0
ns
tPHL
HIGH to
LOW
propagation
delay
0
4.35
0
3.25
0
2.4
ns
VI(EN) =2.5V; VIH = 1.5V; VIL = 0V; VTT = 2.5V; VM = 0.75V; RL = 300Ω (see Figure 1).
tPLH
LOW to
HIGH
propagation
delay
from (input)
An to
(output) Bn.
0
3.35
0
2.5
0
2.0
ns
tPHL
HIGH to
LOW
propagation
delay
0
4.5
0
3.5
0
2.5
ns


Similar Part No. - UM2002U8

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM2002U8 UNIONSEMI-UM2002U8 Datasheet
279Kb / 12P
   Bidirectional voltage level translator for open-drain and push-pull applications
More results

Similar Description - UM2002U8

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2001 NXP-NVT2001_V01 Datasheet
542Kb / 32P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
NVT2006BS PHILIPS-NVT2006BS Datasheet
493Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 5-19 February 2014
logo
Union Semiconductor, In...
UM3211P UNIONSEMI-UM3211P Datasheet
275Kb / 10P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2008PW NXP-NVT2008PW Datasheet
439Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 3-27 January 2014
NVT2001 PHILIPS-NVT2001 Datasheet
217Kb / 23P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 2-26 October 2011
logo
Union Semiconductor, In...
UM2001P UNIONSEMI-UM2001P Datasheet
245Kb / 10P
   Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
logo
Texas Instruments
TXS0102 TI-TXS0102_11 Datasheet
718Kb / 23P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
logo
Global Mixed-mode Techn...
G3402 GMT-G3402 Datasheet
63Kb / 1P
   4-Bit Bidirectional Voltage Level Translator for Open Drain and Push-Pull Applications
logo
Texas Instruments
TXS0102-Q1 TI1-TXS0102-Q1 Datasheet
878Kb / 24P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com