Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHD030B Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # NHD030B
Description  INTELLIGENT POWER DEVICE
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NHD030B Datasheet(HTML) 4 Page - Renesas Technology Corp

  NHD030B Datasheet HTML 1Page - Renesas Technology Corp NHD030B Datasheet HTML 2Page - Renesas Technology Corp NHD030B Datasheet HTML 3Page - Renesas Technology Corp NHD030B Datasheet HTML 4Page - Renesas Technology Corp NHD030B Datasheet HTML 5Page - Renesas Technology Corp NHD030B Datasheet HTML 6Page - Renesas Technology Corp NHD030B Datasheet HTML 7Page - Renesas Technology Corp NHD030B Datasheet HTML 8Page - Renesas Technology Corp NHD030B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
µ
PD166037T1J Datasheet
3. Specification
R07DS1114EJ0200 Rev.2.00
Page 4 of 39
May 22, 2015
3.2 Pin Configuration
3.2.1 12-pin Power HSSOP Pin Configuration
Pin No.
Terminal Name
1
GND
2
IN1
3
IS1
4
IS2
5
IN2
6
VCC
7
SEN
8
OUT2
9
OUT2
10
OUT1
11
OUT1
12
VCC
Tab
VCC
Pin function
Terminal Name
Pin function
Recommended connection
GND
Ground connection
Connected to GND through a 100 Ohm resistor
or a diode for reverse current protection
Refer chapter 6.
INn
Input signal for channel n (n=1 to 2)
Connected to MCU port through 2k-50K serial
resistor
ISn
Current sense and Diagnosis output signal
channel n (n=1 to 2)
Connected to GND through a 0.67K-5K resistor
SEN
Sense enable input
Connected to MCU port through 2k-50K serial
resistor
OUTn
Protected high-side power output channel n (n=1
to 2)
Connected to load with small 50-100nf capacitor
in parallel
VCC
Positive power supply for logic supply as well as
output power supply
Connected to battery voltage with small 100nf
capacitor in parallel
N.C.
Non connection
Left open
12 11 10 9 8 7
1 2 3 4 5 6
Tab
Tab


Similar Part No. - NHD030B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NHD035A RENESAS-NHD035A Datasheet
841Kb / 42P
   INTELLIGENT POWER DEVICE
NHD035B RENESAS-NHD035B Datasheet
841Kb / 42P
   INTELLIGENT POWER DEVICE
NHD035C RENESAS-NHD035C Datasheet
841Kb / 42P
   INTELLIGENT POWER DEVICE
More results

Similar Description - NHD030B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD166034T1U RENESAS-UPD166034T1U Datasheet
804Kb / 41P
   INTELLIGENT POWER DEVICE
RAA2900014H12HPD RENESAS-RAA2900014H12HPD Datasheet
592Kb / 19P
   INTELLIGENT POWER DEVICE
UPD166011T1J RENESAS-UPD166011T1J Datasheet
211Kb / 28P
   INTELLIGENT POWER DEVICE
UPD166035GR RENESAS-UPD166035GR Datasheet
534Kb / 17P
   INTELLIGENT POWER DEVICE
RAA2900034H12HPD RENESAS-RAA2900034H12HPD Datasheet
572Kb / 19P
   INTELLIGENT POWER DEVICE
Feb. 28, 2020
UPD166030T1K RENESAS-UPD166030T1K Datasheet
838Kb / 42P
   INTELLIGENT POWER DEVICE
UPD166028T1K RENESAS-UPD166028T1K Datasheet
841Kb / 42P
   INTELLIGENT POWER DEVICE
UPD166025T1J RENESAS-UPD166025T1J Datasheet
954Kb / 41P
   INTELLIGENT POWER DEVICE
RAA2900024H12HPD RENESAS-RAA2900024H12HPD Datasheet
486Kb / 19P
   INTELLIGENT POWER DEVICE
UPD166023T1J RENESAS-UPD166023T1J Datasheet
954Kb / 41P
   INTELLIGENT POWER DEVICE
UPD166032T1U RENESAS-UPD166032T1U Datasheet
789Kb / 41P
   INTELLIGENT POWER DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com