Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHQ012C Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # NHQ012C
Description  INTELLIGENT POWER DEVICE
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NHQ012C Datasheet(HTML) 4 Page - Renesas Technology Corp

  NHQ012C Datasheet HTML 1Page - Renesas Technology Corp NHQ012C Datasheet HTML 2Page - Renesas Technology Corp NHQ012C Datasheet HTML 3Page - Renesas Technology Corp NHQ012C Datasheet HTML 4Page - Renesas Technology Corp NHQ012C Datasheet HTML 5Page - Renesas Technology Corp NHQ012C Datasheet HTML 6Page - Renesas Technology Corp NHQ012C Datasheet HTML 7Page - Renesas Technology Corp NHQ012C Datasheet HTML 8Page - Renesas Technology Corp NHQ012C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
µ
PD166032T1U Datasheet
3. Specification
R07DS1166EJ0200 Rev.2.00
Page 4 of 39
May 22, 2015
3.2 Pin Configuration
3.2.1 TO252-7 Pin Configuration
Pin No.
Terminal Name
1
OUT
2
GND
3
IN
4, Tab
VCC
5
IS
6
SEN
7
OUT
Pin function
Terminal Name
Pin function
Recommended connection
GND
Ground connection
Connected to GND through a 100 Ω resistor or a
diode for reverse current protection
Refer chapter 6.
IN
Input signal
Connected to MCU port through 2k-50K serial
resistor.
IS
Current sense and Diagnosis output signal
Connected to GND through a 0.67K-5K resistor.
Not connect if this pin is not used.
SEN
Sense enable input
Connected to MCU port through 2k-50K serial
resistor. Not connect if this pin is not used.
OUT
Protected high-side power output
Connected to load with small 50-100nF capacitor
in parallel.
VCC
Positive power supply for logic supply as well as
output power supply
Connected to battery voltage with small 100nF
capacitor in parallel.
1 2 3 4 5 6 7
Tab


Similar Part No. - NHQ012C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NHQ010A RENESAS-NHQ010A Datasheet
844Kb / 41P
   INTELLIGENT POWER DEVICE
NHQ010B RENESAS-NHQ010B Datasheet
844Kb / 41P
   INTELLIGENT POWER DEVICE
NHQ010C RENESAS-NHQ010C Datasheet
844Kb / 41P
   INTELLIGENT POWER DEVICE
More results

Similar Description - NHQ012C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD166034T1U RENESAS-UPD166034T1U Datasheet
804Kb / 41P
   INTELLIGENT POWER DEVICE
RAA2900014H12HPD RENESAS-RAA2900014H12HPD Datasheet
592Kb / 19P
   INTELLIGENT POWER DEVICE
UPD166011T1J RENESAS-UPD166011T1J Datasheet
211Kb / 28P
   INTELLIGENT POWER DEVICE
UPD166035GR RENESAS-UPD166035GR Datasheet
534Kb / 17P
   INTELLIGENT POWER DEVICE
RAA2900034H12HPD RENESAS-RAA2900034H12HPD Datasheet
572Kb / 19P
   INTELLIGENT POWER DEVICE
Feb. 28, 2020
UPD166030T1K RENESAS-UPD166030T1K Datasheet
838Kb / 42P
   INTELLIGENT POWER DEVICE
UPD166028T1K RENESAS-UPD166028T1K Datasheet
841Kb / 42P
   INTELLIGENT POWER DEVICE
UPD166025T1J RENESAS-UPD166025T1J Datasheet
954Kb / 41P
   INTELLIGENT POWER DEVICE
RAA2900024H12HPD RENESAS-RAA2900024H12HPD Datasheet
486Kb / 19P
   INTELLIGENT POWER DEVICE
UPD166023T1J RENESAS-UPD166023T1J Datasheet
954Kb / 41P
   INTELLIGENT POWER DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com