Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD166037T1J Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # UPD166037T1J
Description  INTELLIGENT POWER DEVICE
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD166037T1J Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button UPD166037T1J Datasheet HTML 6Page - Renesas Technology Corp UPD166037T1J Datasheet HTML 7Page - Renesas Technology Corp UPD166037T1J Datasheet HTML 8Page - Renesas Technology Corp UPD166037T1J Datasheet HTML 9Page - Renesas Technology Corp UPD166037T1J Datasheet HTML 10Page - Renesas Technology Corp UPD166037T1J Datasheet HTML 11Page - Renesas Technology Corp UPD166037T1J Datasheet HTML 12Page - Renesas Technology Corp UPD166037T1J Datasheet HTML 13Page - Renesas Technology Corp UPD166037T1J Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
µ
PD166037T1J Datasheet
3. Specification
R07DS1114EJ0200 Rev.2.00
Page 10 of 39
May 22, 2015
Diagnosis function
Tch=-40 to 150degreeC, Vcc=7 to 18V, VIN=4.5V, VSEN=4.5V, unless otherwise specified
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Sense current settling time
after input signal positive
slope
tsis(on)
250
µs
VCC=13.5V, VIN=0V to 4.5V,
IL/IIS=KILIS, RL=5.4ohm
Sense current settling time
after input signal negative
slope
tsis(off)
10
µs
VIN=4.5V to 0V
Sense current settling time
after sense enable during
on-state 1)
tssen(on)
20
µs
VSEN=0V to 4.5V, RL=5.4ohm
Sense current settling time
after sense disable during
on-state 1)
tssen(off)
20
µs
VSEN=4.5V to 0V, RL=5.4ohm
Sense current settling time
during on-state 1)
tsis(LC)
20
µs
RL=5.4ohm to 2.7ohm
Fault signal delay after
over current detection 1)
tdsc(fault)
10
µs
VIN=0V to 4.5V, IL=IL(SC)
Fault signal delay after
power limitation valid 1)
tdpl(fault)
10
µs
Von>Von(CL1)
Fault signal delay after
power limitation invalid 1)
tdpl(off)
30
µs
Von<Von(CL1)
Fault signal delay after
absolute thermal shutdown
1)
tdot(fault)
10
µs
IISIIS,fault
Fault signal delay after
open load detection at off-
state 1)
tdop(fault)
10
µs
VIN=0V, VOUT>VOUT(OL)
Fault signal delay after
input negative slope 1)
tdoff(fault)
10
µs
VIN=4.5V to 0V
Remark) All voltages refer to ground pin of the device
1) not subjected production test, guaranteed by design


Similar Part No. - UPD166037T1J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD166030T1K RENESAS-UPD166030T1K Datasheet
838Kb / 42P
   INTELLIGENT POWER DEVICE
UPD166030T1K-E1-AY RENESAS-UPD166030T1K-E1-AY Datasheet
838Kb / 42P
   INTELLIGENT POWER DEVICE
UPD166030T1K-E2-AY RENESAS-UPD166030T1K-E2-AY Datasheet
838Kb / 42P
   INTELLIGENT POWER DEVICE
UPD166031AT1U RENESAS-UPD166031AT1U Datasheet
844Kb / 41P
   INTELLIGENT POWER DEVICE
UPD166031AT1U-E1-AY RENESAS-UPD166031AT1U-E1-AY Datasheet
844Kb / 41P
   INTELLIGENT POWER DEVICE
More results

Similar Description - UPD166037T1J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD166034T1U RENESAS-UPD166034T1U Datasheet
804Kb / 41P
   INTELLIGENT POWER DEVICE
RAA2900014H12HPD RENESAS-RAA2900014H12HPD Datasheet
592Kb / 19P
   INTELLIGENT POWER DEVICE
UPD166011T1J RENESAS-UPD166011T1J Datasheet
211Kb / 28P
   INTELLIGENT POWER DEVICE
UPD166035GR RENESAS-UPD166035GR Datasheet
534Kb / 17P
   INTELLIGENT POWER DEVICE
RAA2900034H12HPD RENESAS-RAA2900034H12HPD Datasheet
572Kb / 19P
   INTELLIGENT POWER DEVICE
Feb. 28, 2020
UPD166030T1K RENESAS-UPD166030T1K Datasheet
838Kb / 42P
   INTELLIGENT POWER DEVICE
UPD166028T1K RENESAS-UPD166028T1K Datasheet
841Kb / 42P
   INTELLIGENT POWER DEVICE
UPD166025T1J RENESAS-UPD166025T1J Datasheet
954Kb / 41P
   INTELLIGENT POWER DEVICE
RAA2900024H12HPD RENESAS-RAA2900024H12HPD Datasheet
486Kb / 19P
   INTELLIGENT POWER DEVICE
UPD166023T1J RENESAS-UPD166023T1J Datasheet
954Kb / 41P
   INTELLIGENT POWER DEVICE
UPD166032T1U RENESAS-UPD166032T1U Datasheet
789Kb / 41P
   INTELLIGENT POWER DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com