Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM1430S-37 Datasheet(PDF) 11 Page - Union Semiconductor, Inc.

Part # UM1430S-37
Description  18V Input, 100mA Current Limited, Micropower Linear Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM1430S-37 Datasheet(HTML) 11 Page - Union Semiconductor, Inc.

Back Button UM1430S-37 Datasheet HTML 7Page - Union Semiconductor, Inc. UM1430S-37 Datasheet HTML 8Page - Union Semiconductor, Inc. UM1430S-37 Datasheet HTML 9Page - Union Semiconductor, Inc. UM1430S-37 Datasheet HTML 10Page - Union Semiconductor, Inc. UM1430S-37 Datasheet HTML 11Page - Union Semiconductor, Inc. UM1430S-37 Datasheet HTML 12Page - Union Semiconductor, Inc. UM1430S-37 Datasheet HTML 13Page - Union Semiconductor, Inc. UM1430S-37 Datasheet HTML 14Page - Union Semiconductor, Inc. UM1430S-37 Datasheet HTML 15Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.03 Mar.2016
11/19
UM1430/1440
Electrical Characteristics
VIN= VOUT+1V, CIN= 1μF, COUT=10μF , TA=25°C.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Input Voltage Range
3.6
18
V
VOUT
Output Voltage Range
2.0
6.0
V
IQ
Operating Quiescent
Current
IOUT=0mA, VIN=18V
4.8
7.0
μA
VIN=18V, IOUT=30mA
70
ISHDN
Shutdown Leakage
Current
1.3
2
μA
IOUT
Output Current
30
mA
Output Voltage
Accuracy
IOUT=30mA, TA=+25℃
-3
+3
%
ΔV
DO
Dropout Voltage
IOUT=30mA
250
350
mV
ILIMT
Output Current Limit
VIN≥2.5V
100
mA
t
Startup Time Response
150
μs
VIL
Enable Input Low
Voltage
0.7
V
VIH
Enable Input High
Voltage
2.0
V
TC
Output Voltage
Temperature
Coefficient
IOUT=10mA
150
ppm/°C
Line Regulation
VOUT+1V≤VIN≤18V
(3.6V≤V
IN)
IOUT=10mA
0.05
%/V
Load Regulation
VIN=VOUT+1V (3.6V≤VIN)
1μA≤IOUT≤30mA
15
mV
Output Voltage Noise
10Hz to 100kHz
CIN=1μF, IOUT=100mA
VOUT=2.0V
450
μV
RMS
PSRR
Power Supply Ripple
Rejection
VIN=VOUT+1V
IOUT=100mA
(3.6V≤V
IN)
f=100Hz
55
dB
f=1kHz
45
f=10kHz
35


Similar Part No. - UM1430S-37

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1431 UNIONSEMI-UM1431 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
UM1431B-20 UNIONSEMI-UM1431B-20 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
UM1431B-21 UNIONSEMI-UM1431B-21 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
UM1431B-22 UNIONSEMI-UM1431B-22 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
UM1431B-23 UNIONSEMI-UM1431B-23 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
More results

Similar Description - UM1430S-37

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1431 UNIONSEMI-UM1431 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
logo
Cherry Semiconductor Co...
CS8221 CHERRY-CS8221 Datasheet
149Kb / 6P
   Micropower 5V, 100mA Low Dropout Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM7533HB HMSEMI-HM7533HB Datasheet
233Kb / 2P
   High Input Micropower Linear Regulator
HM7550HB HMSEMI-HM7550HB Datasheet
222Kb / 2P
   High Input Micropower Linear Regulator
HM7530HB HMSEMI-HM7530HB Datasheet
194Kb / 2P
   High Input Micropower Linear Regulator
logo
Linear Technology
LT3060 LINER-LT3060 Datasheet
283Kb / 20P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_11 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_15 Datasheet
441Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
logo
Sipex Corporation
SP78LC00 SIPEX-SP78LC00 Datasheet
912Kb / 10P
   Micropower, 100mA CMOS LDO Regulator
logo
Analog Microelectronics
AME78LXX AME-AME78LXX Datasheet
167Kb / 15P
   100mA Positive Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com