Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM809AEP Datasheet(PDF) 3 Page - Union Semiconductor, Inc.

Part # UM809AEP
Description  3-Pin Microprocessor Reset Circuits
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM809AEP Datasheet(HTML) 3 Page - Union Semiconductor, Inc.

  UM809AEP Datasheet HTML 1Page - Union Semiconductor, Inc. UM809AEP Datasheet HTML 2Page - Union Semiconductor, Inc. UM809AEP Datasheet HTML 3Page - Union Semiconductor, Inc. UM809AEP Datasheet HTML 4Page - Union Semiconductor, Inc. UM809AEP Datasheet HTML 5Page - Union Semiconductor, Inc. UM809AEP Datasheet HTML 6Page - Union Semiconductor, Inc. UM809AEP Datasheet HTML 7Page - Union Semiconductor, Inc. UM809AEP Datasheet HTML 8Page - Union Semiconductor, Inc. UM809AEP Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.06 Apr.2015
3/14
UM809/810
Electrical Characteristics
VCC=full range, TA=-40°C to +85°C, unless otherwise noted. Typical values are at TA=+25°C,
VCC=5V for L/M/J versions, VCC=3.3V for T/S versions, VCC=3V for R version, and VCC=2.5V for
Z version. (Note 1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC Range
TA=0°C to + 70°C
1.0
10
V
TA=-40°C to +85°C
1.2
10
ICC
Supply Current
VCC<5.5V, UM8_L/M/J
3
5
μA
VCC<3.6V, UM8_R/S/T/Z
3
5
VTH
Reset Threshold
UM8_L
TA=+25°C
4.49
4.63
4.72
V
TA=-40°C to +85°C
4.44
4.76
UM8_M
TA=+25°C
4.29
4.38
4.51
TA=-40°C to +85°C
4.25
4.55
UM8_J
TA=+25°C
3.90
4.00
4.10
TA=-40°C to +85°C
3.86
4.14
UM8_T
TA=+25°C
3.02
3.08
3.18
TA=-40°C to +85°C
2.99
3.21
UM8_S
TA=+25°C
2.83
2.93
2.97
TA=-40°C to +85°C
2.80
3.00
UM8_R
TA=+25°C
2.54
2.63
2.67
TA=-40°C to +85°C
2.51
2.69
UM8_Z
TA=+25°C
2.24
2.32
2.36
TA=-40°C to +85°C
2.22
2.38
Reset Threshold Tempco
30
ppm/°C
VCC to Reset Delay
(Note 2)
VCC=VTH to (VTH–100mV)
10
μs
Reset Active Timeout
Period
TA=-40°C to +85°C
140
240
360
ms
VOL
RESET
____________
Output Voltage
Low (Push-Pull Active
Low, UM809)
VCC=VTH min, ISINK=1.2mA,
UM809R/S/T/Z
0.3
V
VCC=VTH min, ISINK=3.2mA,
UM809J/L/M
0.4
VCC≤1.0V, ISINK=50μA
0.3
VOH
RESET
____________
Output Voltage
High (Push-Pull Active
Low, UM809)
VCC>VTH max, ISOURCE=500μA,
UM809R/S/T/Z
0.8VCC
V
VCC>VTH max, ISOURCE=800μA,
UM809J/L/M
VCC–1.5
VOL
RESET Output Voltage
Low (Push-Pull Active
High, UM810)
VCC=VTH max, ISINK=1.2mA,
UM810R/S/T/Z
0.3
V
VCC=VTH max, ISINK=3.2mA,
UM810J/L/M
0.4
VOH
RESET Output Voltage
High (Push-Pull Active
High, UM810)
1.8V<VCC<VTH min,
ISOURCE=150µA
0.8VCC
V
Note 1: Production testing done at TA=+25°C; limits over temperature guaranteed by design only.
Note 2: RESET
_____________
output for UM809; RESET output for UM810.


Similar Part No. - UM809AEP

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM809AEP UNIONSEMI-UM809AEP Datasheet
322Kb / 15P
   3-Pin Microprocessor Reset Circuits
More results

Similar Description - UM809AEP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
Maxim Integrated Produc...
MAX809MEUR MAXIM-MAX809MEUR Datasheet
162Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
MAX809SEUR-T MAXIM-MAX809SEUR-T Datasheet
194Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
logo
Analog Intergrations Co...
AIC809 AIC-AIC809 Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Union Semiconductor, In...
UM809 UNIONSEMI-UM809 Datasheet
322Kb / 15P
   3-Pin Microprocessor Reset Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com