Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM1330P-32 Datasheet(PDF) 6 Page - Union Semiconductor, Inc.

Part # UM1330P-32
Description  150mA, Low Noise, Low Dropout Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM1330P-32 Datasheet(HTML) 6 Page - Union Semiconductor, Inc.

Back Button UM1330P-32 Datasheet HTML 2Page - Union Semiconductor, Inc. UM1330P-32 Datasheet HTML 3Page - Union Semiconductor, Inc. UM1330P-32 Datasheet HTML 4Page - Union Semiconductor, Inc. UM1330P-32 Datasheet HTML 5Page - Union Semiconductor, Inc. UM1330P-32 Datasheet HTML 6Page - Union Semiconductor, Inc. UM1330P-32 Datasheet HTML 7Page - Union Semiconductor, Inc. UM1330P-32 Datasheet HTML 8Page - Union Semiconductor, Inc. UM1330P-32 Datasheet HTML 9Page - Union Semiconductor, Inc. UM1330P-32 Datasheet HTML 10Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.02 Nov.2014
6/14
UM1330
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Value
Unit
VIN
Supply Voltage on VIN Pin
-0.3 to +7
V
VEN
Voltage on EN Pin
-0.3 to +7
V
PD
Power Dissipation
Internally Limited
(Note 2)
TJ
Operating Junction Temperature
-40 to +125
°C
TSTG
Storage Temperature Range
-55 to +150
°C
TL
Lead Temperature for Soldering 10 seconds
+260
°C
ESD
ESD Rating (Note 3)
±2
kV
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be
impaired.
Note 2: The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) =
(TJ(max)–TA)/θJA. Exceeding the maximum allowable power dissipation will result in
excessive die temperature, and the regulator will go into thermal shutdown. The θJA of the
UM1330S-xx, UM1330P-xx and UM1330DA-xx are 235°C/W, 256°C/W and 142°C/W
respectively.
Note 3: Devices are ESD sensitive. Handling precautions recommended. Human body model,
1.5k in series with 100pF.
Recommended Operating Conditions (Note 4)
Symbol
Parameter
Value
Unit
VIN
Supply Voltage on VIN Pin
+2.7 to +5.5
V
VEN
Voltage on EN Pin
-0.3 to +VIN
V
TA
Ambient Temperature
-40 to +85
°C
θ
JA
Junction Thermal Resistance
SOT23-5
+235
°C/W
SOT353
+256
DFN6 2.0×2.0
+142
Note 4: The device is not guaranteed to function outside its operating rating.


Similar Part No. - UM1330P-32

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1330P-32 UNIONSEMI-UM1330P-32 Datasheet
634Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
More results

Similar Description - UM1330P-32

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330 Datasheet
634Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
logo
ADDtek Corp
AMC8878 ADDTEK-AMC8878 Datasheet
271Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
logo
List of Unclassifed Man...
AMC8878 ETC1-AMC8878 Datasheet
513Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
logo
Semtech Corporation
SC8863 SEMTECH-SC8863_05 Datasheet
224Kb / 11P
   150mA Ultra Low Dropout, Low Noise Regulator
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
logo
Semtech Corporation
SC8863 SEMTECH-SC8863 Datasheet
92Kb / 9P
   150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com