Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM1360 Datasheet(PDF) 10 Page - Union Semiconductor, Inc.

Part # UM1360
Description  Hysteretic Buck High Brightness LED Driver with Internal Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM1360 Datasheet(HTML) 10 Page - Union Semiconductor, Inc.

Back Button UM1360_16 Datasheet HTML 5Page - Union Semiconductor, Inc. UM1360_16 Datasheet HTML 6Page - Union Semiconductor, Inc. UM1360_16 Datasheet HTML 7Page - Union Semiconductor, Inc. UM1360_16 Datasheet HTML 8Page - Union Semiconductor, Inc. UM1360_16 Datasheet HTML 9Page - Union Semiconductor, Inc. UM1360_16 Datasheet HTML 10Page - Union Semiconductor, Inc. UM1360_16 Datasheet HTML 11Page - Union Semiconductor, Inc. UM1360_16 Datasheet HTML 12Page - Union Semiconductor, Inc. UM1360_16 Datasheet HTML 13Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.05 Apr.2016
10/13
UM1360
IOUT=(0.1*D)/RS (0≤D≤100%, 2.5V<Vpulse<5V)
IOUT=(Vpulse*0.1*D)/(2.5*RS)
(0≤D≤100%, 0.5V<Vpulse<2.5V)
D1
Rs 0.13Ω
L1
68
μH
10
μF
C1
VIN (6V-40V)
VIN
VSET
ISENSE
LX
UM1360
LED
3W
PWM dimming provides reduced brightness by modulating the LED’s forward current
between 0% and 100%. The LED brightness is controlled by adjusting the relative ratios of
the on time to the off time. A 25% brightness level is achieved by turning the LED on at full
current for 25% of one cycle. To ensure this switching process between on and off state is
invisible by human eyes, the switching frequency must be greater than 100Hz. When above
100Hz, the human eyes average the on and off times, seeing only an effective brightness that
is proportional to the LED’s on-time duty cycle. The advantage of PWM dimming is that the
forward current is always constant, therefore the LED color does not vary with brightness as it
does with analog dimming. Pulsing the current provides precise brightness control while
preserving the color purity.
Capacitor Selection
A low ESR capacitor should be used for input decoupling, as the ESR of this capacitor
appears in series with the supply source impedance and lowers overall efficiency. This
capacitor has to supply the relatively high peak current to the coil and smooth the current
ripple on the input supply. A minimum value of 4.7μF is acceptable if the input source is close
to the device, but higher values will improve performance at lower input voltages, especially
when the source impedance is high. The input capacitor should be placed as close as possible
to the IC.
For maximum stability over temperature and voltage, capacitors with X7R, X5R, or better
dielectric are recommended. Capacitors with Y5V dielectric are not suitable for decoupling in
this application and should NOT be used.
Inductor Selection
Recommended inductor values for the UM1360 are in the range 27μH to 220μH. Higher
values of inductance are recommended at higher supply voltages in order to minimize errors
due to switching delays, which result in increased ripple and lower efficiency. Higher values
of inductance also result in a smaller change in output current over the supply voltage range.
The inductor should be mounted as close to the device as possible with low resistance
connections to the LX and VIN pins. The chosen coil should have a saturation current higher
than the peak output current and a continuous current rating above the required mean output
current. Suitable coils for the UM1360 are listed in the table below:


Similar Part No. - UM1360_16

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1360S UNIONSEMI-UM1360S Datasheet
855Kb / 14P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1360Y UNIONSEMI-UM1360Y Datasheet
855Kb / 14P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
More results

Similar Description - UM1360_16

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1361S UNIONSEMI-UM1361S Datasheet
480Kb / 13P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1360 UNIONSEMI-UM1360 Datasheet
855Kb / 14P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1351 UNIONSEMI-UM1351_16 Datasheet
467Kb / 14P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1361S UNIONSEMI-UM1361S_16 Datasheet
488Kb / 13P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
UM1351 UNIONSEMI-UM1351 Datasheet
849Kb / 14P
   Hysteretic Buck High Brightness LED Driver with Internal Switch
logo
E-CMOS Corporation
EC4304 E-CMOS-EC4304 Datasheet
600Kb / 13P
   1A, Hysteretic, High Brightness LED Driver with Internal Switch
EC4304C E-CMOS-EC4304C Datasheet
591Kb / 8P
   1.5A, Hysteretic, High Brightness LED Driver with Internal Switch
logo
SHANGHAI BELLING CO., L...
BL9580 BELLING-BL9580 Datasheet
350Kb / 17P
   High Brightness LED Driver with Internal Switch
BL9582 BELLING-BL9582 Datasheet
309Kb / 16P
   High Brightness LED Driver with Internal Switch
BL9581 BELLING-BL9581 Datasheet
325Kb / 16P
   High Brightness LED Driver with Internal Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com