Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RAA2900014H12HPD Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RAA2900014H12HPD
Description  INTELLIGENT POWER DEVICE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA2900014H12HPD Datasheet(HTML) 5 Page - Renesas Technology Corp

  RAA2900014H12HPD Datasheet HTML 1Page - Renesas Technology Corp RAA2900014H12HPD Datasheet HTML 2Page - Renesas Technology Corp RAA2900014H12HPD Datasheet HTML 3Page - Renesas Technology Corp RAA2900014H12HPD Datasheet HTML 4Page - Renesas Technology Corp RAA2900014H12HPD Datasheet HTML 5Page - Renesas Technology Corp RAA2900014H12HPD Datasheet HTML 6Page - Renesas Technology Corp RAA2900014H12HPD Datasheet HTML 7Page - Renesas Technology Corp RAA2900014H12HPD Datasheet HTML 8Page - Renesas Technology Corp RAA2900014H12HPD Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
RAA2900014H12HPD Datasheet
3. Specification
R07DS1266EJ0100 Rev.1.00
Page 5
Jun 17, 2015
3.4 Absolute Maximum Ratings
Ta=25degreeC, unless other specified
Parameter
Symbol
Rating
Unit
Test Condition
Vcc Voltage
VCC
28
V
Vcc Voltage at
reverse battery condition
-VCC
-16
V
RL=Nomimal load, Refer 3.8.4, t<2min
Output Drain to Source
Voltage
VDSS
42
V
RL=Nomimal load, Refer 3.8.4, t = 200 ms
Load Current
IL
Self limited
A
OUT Reverse Current at
reverse battery condition
-IL
-5
A
t<2min
Total power dissipation
for whole device (DC)
PD
1.8
W
Ta=85degreeC,
Device on 50mmx50mmx1.5mm epoxy PCB FR4
with 6 cm2 of 70 um copper area
Voltage between EXT
and OUT
Vdd
6.5
V
Channel Temperature
Tch
-40 to +150
degreeC
Storage Temperature
Tstg
-55 to +150
degreeC
ESD susceptibility
VESD
2000
V
HBM
AEC-Q100-002 std.
R=1.5kohm, C=100pF
All pin
4000
IEC61000-4-2 std.
R=330ohm, C=150pF,
100nF at VCC and OUT
VCC, OUT
200
V
MM
AEC-Q100-003 std.
R=0ohm, C=200pF
3.5 Recommended Operation Condition
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Ambient temperature
Ta
-20
85
degreeC
Power supply voltage
VCC
9
16
V
3.6 Thermal Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Thermal characteristics
Rth(ch-a)
40
degree
C/W
According to JEDEC JESD51-2, -5, -7 on
FR4 2s2p board
Rth(ch-c)
5
degree
C/W


Similar Part No. - RAA2900014H12HPD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA2900024H12HPD RENESAS-RAA2900024H12HPD Datasheet
486Kb / 19P
   INTELLIGENT POWER DEVICE
RAA2900034H12HPD RENESAS-RAA2900034H12HPD Datasheet
572Kb / 19P
   INTELLIGENT POWER DEVICE
Feb. 28, 2020
More results

Similar Description - RAA2900014H12HPD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD166034T1U RENESAS-UPD166034T1U Datasheet
804Kb / 41P
   INTELLIGENT POWER DEVICE
UPD166011T1J RENESAS-UPD166011T1J Datasheet
211Kb / 28P
   INTELLIGENT POWER DEVICE
UPD166035GR RENESAS-UPD166035GR Datasheet
534Kb / 17P
   INTELLIGENT POWER DEVICE
RAA2900034H12HPD RENESAS-RAA2900034H12HPD Datasheet
572Kb / 19P
   INTELLIGENT POWER DEVICE
Feb. 28, 2020
UPD166030T1K RENESAS-UPD166030T1K Datasheet
838Kb / 42P
   INTELLIGENT POWER DEVICE
UPD166028T1K RENESAS-UPD166028T1K Datasheet
841Kb / 42P
   INTELLIGENT POWER DEVICE
UPD166025T1J RENESAS-UPD166025T1J Datasheet
954Kb / 41P
   INTELLIGENT POWER DEVICE
RAA2900024H12HPD RENESAS-RAA2900024H12HPD Datasheet
486Kb / 19P
   INTELLIGENT POWER DEVICE
UPD166023T1J RENESAS-UPD166023T1J Datasheet
954Kb / 41P
   INTELLIGENT POWER DEVICE
UPD166032T1U RENESAS-UPD166032T1U Datasheet
789Kb / 41P
   INTELLIGENT POWER DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com