Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM1330S-21 Datasheet(PDF) 7 Page - Union Semiconductor, Inc.

Part # UM1330S-21
Description  150mA, Low Noise, Low Dropout Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM1330S-21 Datasheet(HTML) 7 Page - Union Semiconductor, Inc.

Back Button UM1330S-21 Datasheet HTML 3Page - Union Semiconductor, Inc. UM1330S-21 Datasheet HTML 4Page - Union Semiconductor, Inc. UM1330S-21 Datasheet HTML 5Page - Union Semiconductor, Inc. UM1330S-21 Datasheet HTML 6Page - Union Semiconductor, Inc. UM1330S-21 Datasheet HTML 7Page - Union Semiconductor, Inc. UM1330S-21 Datasheet HTML 8Page - Union Semiconductor, Inc. UM1330S-21 Datasheet HTML 9Page - Union Semiconductor, Inc. UM1330S-21 Datasheet HTML 10Page - Union Semiconductor, Inc. UM1330S-21 Datasheet HTML 11Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.02 Nov.2014
7/14
UM1330
Electrical Characteristics
VEN = VIN = VOUT + 1V; IL =100μA; CL = 1.0μF; CBYP = 0.01μF per output; TA = 25°C, unless
noted.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Input Voltage
2.7
5.5
V
UVLO
Under Voltage Lock
1.4
2.5
V
VOUT
Output Voltage
1.5
3.3
V
IOUT
Output Current
150
mA
ISHDN
Shutdown Current
VEN<0.2V
0.2
1
μA
Ground Pin Current
VIN=4.3V, IOUT=0mA
88
103
μA
VIN=4.3V, IOUT=150mA
230
320
ΔV
DO
Dropout Voltage
IOUT=50mA
55
mV
IOUT=150mA
170
220
ILIMT
Output Current Limit
VOUT =0V
200
250
350
mA
Output Voltage
Accuracy
IOUT=100μA, TA=25℃
-2.0
+2.0
%
IOUT=100μA,
–40°C< T
A <+85°
C
-3.0
+3.0
LNR
Line Regulation
VIN= VOUT+1V to 5.5V
0.05
0.4
%/V
LDR
Load Regulation
IOUT=0.1mA to 150mA
0.2
1
%
Output Voltage
Noise
COUT=1.0μF,CBYP=0.1μF,
f=10Hz to 100kHz
56
μV
RMS
PSRR
Power Supply Ripple
Rejection
CBYP=0.1μF,
ILOAD=50mA
f=100Hz
67
dB
f=1kHz
58
f=10kHz
37
Enable Input
VIL
Enable Input Voltage
Logic Low
VIN=2.7V to 5.5V,
regulator shutdown
0.2
V
VIH
Enable Input Voltage
Logic High
VIN=2.7V to 5.5V,
regulator enabled
1.4
IEN
Enable Input Current
VIL<0.4V,
regulator shutdown
0.01
1
μA
VIH>1.6V,
regulator enabled
0.01
1
Thermal Shutdown
TSHDN
Thermal Shutdown
Temperature
155
°C
ΔT
SHDN
Thermal-Shutdown
Hysteresis
15
°C
Turn-on/Turn-off Characteristics
Turn-on Time
30
μs
Discharge Resistance
500
Ω


Similar Part No. - UM1330S-21

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1330S-21 UNIONSEMI-UM1330S-21 Datasheet
634Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
More results

Similar Description - UM1330S-21

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330 Datasheet
634Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
logo
ADDtek Corp
AMC8878 ADDTEK-AMC8878 Datasheet
271Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
JUNE 2006
logo
List of Unclassifed Man...
AMC8878 ETC1-AMC8878 Datasheet
513Kb / 9P
   LOW NOISE 150mA LOW DROPOUT REGULATOR
logo
Semtech Corporation
SC8863 SEMTECH-SC8863_05 Datasheet
224Kb / 11P
   150mA Ultra Low Dropout, Low Noise Regulator
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
logo
Semtech Corporation
SC8863 SEMTECH-SC8863 Datasheet
92Kb / 9P
   150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com