Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM809YS Datasheet(PDF) 8 Page - Union Semiconductor, Inc.

Part # UM809YS
Description  3-Pin Microprocessor Reset Circuits
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM809YS Datasheet(HTML) 8 Page - Union Semiconductor, Inc.

Back Button UM809YS Datasheet HTML 4Page - Union Semiconductor, Inc. UM809YS Datasheet HTML 5Page - Union Semiconductor, Inc. UM809YS Datasheet HTML 6Page - Union Semiconductor, Inc. UM809YS Datasheet HTML 7Page - Union Semiconductor, Inc. UM809YS Datasheet HTML 8Page - Union Semiconductor, Inc. UM809YS Datasheet HTML 9Page - Union Semiconductor, Inc. UM809YS Datasheet HTML 10Page - Union Semiconductor, Inc. UM809YS Datasheet HTML 11Page - Union Semiconductor, Inc. UM809YS Datasheet HTML 12Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.06 Apr.2015
8/14
UM809/810
Package Information
UM809/810 SOT323
Outline Drawing
b
D
PIN 1
e
e
Q1
c
Top View
End View
Side View
DIMENSIONS
Symbol
MILLIMETERS
INCHES
Min
Max
Min
Max
D
1.80
2.20
0.072
0.088
E
1.15
1.35
0.006
0.054
HE
1.80
2.40
0.072
0.050
b
0.25
0.40
0.010
0.016
e
0.65BSC
0.026BSC
Q1
0.10
0.40
0.004
0.016
A
0.80
1.10
0.032
0.044
A1
0.00
0.10
0.00
0.004
A2
0.80
1.00
0.032
0.040
c
0.10
0.18
0.004
0.007
L
0.10
0.30
0.004
0.012
L1
0.425TYP
0.017TYP
Land Pattern
0.65
0.65
0.5
NOTES:
1. Compound dimension: 2.00×1.25;
2. Unit: mm;
3.General tolerance ±0.05mm unless otherwise
specified;
4. The layout is just for reference.
Tape and Reel Orientation


Similar Part No. - UM809YS

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM809YS UNIONSEMI-UM809YS Datasheet
322Kb / 15P
   3-Pin Microprocessor Reset Circuits
More results

Similar Description - UM809YS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
Maxim Integrated Produc...
MAX809MEUR MAXIM-MAX809MEUR Datasheet
162Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
MAX809SEUR-T MAXIM-MAX809SEUR-T Datasheet
194Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
logo
Analog Intergrations Co...
AIC809 AIC-AIC809 Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Union Semiconductor, In...
UM809 UNIONSEMI-UM809 Datasheet
322Kb / 15P
   3-Pin Microprocessor Reset Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com