Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

339LBA010M2BH Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 339LBA010M2BH
Description  Standard 2000 hrs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

339LBA010M2BH Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  339LBA010M2BH Datasheet HTML 1Page - Illinois Capacitor, Inc. 339LBA010M2BH Datasheet HTML 2Page - Illinois Capacitor, Inc. 339LBA010M2BH Datasheet HTML 3Page - Illinois Capacitor, Inc. 339LBA010M2BH Datasheet HTML 4Page - Illinois Capacitor, Inc. 339LBA010M2BH Datasheet HTML 5Page - Illinois Capacitor, Inc. 339LBA010M2BH Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES
Multiple case sizes - High voltage High Current
APPLICATIONS
Filtering Switching Power Supplies
Operating Temperature
Range
-40°C to +85°C (10VDC to 250VDC)
-25°C to +85°C (350VDC to 500VDC)
Capacitance Tolerance
+20% at 120 Hz, 20°C
WVDC
10
16
25
35
50
63
80
100
160
200
250
350
400
450
500
Surge Voltage
SVDC
13
20
32
44
63
79
100
120
200
250
300
400
450
500
550
WVDC
10
16
25
35
50
63
80
100
160
200
250
350
400
450
500
tan
δ
.55
.5
.45
.4
.35
.3
.25
.2
.15
.15
.15
.15
.15
.2
.2
Dissipation
Factor
(120 Hz)
For capacitance values above 33000
μF
(capacitance-33000
μF)*0.1
add the following to the Dissipation factors values above
10000
μF
Time
5 Minutes
Leakage Current
@20°C, Rated WVDC
applied
3
√CV
WVDC
10
16
25
35
50
63
80
100
160
200
250
350
400
450
500
-25°C/+20°C
4
4
4
4
4
4
4
4
3
3
3
3
8
8
8
Impedance
Ratio
(120 Hz)
-40°C/+20°C
15
15
15
15
15
15
15
15
15
15
15
-
-
-
-
2000 hours with rated voltage applied at 85°C with full rated ripple current applied
Capacitance Change
<20% of initial measured value
Dissipation Factor
<200% of maximum specified value
Load Life
Leakage Current
<100% of maximum specified value
1000 hours at 85°C with no voltage applied
Capacitance Change
<20% of initial measured value
Dissipation Factor
<200% of maximum specified value
Shelf Life
Leakage Current
<100% of maximum specified value
Frequency (Hz)
WVDC
60
120
1k
10k
10 to 100
0.9
1.0
1.15
1.25
160 to 250
0.8
1.0
1.15
1.47
Ripple Current
Multipliers
350 to 500
0.8
1.0
1.15
1.47
.


Similar Part No. - 339LBA010M2BH

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
339LBA010M2BH ILLINOISCAPACITOR-339LBA010M2BH Datasheet
394Kb / 6P
   Multiple case sizes - High voltage ??High Current
339LBA010M2BH ILLINOISCAPACITOR-339LBA010M2BH Datasheet
551Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
More results

Similar Description - 339LBA010M2BH

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107SML035M ILLINOISCAPACITOR-107SML035M_16 Datasheet
245Kb / 3P
   Standard 2000 hrs
474BPA050M ILLINOISCAPACITOR-474BPA050M_16 Datasheet
218Kb / 2P
   Bi-Polar/ non-polar 2000 hrs
104CKR050M ILLINOISCAPACITOR-104CKR050M_16 Datasheet
293Kb / 3P
   Standard 2000 hour
logo
Linear Technology
LT5400 LINER-LT5400 Datasheet
204Kb / 8P
   Quad Matched Resistor Network Long-Term Stability: <2ppm at 2000 Hrs
logo
List of Unclassifed Man...
CHM48 ETC2-CHM48 Datasheet
187Kb / 3P
   AC : capacity 100,000 hrs 99,999.99 hrs
99772716 ETC2-99772716 Datasheet
187Kb / 3P
   AC : capacity 100,000 hrs (99,999.99 hrs)
CHM24 ETC2-CHM24 Datasheet
135Kb / 3P
   VAC : capacity 100,000 hrs (99,999.99 hrs)
logo
Illinois Capacitor, Inc...
474TTA100M ILLINOISCAPACITOR-474TTA100M_16 Datasheet
296Kb / 3P
   Standard, general purpose 2000 hours
logo
JMK Inc.
FF-1319-13E JMK-FF-1319-13E Datasheet
45Kb / 1P
   2,278,891 Hrs
FF-1319-13G JMK-FF-1319-13G Datasheet
43Kb / 1P
   2,278,891 Hrs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com