Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REF3020 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # REF3020
Description  50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3020 Datasheet(HTML) 6 Page - Texas Instruments

Back Button REF3020 Datasheet HTML 2Page - Texas Instruments REF3020 Datasheet HTML 3Page - Texas Instruments REF3020 Datasheet HTML 4Page - Texas Instruments REF3020 Datasheet HTML 5Page - Texas Instruments REF3020 Datasheet HTML 6Page - Texas Instruments REF3020 Datasheet HTML 7Page - Texas Instruments REF3020 Datasheet HTML 8Page - Texas Instruments REF3020 Datasheet HTML 9Page - Texas Instruments REF3020 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
REF3012, 3020, 3025, 3030, 3033, 3040
6
SBVS032E
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VIN = +5V power supply, REF3025 is used for typical characteristics, unless otherwise noted.
LINE TRANSIENT RESPONSE
10
µs/div
V
IN
V
OUT
STEP RESPONSE, C
L = 0, 3V STARTUP
40
µs/div
V
IN
V
OUT
STEP RESPONSE, C
L = 0, 5V STARTUP
10
µs/div
V
IN
V
OUT
0-1mA LOAD TRANSIENT (C
L = 0)
10
µs/div
I
L = 1mA
V
OUT
I
L = 0mA
0-5mA LOAD TRANSIENT (C
L = 0)
10
µs/div
I
L = 5mA
V
OUT
I
L = 0mA
1-6mA LOAD TRANSIENT (C
L =1µF)
40
µs/div
V
OUT
I
L = 0mA
I
L = 6mA


Similar Part No. - REF3020

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF3020 BURR-BROWN-REF3020 Datasheet
412Kb / 14P
   50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
REF3020AIDBZR BURR-BROWN-REF3020AIDBZR Datasheet
412Kb / 14P
   50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Texas Instruments
REF3020AIDBZR TI1-REF3020AIDBZR Datasheet
1Mb / 26P
[Old version datasheet]   CMOS Voltage Reference
logo
Burr-Brown (TI)
REF3020AIDBZRG4 BURR-BROWN-REF3020AIDBZRG4 Datasheet
412Kb / 14P
   50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Texas Instruments
REF3020AIDBZRG4 TI1-REF3020AIDBZRG4 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS Voltage Reference
More results

Similar Description - REF3020

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF3012 BURR-BROWN-REF3012 Datasheet
412Kb / 14P
   50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
REF2912 BURR-BROWN-REF2912 Datasheet
345Kb / 13P
   100ppm/C, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Texas Instruments
REF3012 TI-REF3012_15 Datasheet
622Kb / 17P
[Old version datasheet]   50ppm/째C Max, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX6520 MAXIM-MAX6520 Datasheet
83Kb / 6P
   50ppm/째C, SOT23, 3-Terminal, 1.2V Voltage Reference
Rev 0; 9/96
MAX6520 MAXIM-MAX6520_V01 Datasheet
328Kb / 6P
   50ppm/째C, SOT23, 3-Terminal, 1.2V Voltage Reference
2005
logo
Burr-Brown (TI)
REF3125 BURR-BROWN-REF3125 Datasheet
250Kb / 11P
   15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
REF3112 BURR-BROWN-REF3112 Datasheet
284Kb / 13P
   15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
logo
Texas Instruments
REF2912 TI-REF2912_15 Datasheet
618Kb / 17P
[Old version datasheet]   100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF2912 BURR-BROWN-REF2912_07 Datasheet
409Kb / 16P
   100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Texas Instruments
REF2912 TI-REF2912_08 Datasheet
581Kb / 15P
[Old version datasheet]   100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com