Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDV4B16-E Datasheet(PDF) 1 Page - NICHIA CORPORATION

Part # NDV4B16-E
Description  Violet Laser Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NDV4B16-E Datasheet(HTML) 1 Page - NICHIA CORPORATION

  NDV4B16-E Datasheet HTML 1Page - NICHIA CORPORATION NDV4B16-E Datasheet HTML 2Page - NICHIA CORPORATION NDV4B16-E Datasheet HTML 3Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
-1-
[ UTZ-SC0325_3 ]
2013/01/25
Violet Laser Diode
NDV4B16
Features
• Optical Output Power:
CW 300mW (@Tc=25
C)
• Peak Wavelength: 405nm
• Can Type:
5.6 Floating Mounted with Photo Diode and Zener Diode
Absolute Maximum Ratings
Item
Symbol
Absolute Maximum
Ratings
Unit
Optical Output Power(Tc=25
C)*
Po
360
mW
Allowable Reverse Current
Ir (LD)
85
mA
PD Reverse Voltage
Vr (PD)
5
V
Storage Temperature
Tstg
-40 ~ 85
C
Operating Case Temperature
Tc
0 ~ 70
C
Initial Electrical/Optical Characteristics
(Tc=25
C)
Item
Condition Symbol Min
Typ.
Max
Unit
Optical Output Power*
CW
Po
-
-
300
mW
Peak Wavelength
Po=300mW
p
400
405
410
nm
Threshold Current
CW
Ith
-
33
40
mA
Operating Current
Po=300mW
Iop
-
230
280
mA
Slope Efficiency
CW
1.3
1.6
1.9
W/A
Operating Voltage
Po=300mW
Vop
-
5.3
5.8
V
Beam
Divergence**
Parallel
Po=300mW
//
8.0
10.0
12.0
Perpendicular

17.0
19.0
21.0
Beam Pointing
Accuracy
Parallel
Po=300mW
//
-2.0
-
2.0
Perpendicular

-2.5
-
2.5
Monitor Current***
Po=300mW
Im
0.2
-
2.0
mA
* Refer graph of Optical Output Power vs. Case Temperature
** Full angle at 50% from peak intensity
*** Monitor Current is short time power reference purpose only.
Not guaranteed for accuracy.
All figures in this specification are measured by Nichia's method and may contain measurement
deviations.
The above specifications are for reference purpose only and subjected to change without prior notice.
Safety of Laser light
Laser Light can damage the human eyes and skin. Do not expose the eye or skin to any laser light directly and/or through
optical lens. When handling the LDs, wear appropriate safety glasses to prevent laser light, even any reflections from entering
to the eye. Focused laser beam through optical instruments will increase the chance of eye hazard.
These LDs are classified in Class 4 of IEC60825-1 and 21 CFR Part 1040.10 Safety Standards. It is absolutely necessary
to take overall safety measures against User's modules, equipment and systems into which Nichia LDs are incorporated
and/or integrated.
NICHIA CORPORATION
http://www.nichia.co.jp
 HEADQUARTERS
491 Oka, Kaminaka-Cho, Anan-Shi, TOKUSHIMA 774-8601, JAPAN
PHONE: +81-884-22-2311
FAX: +81-884-21-0148
 CONTACT
TOKYO SALES OFFICE
13F Tamachi Center Building 34-7, Shiba 5-Chome, Minato-Ku, TOKYO 108-0014, JAPAN
PHONE: +81-3-3456-3108
FAX: +81-3-5440-7330
Outline Dimension
Unit (mm)
( ) are reference figures
Pin Connection
This model has a Zener Diode built in
as a protection circuit against static
electricity.
X+
(0.4)
(90°)
12
3
Y+
Φ 2.0±0.2
Φ 3.55±0.1
Φ 0.43±0.08
Φ 4.2±0.2
1.0±0.1
Emitting Point
Z+
Emitting Point
Reference Plane
Φ
4
 Optical Output Power vs. Case Temperature
0
50
100
150
200
250
300
350
400
0
1020 30405060 7080
C ase Tem perature [
℃]


Similar Part No. - NDV4B16-E

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NDV4B16E NICHIA-NDV4B16E Datasheet
374Kb / 3P
   Violet Laser Diode
More results

Similar Description - NDV4B16-E

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LD-450-80MG ROITHNER-LD-450-80MG Datasheet
354Kb / 3P
   Violet Laser Diode
logo
NICHIA CORPORATION
NDV4316E NICHIA-NDV4316E Datasheet
396Kb / 3P
   Violet Laser Diode
logo
Roithner LaserTechnik G...
RLT405200MGS ROITHNER-RLT405200MGS Datasheet
439Kb / 3P
   Violet Laser Diode
logo
NICHIA CORPORATION
NDV4916 NICHIA-NDV4916 Datasheet
167Kb / 3P
   Violet Laser Diode
NDV4313 NICHIA-NDV4313 Datasheet
171Kb / 3P
   Violet Laser Diode
logo
Roithner LaserTechnik G...
RLV4212 ROITHNER-RLV4212 Datasheet
178Kb / 3P
   Violet Laser Diode
logo
NICHIA CORPORATION
NDV4916E-E NICHIA-NDV4916E-E Datasheet
201Kb / 3P
   Violet Laser Diode
logo
Roithner LaserTechnik G...
RLT405500MG ROITHNER-RLT405500MG Datasheet
358Kb / 2P
   Violet Laser Diode
SLD3235VF ROITHNER-SLD3235VF Datasheet
490Kb / 3P
   Violet Laser Diode
logo
NICHIA CORPORATION
NDV7116-E NICHIA-NDV7116-E Datasheet
155Kb / 3P
   Violet Laser Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com