Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

338TMA050M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 338TMA050M
Description  Extended Life, 2000 hours
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

338TMA050M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  338TMA050M Datasheet HTML 1Page - Illinois Capacitor, Inc. 338TMA050M Datasheet HTML 2Page - Illinois Capacitor, Inc. 338TMA050M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATΜRES
Extended Life - High voltage
APPLICATIONS
Filtering Bypass Coupling Blocking
Operating Temperature
Range
-40°C to +105°C (6.3 to 400 WVDC)
-25°C to +105°C (450 WVDC)
Capacitance Tolerance
+20% at 120 Hz, 20°C
Surge
voltage
WVDC
6.3
10
16
25
35
50
63
100
160
200
250
350
400
450
SVDC
7.9
13
20
32
44
63
79
125
200
250
300
400
450
500
Dissipation
Factor
WVDC
6.3
10
16
25
35
50
63
100
160
200
250
350
400
450
Tan δ
.28
.24
.2
.18
.14
.12
.1
.09
.2
.2
.2
.2
.25
.25
Add .02 for every 1000μF above 1000μF
Leakage current
6.3 to 100 WVDC
160 to 450 WVDC
1 Minutes
1 Minute
1 Minute
.03CV or 4uA,
Whichever is greater
CV<1000
.01CV+40μA
CV>1000
.04CV+100μA
Low
temperature
stability
Impedance ratio
(120 Hz)
WVDC
6.3
10
16
25
35
50
63
100
160
200
250
350
400
450
-25°C to
+20°C
5
4
3
2
2
2
2
2
3
3
3
3
3
5
-40°C to
+20°C
12
10
8
6
5
4
4
4
8
6
6
6
6
-
Load Life
2000 hours at 105°C with rated WVDC and ripple current applied
Capacitance change
<20% of initial measured value
Dissipation factor
<200% of maximum specified value
Leakage current
<100% of maximum specified value
Shelf Life
1000 hours at 105°C with no voltage applied
Capacitance change
<20% initial measured value
Dissipation factor
<200% of maximum specified value
Leakage current
<100% of maximum specified value
Ripple Current
Multipliers
Capacitance
Frequency (Hz)
Temperature (°C)
μF
50
120
400
1k
10k
50k
+105
+85
+70
C<47
.75
1.0
1.35
1.57
2.0
2.0
1.0
1.4
1.62
47<C<470
.8
1.0
1.23
1.34
1.5
1.5
1.0
1.4
1.62
C>470
.85
1.0
1.1
1.13
1.15
1.15
1.0
1.4
1.62
D
5
6.3
8
10
12.5
16
18
22
25
d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
0.8
0.8
B
0.5
0.5
0.5
0.5
0.8
0.5
0.5
1.0
1.0
D< 10mm, L1=L+1.5mm Max.
mm
D> 10mm, L1=L+2mm Max.
D1=D+B Max.


Similar Part No. - 338TMA050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
338TMA050M ILLINOISCAPACITOR-338TMA050M Datasheet
104Kb / 4P
   105째C Standard Axial Lead Aluminum Electrolytic Capacitors
338TMA050M ILLINOISCAPACITOR-338TMA050M Datasheet
261Kb / 3P
   Extended Life - High voltage
338TMA050M ILLINOISCAPACITOR-338TMA050M Datasheet
114Kb / 1P
   AXIAL LEAD
More results

Similar Description - 338TMA050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC_16 Datasheet
348Kb / 5P
   Extended Life, 3000 hours
logo
United Chemi-Con, Inc.
EMVJ250ADA CHEMI-CON-EMVJ250ADA Datasheet
317Kb / 1P
   2000-hours-life, 105?
EMVJ100ADA CHEMI-CON-EMVJ100ADA Datasheet
317Kb / 1P
   2000-hours-life, 105?
EMVJ6R3ADA CHEMI-CON-EMVJ6R3ADA Datasheet
317Kb / 1P
   2000-hours-life, 105?
EMVJ160ADA CHEMI-CON-EMVJ160ADA Datasheet
317Kb / 1P
   2000-hours-life, 105?
EMVJ500ADA CHEMI-CON-EMVJ500ADA Datasheet
317Kb / 1P
   2000-hours-life, 105?
EMVJ350ADA CHEMI-CON-EMVJ350ADA Datasheet
317Kb / 1P
   2000-hours-life, 105?
logo
MERITEK ELECTRONICS COR...
SET MERITEK-SET Datasheet
711Kb / 4P
   Load Life : 125C 2000 hours
SHTL MERITEK-SHTL Datasheet
773Kb / 4P
   Load life : 105C 2000 hours.
SLL MERITEK-SLL Datasheet
737Kb / 4P
   Load Life : 85C 2000 hours
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com