Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS324 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PS324
Description  Precision, Single-Supply SPST Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS324 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PS324 Datasheet HTML 1Page - Pericom Semiconductor Corporation PS324 Datasheet HTML 2Page - Pericom Semiconductor Corporation PS324 Datasheet HTML 3Page - Pericom Semiconductor Corporation PS324 Datasheet HTML 4Page - Pericom Semiconductor Corporation PS324 Datasheet HTML 5Page - Pericom Semiconductor Corporation PS324 Datasheet HTML 6Page - Pericom Semiconductor Corporation PS324 Datasheet HTML 7Page - Pericom Semiconductor Corporation PS324 Datasheet HTML 8Page - Pericom Semiconductor Corporation PS324 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
5
PS8188C
10/24/02
PS323/PS324/PS325
Precision, Single Supply SPST Analog Switches
Application Information
The PS323, PS324, & PS325 dual analog switches precisely switch
inputs with a single 2.7V to 12V supply, low on-resistance (30Ohm)
and high speed operation (tON = 85ns, tOFF = 25ns). The devices
are suited to portable battery powered equipment due to a low
supply voltage (2.7V), low power consumption (5mW), and low
leakage currents (0.1nA). High frequency applications benefit from
the high bandwidth, high off isolation, and low crosstalk.
Proper Power Supply Sequencing & Over-voltage
Protection
With any CMOS device, proper power supply sequencing is needed
to protect the device from excessive input currents, which may
permanently damage the IC. All I/O pins contain ESD protection
diodes from the pin to V+ and to GND (see Figure 9 below).
To prevent forward biasing of these diodes, V+ must be applied
before any input signals, and input signals must swing between
V+ and GND. If these conditions cannot be guaranteed, then one
of two suggested protection methods must be employed. Protect
the logic inputs by adding a 1kOhm resistor in series with the input
(see Figure 9). The resistor limits the currents below the threshold
that can cause permanent damage to sub-micro Amp levels. This
reduced input current produces an insignificant voltage drop during
normal operation. A series resistor is not desirable, but small-signal
diodes can be added in series with the supply pins to provide
over-voltage protection for the IC. The diodes limit the analog
signal from 1V below V+ to 1V above GND. The leakage current will
remainlow,buttheswitchresistancemayincreaseatlowsupplyvoltages.
V+
Positive Supply
COM
NO
Vg
V-
Figure 1. Overvoltage Protection
Power-Supply Considerations
The PS32X construction is typical of most CMOS analog switches,
except that they have voltage supply pins: V+ and GND. These
pins power the internal CMOS switches and set the analog voltage
limits. Unlike switches with a 12V maximum supply voltage, the
PS32X series is made from a 17V-supply voltage technology that
provides room for 10-20% tolerance on 12V supplies. This
technology gives room for overshoot and noise spikes. While the
minimum recommended supply voltage is 2.7V, it is important to
note that the input signal-range, switching times, and on-resistance
degrade at lower supply voltages. Refer to the electrical
specifications for details. V+ and GND also power the internal
logic drivers (turn the switch on & off). These switches can be
operated with bipolar supplies if the voltage range from V- (at the
GND pin) to V+ does not exceed a total of 12V.
Logic-Level Thresholds
The switch logic is TTL compatible (0.8V & 2.4V) over a supply
range of 3V to 11V.At 12V the VIH level is about 2.5V. This is below
the TTL guaranteed high output minimum level of 2.8V, but noise
margin is reduced. For best results with a 12V supply, use logic
drive that provides a VOH greater than 3V. The digital input stages
draw supply current whenever the digital input voltage is not at
one of the supply rails. Driving the digital input signals from GND
to V+ with a fast transition time minimizes power dissipation.
High-Frequency Signal Passing/Isolation
In 50Ohm systems, signal response is flat even past 300MHz.
An OFF switch is like a capacitor and passes high frequencies
with low attenuation, resulting in signal passing from the switch
input to output. OFF Isolation is the resistance to passing signals
while the switch is OFF, while Crosstalk indicates the amount of
signal noise that crosses over from one switch to another. The
OFF Isolation is about 50dB in 50Ohm systems. Larger load
impedances reduce Off Isolation and Crosstalk due to the voltage
divider action of the switch OFF impedance and the load.
Leakage Current
Reverse ESD protection diodes are internally connected between
each analog-signal pin and both V+ and GND. One of these diodes
conducts if any analog signal exceeds V+ or GND.
Most of the analog leakage current comes from the ESD diodes to
V+ or GND. Although the ESD diodes on a given signal pin are
identical and therefore fairly well balanced, they are reverse biased
differently. Either V+ or GND and the analog signal bias each
diode. Hence, leakage currents will vary as the signal varies. The
difference in the diode leakage currents to the V+ and GND pins
creates the analog signal-path leakage current. Also, analog leakage
currents flow between each pin and one of the supply terminals,
not to the other switch terminal. This is why both sides of a given
switch can show leakage currents of the same or opposite polarity.There
is no connection between the analog-signal paths and V+ or GND.


Similar Part No. - PS324

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
PS32 GOOD-ARK-PS32 Datasheet
380Kb / 4P
   Surface Mount Schottky Rectifier
logo
Pericom Semiconductor C...
PS320 PERICOM-PS320 Datasheet
102Kb / 5P
   Precision, Dual-Supply Analog Switches
logo
Powertip Technology
PS320240T POWERTIP-PS320240T Datasheet
423Kb / 28P
   STANDARD VALUE
PS320240T-004-1-02 POWERTIP-PS320240T-004-1-02 Datasheet
423Kb / 28P
   STANDARD VALUE
logo
Applied Motion Products...
PS320A48 AMP-PS320A48 Datasheet
880Kb / 2P
   PS320A48 Power Supply 320W/48V with PFC Function
More results

Similar Description - PS324

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX323 MAXIM-MAX323_V01 Datasheet
1Mb / 13P
   Precision, Single-Supply, SPST Analog Switches
2022
MAX323 MAXIM-MAX323 Datasheet
105Kb / 12P
   Precision, Single-Supply, SPST Analog Switches
19-0347; Rev 1; 10/97
logo
Pericom Semiconductor C...
PS301 PERICOM-PS301 Datasheet
265Kb / 7P
   Precision, Single-Supply SPST Analog Switches
logo
Maxim Integrated Produc...
MAX320 MAXIM-MAX320 Datasheet
109Kb / 8P
   Precision, Dual-Supply, SPST Analog Switches
19-0350; Rev 0; 12/94
logo
Renesas Technology Corp
ISL84514 RENESAS-ISL84514 Datasheet
615Kb / 12P
   Low-Voltage, Single Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL84514 INTERSIL-ISL84514 Datasheet
266Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
ISL84514 INTERSIL-ISL84514_04 Datasheet
276Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
   Precision, Quad, SPST Analog Switches
Rev 2; 6/04
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361 Datasheet
99Kb / 8P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com