Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

228TMA050M Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 228TMA050M
Description  Extended Life, 2000 hours
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

228TMA050M Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  228TMA050M Datasheet HTML 1Page - Illinois Capacitor, Inc. 228TMA050M Datasheet HTML 2Page - Illinois Capacitor, Inc. 228TMA050M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TMA
+105°C, Extended Life, 2000
hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
3300
50
338TMA050M
0.0904
1660
22x41
3300
63
338TMA063M
0.0804
1740
22x51
4700
6.3
478TMA6R3M
0.0127
1060
13x31
4700
10
478TMA010M
0.113
1220
16x31
4700
16
478TMA016M
0.099
1300
16x31
4700
25
478TMA025M
0.085
1540
18x41
4700
35
478TMA035M
0.078
1740
22x41
4700
50
478TMA050M
0.071
1860
22x51
6800
10
688TMA010M
0.0878
1370
16x31
6800
16
688TMA016M
0.078
1620
16x41
6800
25
688TMA025M
0.0683
1810
22x41
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
6800
35
688TMA035M
0.0634
1910
22x51
10000
6.3
109TMA6R3M
0.076
1620
16x41
10000
10
109TMA010M
0.0696
1690
18x41
10000
16
109TMA016M
0.063
1900
22x41
10000
25
109TMA025M
0.0729
1980
22x51
15000
6.3
159TMA6R3M
0.062
1740
18x41
15000
10
159TMA010M
0.0575
1950
22x41
15000
16
159TMA016M
0.053
2050
22x51
22000
6.3
229TMA6R3M
0.054
2000
22x41
22000
10
229TMA010M
0.053
2080
22x51


Similar Part No. - 228TMA050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
228TMA050M ILLINOISCAPACITOR-228TMA050M Datasheet
104Kb / 4P
   105째C Standard Axial Lead Aluminum Electrolytic Capacitors
228TMA050M ILLINOISCAPACITOR-228TMA050M Datasheet
356Kb / 3P
   105C General Purpose Axial Lead Aluminum
228TMA050M ILLINOISCAPACITOR-228TMA050M Datasheet
261Kb / 3P
   Extended Life - High voltage
228TMA050M ILLINOISCAPACITOR-228TMA050M Datasheet
114Kb / 1P
   AXIAL LEAD
More results

Similar Description - 228TMA050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC_16 Datasheet
348Kb / 5P
   Extended Life, 3000 hours
logo
United Chemi-Con, Inc.
EMVJ250ADA CHEMI-CON-EMVJ250ADA Datasheet
317Kb / 1P
   2000-hours-life, 105?
EMVJ100ADA CHEMI-CON-EMVJ100ADA Datasheet
317Kb / 1P
   2000-hours-life, 105?
EMVJ6R3ADA CHEMI-CON-EMVJ6R3ADA Datasheet
317Kb / 1P
   2000-hours-life, 105?
EMVJ160ADA CHEMI-CON-EMVJ160ADA Datasheet
317Kb / 1P
   2000-hours-life, 105?
EMVJ500ADA CHEMI-CON-EMVJ500ADA Datasheet
317Kb / 1P
   2000-hours-life, 105?
EMVJ350ADA CHEMI-CON-EMVJ350ADA Datasheet
317Kb / 1P
   2000-hours-life, 105?
logo
MERITEK ELECTRONICS COR...
SET MERITEK-SET Datasheet
711Kb / 4P
   Load Life : 125C 2000 hours
SHTL MERITEK-SHTL Datasheet
773Kb / 4P
   Load life : 105C 2000 hours.
SLL MERITEK-SLL Datasheet
737Kb / 4P
   Load Life : 85C 2000 hours
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com