Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1755DBQR Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM1755DBQR
Description  24-BIT, 192 kHz SAMPLING ENHANCED MULTI-LEVEL, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1755DBQR Datasheet(HTML) 2 Page - Burr-Brown (TI)

  PCM1755DBQR Datasheet HTML 1Page - Burr-Brown (TI) PCM1755DBQR Datasheet HTML 2Page - Burr-Brown (TI) PCM1755DBQR Datasheet HTML 3Page - Burr-Brown (TI) PCM1755DBQR Datasheet HTML 4Page - Burr-Brown (TI) PCM1755DBQR Datasheet HTML 5Page - Burr-Brown (TI) PCM1755DBQR Datasheet HTML 6Page - Burr-Brown (TI) PCM1755DBQR Datasheet HTML 7Page - Burr-Brown (TI) PCM1755DBQR Datasheet HTML 8Page - Burr-Brown (TI) PCM1755DBQR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
PCM1753
PCM1754
PCM1755
SLES092A – OCTOBER 2003 – REVISED AUGUST 2004
www.ti.com
2
PACKAGE/ORDERING INFORMATION
PRODUCT
PACKAGE
PACKAGE
CODE
OPERATION
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER(1)
TRANSPORT MEDIA
PCM1753DBQ
16 pin SSOP
16DBQ
25
°C to 85°C
PCM1753
PCM1753DBQ
Tube
PCM1753DBQ
16-pin SSOP
16DBQ
–25
°C to 85°C
PCM1753
PCM1753DBQR
Tape and reel
PCM1754DBQ
16 pin SSOP
16DBQ
40
°C to 85°C
PCM1754
PCM1754DBQ
Tube
PCM1754DBQ
16-pin SSOP
16DBQ
–40
°C to 85°C
PCM1754
PCM1754DBQR
Tape and reel
PCM1755DBQ
16 pin SSOP
16DBQ
25
°C to 85°C
PCM1755
PCM1755DBQ
Tube
PCM1755DBQ
16-pin SSOP
16DBQ
–25
°C to 85°C
PCM1755
PCM1755DBQR
Tape and reel
(1) For the most current specification and package information, see the TI Web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
UNIT
Supply voltage: VCC
–0.3 V to 6.5 V
Ground voltage differences: AGND, DGND
±0.1 V
Input voltage
–0.3 V to 6.5 V
Input current (any pins except supplies)
±10 mA
Ambient temperature under bias
–40
°C to 125°C
Storage temperature
–55
°C to 150°C
Junction temperature
150
°C
Lead temperature (soldering)
260
°C, 5 s
Package temperature (IR reflow, peak)
260
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
All specifications at TA = 25°C, VCC = 5 V, fS = 44.1 kHz, system clock = 384 fS and 24-bit data, unless otherwise noted
PARAMETER
TEST CONDITIONS
PCM1753DBQ, PCM1754DBQ,
PCM1755DBQ
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
24
Bits
DATA FORMAT
Audio-data interface format
PCM1753
PCM1755
Standard, I2S, left-justified
Audio data interface format
PCM1754
I2S, standard
Audio-data bit length
PCM1753
PCM1755
16-, 18-, 20-, 24-bit, selectable
Audio data bit length
PCM1754
16–24-bit (I2S), 16-bit (standard)
Audio data format
MSB first, 2s complement
fS
Sampling frequency
5
200
kHz
System clock frequency
128 fS, 192 fS, 256 fS, 384 fS,
512 fS, 768 fS, 1152 fS


Similar Part No. - PCM1755DBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1755DBQR TI1-PCM1755DBQR Datasheet
1Mb / 38P
[Old version datasheet]   Multi-Level Delta-Sigma Audio Digital-to- Analog Converter
More results

Similar Description - PCM1755DBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1754-Q1 TI1-PCM1754-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   24-BIT 192-kHz SAMPLING ENHANCED MULTI-LEVEL DELTA-SIGMA AUDIO DIGITAL-TO-ANALOG CONVERTER
PCM1742 TI-PCM1742_15 Datasheet
673Kb / 38P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,Audio Digital-to-Analog Converter
PCM1742KE TI-PCM1742KE Datasheet
788Kb / 39P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680_15 Datasheet
730Kb / 39P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680 Datasheet
427Kb / 33P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1780 TI-PCM1780 Datasheet
439Kb / 31P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1681 TI-PCM1681 Datasheet
1Mb / 43P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
logo
Burr-Brown (TI)
PCM1737 BURR-BROWN-PCM1737 Datasheet
180Kb / 27P
   24-Bit, 192kHz Sampling Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PCM1739 BURR-BROWN-PCM1739 Datasheet
140Kb / 16P
   24-Bit, 192kHz Sampling, Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1681PWPR TI1-PCM1681PWPR Datasheet
1Mb / 43P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com