Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM805JE Datasheet(PDF) 3 Page - Union Semiconductor, Inc.

Part # UM805JE
Description  Voltage Monitors with Manual Reset Input
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM805JE Datasheet(HTML) 3 Page - Union Semiconductor, Inc.

  UM805JE Datasheet HTML 1Page - Union Semiconductor, Inc. UM805JE Datasheet HTML 2Page - Union Semiconductor, Inc. UM805JE Datasheet HTML 3Page - Union Semiconductor, Inc. UM805JE Datasheet HTML 4Page - Union Semiconductor, Inc. UM805JE Datasheet HTML 5Page - Union Semiconductor, Inc. UM805JE Datasheet HTML 6Page - Union Semiconductor, Inc. UM805JE Datasheet HTML 7Page - Union Semiconductor, Inc. UM805JE Datasheet HTML 8Page - Union Semiconductor, Inc. UM805JE Datasheet HTML 9Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.01 Jan.2015
3/14
UM805/811/812
Pin Description
Pin
Number
Pin Name
Function
1
GND
Ground
2
RESET
______________
(UM805/811)
Active-Low Reset Output. RESET
_____________
remains low while VCC is below
the reset threshold or while MR
_______
is held low. It remains low for the
Reset Active Timeout Period (tRP) after the reset conditions are
terminated. See Figure 1.
UM811:
CMOS push-pull output (sources and sinks current)
UM805:
Open-drain, active low, NMOS output (sinks current only). Connect a
pull-up resistor from RESET
______________
to any supply voltage up to 6V.
RESET
(UM812)
Active-High Reset Output. RESET remains high while VCC is below
the reset threshold or while MR
_______
is held low. RESET remains high for
Reset Active Timeout Period (tRP) after the reset conditions are
terminated.
3
MR
_______
Manual Reset Input. A logic low on MR
_______
asserts reset. Reset remains
asserted as long as MR
_______
is low and for 240ms after MR
_______
returns high.
This active-low input has an internal 20kΩ pull-up resistor. It can be
driven from a TTL or CMOS-logic line, or shorted to ground with a
switch. Leave open if unused. See Figure 2.
4
VCC
+5V, +3.3V, or +3V Supply Voltage
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.3 to +6.0
V
RESET, RESET
_____________
(push-pull)
-0.3 to (VCC+0.3)
RESET
_____________
(open-drain)
-0.3 to +6.0
ICC
Input Current, VCC, MR
_______
20
mA
IO
Output Current, RESET, RESET
_____________
20
mA
PD
Continuous Power Dissipation (Derate 4mW/°C above
70°C)
320
mW
TA
Operating Temperature Range
-40 to +105
°C
TSTG
Storage Temperature Range
-65 to +160
°C
Lead Temperature (soldering, 10s)
+300
°C
Note 1: Stresses beyond those listed under “Absolute maximum Ratings” may cause permanent
damage to the device. These are stress ratings only and functional operation of the device at these or
any other conditions beyond those indicated in the operational sections of the specifications are not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.


Similar Part No. - UM805JE

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
UM803JP UNIONSEMI-UM803JP Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
UM803JS UNIONSEMI-UM803JS Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
UM803LP UNIONSEMI-UM803LP Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
UM803LS UNIONSEMI-UM803LS Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
More results

Similar Description - UM805JE

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UIC812 UTC-UIC812 Datasheet
218Kb / 5P
   4-PIN VOLTAGE MONITORS WITH MANUAL RESET INPUT
logo
Global Mixed-mode Techn...
G632 GMT-G632 Datasheet
34Kb / 1P
   4-Pin P Voltage Monitors with Manual Reset Input
logo
Maxim Integrated Produc...
MAX812LEUS-T MAXIM-MAX812LEUS-T Datasheet
144Kb / 8P
   4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
List of Unclassifed Man...
G692 ETC-G692 Datasheet
171Kb / 7P
   4-Pin UP Voltage Monitors with Manual Reset Input
logo
Fitipower Integrated Te...
FP6811 FITIPOWER-FP6811 Datasheet
581Kb / 12P
   Microprocessor Voltage Monitors with Manual Reset
logo
Maxim Integrated Produc...
MAX811REUS-T MAXIM-MAX811REUS-T Datasheet
144Kb / 8P
   4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
MAX812LEUS MAXIM-MAX812LEUS Datasheet
144Kb / 8P
   4-Pin uP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
Tiger Electronic Co.,Lt...
MAX811 TGS-MAX811 Datasheet
1Mb / 8P
   4-Pin 關P Voltage Monitors with Manual Reset Input
logo
Maxim Integrated Produc...
MAX811 MAXIM-MAX811 Datasheet
185Kb / 8P
   4-Pin 關P Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
Unisonic Technologies
83CXXX UTC-83CXXX_11 Datasheet
152Kb / 5P
   4-PIN 關P VOLTAGE MONITORS WITH MANUAL RESET INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com