Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COPCJ942 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COPCJ942
Description  8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COPCJ942 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button COPCJ942 Datasheet HTML 3Page - National Semiconductor (TI) COPCJ942 Datasheet HTML 4Page - National Semiconductor (TI) COPCJ942 Datasheet HTML 5Page - National Semiconductor (TI) COPCJ942 Datasheet HTML 6Page - National Semiconductor (TI) COPCJ942 Datasheet HTML 7Page - National Semiconductor (TI) COPCJ942 Datasheet HTML 8Page - National Semiconductor (TI) COPCJ942 Datasheet HTML 9Page - National Semiconductor (TI) COPCJ942 Datasheet HTML 10Page - National Semiconductor (TI) COPCJ942 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Comparator DC and AC Characteristics
4V
≤ V
CC ≤ 6V, −40˚C ≤ TA ≤ + 85˚C (Note 7)
Parameters
Conditions
Min
Type
Max
Units
Input Offset Voltage
0.4V < V
IN < VCC − 1.5V
±10
±25
mV
Input Common Mode Voltage Range
0.4
V
CC − 1.5
V
Voltage Gain
300k
V/V
DC Supply Current (when enabled)
V
CC = 6.0V
250
µA
Response Time
100 mV Overdrive
60
100
140
ns
500 mV Overdrive
80
125
165
ns
1000 mV Overdrive
135
215
300
ns
Note 7: For comparator output current characteristics see L-Port specs.
Typical Performance Characteristics for COP820CJ
Dynamic — I
DD vs VCC
(Crystal Clock Option)
DS011208-32
Halt — I
DD vs VCC
(Brown Out Disabled)
DS011208-33
Halt — I
DD vs VCC
(Brown Out Enabled)
DS011208-34
Ports L/G Weak
Pull-Up Source Current
DS011208-35
Ports L/G Push-Pull
Source Current
DS011208-36
Ports L/G Push-Pull
Sink Current
DS011208-37
www.national.com
7


Similar Part No. - COPCJ942

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COPCJ820 NSC-COPCJ820 Datasheet
408Kb / 32P
   8-Bit Microcontroller with Multi-Input Wake Up and Brown Out Detector
More results

Similar Description - COPCJ942

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COPCH942C NSC-COPCH942C Datasheet
368Kb / 26P
   8-Bit CMOS ROM Based Microcontrollers with 1k or 2k
COP884BC NSC-COP884BC Datasheet
688Kb / 57P
   8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
logo
Zilog, Inc.
Z86C04 ZILOG-Z86C04 Datasheet
207Kb / 34P
   CMOS 8-BIT LOW-COST 1K/2K-ROM MICROCONTROLLERS
Z86C05 ZILOG-Z86C05 Datasheet
877Kb / 29P
   CMOS Z8 8-Bit Low-Cost 1K/2K-ROM Microcontrollers
logo
National Semiconductor ...
COP8TAB5 NSC-COP8TAB5 Datasheet
706Kb / 54P
   8-Bit CMOS ROM Microcontroller with 2k or 4k Memory
COP888EK NSC-COP888EK Datasheet
553Kb / 46P
   8-Bit CMOS ROM Based Microcontrollers with 8k Memory, Comparator, and Single-slope A/D Capability
COP87LXXCJ NSC-COP87LXXCJ Datasheet
347Kb / 28P
   8-Bit CMOS OTP Microcontrollers with 4k or 32k Memory and Comparator
COP888CF NSC-COP888CF Datasheet
572Kb / 44P
   8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter
COP888GD NSC-COP888GD Datasheet
437Kb / 42P
   8-Bit CMOS ROM Based Microcontrollers with 16k
COP840CJ NSC-COP840CJ Datasheet
479Kb / 36P
   8-Bit Microcontrollers with Multi-Input Wake-Up and Brown Out Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com