Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI5C162861 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5C162861
Description  20-Bit, 2-Port Bus Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C162861 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5C162861 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C162861 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C162861 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C162861 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C162861 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
PS7026E
09/13/04
PI5C16861/162861
20-Bit, 2-Port Bus Switch
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 5V ±10%)
Parameters
Description
Test Conditions(1)
Min.
Typ(2)
Max.
Units
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
–0.5
0.8
IIH
Input HIGH Current
VCC = Max., VIN = VCC
±1
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
±1
IOZH
High Impedance Output
Current
0 ≤ A, B ≤ VCC
±1
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18mA
–0.7
–1.2
V
ION
Short Circuit Current(3)
A (B) = 0V, B (A) = VCC
100
mA
VH
Input Hysteresis at Con-
trol Pins
150
mV
RON
Switch On-Resistance(4)
VCC = Min., VIN = 0.0V,
16861
5
7
ION = 48mA
162861
20
28
40
VCC = Min., VIN = 2.4V,
16861
10
15
ION = 15mA
162861
20
35
48
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Note:
Stresses greater than those listed under MAXIMUM RAT-
INGS may cause permanent damage to the device. This is
a stress rating only and functional operation of the device
at these or any other conditions above those indicated in
the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for ex-
tended periods may affect reliability.
Capacitance (TA = 25°C, f = 1 MHz)
Parameters(5)
Description
Test Conditions
Typ
Units
CIN
Input Capacitance
VIN = 0V
6
pF
COFF
A/B Capacitance, Switch Off
6
CON
A/B Capacitance, Switch On
8
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, TA = 25°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. Measured by the voltage drop between A and B pin at indicated current through the switch. On-Resistance is determined
by the lower of the voltages on the two (A,B) pins.
5. This parameter is determined by device characterization but is not production tested.
Storage Temperature ............................................................. –65°C to +150°C
Ambient Temperature with Power Applied ............................ –40°C to +85°C
Supply Voltage to Ground Potential (Inputs & VCC Only)...... –0.5V to +7.0V
Supply Voltage to Ground Potential (Outputs & D/O Only) ... –0.5V to +7.0V
DC Input Voltage ..................................................................... –0.5V to +7.0V
DC Output Current................................................................................ 120mA
Power Dissipation .................................................................................... 0.5W


Similar Part No. - PI5C162861

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C162862C PERICOM-PI5C162862C Datasheet
324Kb / 3P
   20-Bit, 2-Port Bus Switch with Undershoot Protection
More results

Similar Description - PI5C162861

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B16861A POTATO-PO3B16861A Datasheet
548Kb / 6P
   20-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C32X384 PERICOM-PI5C32X384_06 Datasheet
464Kb / 5P
   20-Bit, 2-Port Bus Switch
PI5C16210 PERICOM-PI5C16210 Datasheet
78Kb / 6P
   20-Bit, 2-Port Bus Switch
PI5C32X384 PERICOM-PI5C32X384 Datasheet
327Kb / 5P
   20-Bit, 2-Port Bus Switch
PI5C16861 PERICOM-PI5C16861_10 Datasheet
519Kb / 4P
   20-Bit, 2-Port Bus Switch
logo
Potato Semiconductor Co...
PO3B16861A POTATO-PO3B16861A_14 Datasheet
1,007Kb / 5P
   20-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C16862C PERICOM-PI5C16862C Datasheet
129Kb / 4P
   20-Bit, 2-Port Bus Switch with Undershoot Protection
PI5C162862C PERICOM-PI5C162862C Datasheet
324Kb / 3P
   20-Bit, 2-Port Bus Switch with Undershoot Protection
PI3C16210 PERICOM-PI3C16210 Datasheet
304Kb / 4P
   3.3V, High Bandwidths 20-Bit, 2-Port Bus Switch
logo
STMicroelectronics
B5S16861 STMICROELECTRONICS-B5S16861 Datasheet
189Kb / 10P
   20-BIT TWO PORT BUS SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com