Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1013ST100T3 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP1013ST100T3
Description  Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1013ST100T3 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP1013ST100T3 Datasheet HTML 7Page - ON Semiconductor NCP1013ST100T3 Datasheet HTML 8Page - ON Semiconductor NCP1013ST100T3 Datasheet HTML 9Page - ON Semiconductor NCP1013ST100T3 Datasheet HTML 10Page - ON Semiconductor NCP1013ST100T3 Datasheet HTML 11Page - ON Semiconductor NCP1013ST100T3 Datasheet HTML 12Page - ON Semiconductor NCP1013ST100T3 Datasheet HTML 13Page - ON Semiconductor NCP1013ST100T3 Datasheet HTML 14Page - ON Semiconductor NCP1013ST100T3 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
NCP1010, NCP1011, NCP1012, NCP1013, NCP1014
http://onsemi.com
11
Figure 16. NCP101X Facing a Fault Condition (Vin = 150 Vdc)
Tstart
Tsw
TLatch
1 V Ripple
Latch−off
Level
The rising slope from the latch−off level up to 8.5 V
is expressed by: Tstart
+ DV1 · C
IC1
. The time during which
the IC actually pulses is given by tsw
+ DV2 · C
ICC1
.
Finally,
the
latch−off
time
can
be
derived
using the same formula topology: TLatch
+ DV3 · C
ICC2
.
From these three definitions, the burst duty−cycle
can be computed: dc
+
Tsw
Tstart
) Tsw ) TLatch
(eq. 2) .
dc
+
DV2
ICC1 · D
V2
ICC1 )
DV1
IC1 )
DV3
ICC2
(eq. 3) .
Feeding
the
equation with values extracted from the parameter section
gives a typical duty−cycle of 13%, precluding any lethal
thermal runaway while in a fault condition.
DSS Internal Dissipation
The Dynamic Self−Supplied pulls energy out from the
drain pin. In Flyback−based converters, this drain level can
easily go above 600 V peak and thus increase the stress on the
DSS startup source. However, the drain voltage evolves with
time and its period is small compared to that of the DSS. As
a result, the averaged dissipation, excluding capacitive losses,
can be derived by: PDSS + ICC1 · t Vds(t) u . (eq. 4) .
Figure 17 portrays a typical drain−ground waveshape where
leakage effects have been removed.
Figure 17. A typical drain−ground waveshape
where leakage effects are not accounted for.
Vds(t)
Vin
Vr
toff
dt
ton
t
Tsw
By looking at Figure 17, the average result can easily be
derived by additive square area calculation:
t Vds(t) u+ Vin·(1 * d) ) Vr · toff
Tsw
(eq. 5)
By developing Equation 5, we obtain:
t Vds(t) u+ Vin * Vin · ton
Tsw
) Vr · toff
Tsw
(eq. 6)
toff can be expressed by: toff
+ Ip ·
Lp
Vr
(eq. 7) where ton
can be evaluated by: ton
+ Ip ·
Lp
Vin
(eq. 8) .


Similar Part No. - NCP1013ST100T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1013ST100T3 ONSEMI-NCP1013ST100T3 Datasheet
476Kb / 24P
   Self?뭆upplied Monolithic Switcher for Low Standby?뭁ower Offline SMPS
December, 2010 -- Rev. 22
NCP1013ST100T3G ONSEMI-NCP1013ST100T3G Datasheet
476Kb / 24P
   Self?뭆upplied Monolithic Switcher for Low Standby?뭁ower Offline SMPS
December, 2010 -- Rev. 22
NCP1013ST100T3G ONSEMI-NCP1013ST100T3G Datasheet
351Kb / 23P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
September, 2014 ??Rev. 23
NCP1013ST100T3G ONSEMI-NCP1013ST100T3G Datasheet
501Kb / 25P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
August, 2021 - Rev. 25
More results

Similar Description - NCP1013ST100T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1010 ONSEMI-NCP1010_14 Datasheet
351Kb / 23P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
September, 2014 ??Rev. 23
NCP1015AP065G ONSEMI-NCP1015AP065G Datasheet
403Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1010 ONSEMI-NCP1010 Datasheet
591Kb / 24P
   Self--Supplied Monolithic Switcher for Low Standby--Power Offline SMPS
December, 2010 -- Rev. 22
NCP1015 ONSEMI-NCP1015 Datasheet
336Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
October, 2007 - Rev. 1
NCP1010 ONSEMI-NCP1010_V01 Datasheet
501Kb / 25P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
August, 2021 - Rev. 25
NCP1015 ONSEMI-NCP1015_11 Datasheet
403Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1010 ONSEMI-NCP1010 Datasheet
476Kb / 24P
   Self?뭆upplied Monolithic Switcher for Low Standby?뭁ower Offline SMPS
December, 2010 -- Rev. 22
NCP1028 ONSEMI-NCP1028_15 Datasheet
491Kb / 29P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 3
NCP1027 ONSEMI-NCP1027 Datasheet
600Kb / 30P
   High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
December, 2006 ??Rev. 3
NCP1027 ONSEMI-NCP1027_15 Datasheet
526Kb / 30P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com