Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UESD6V8L5A6 Datasheet(PDF) 8 Page - Union Semiconductor, Inc.

Part # UESD6V8L5A6
Description  Low Capacitance TVS Diode Array for ESD Protection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UESD6V8L5A6 Datasheet(HTML) 8 Page - Union Semiconductor, Inc.

  UESD6V8L5A6 Datasheet HTML 1Page - Union Semiconductor, Inc. UESD6V8L5A6 Datasheet HTML 2Page - Union Semiconductor, Inc. UESD6V8L5A6 Datasheet HTML 3Page - Union Semiconductor, Inc. UESD6V8L5A6 Datasheet HTML 4Page - Union Semiconductor, Inc. UESD6V8L5A6 Datasheet HTML 5Page - Union Semiconductor, Inc. UESD6V8L5A6 Datasheet HTML 6Page - Union Semiconductor, Inc. UESD6V8L5A6 Datasheet HTML 7Page - Union Semiconductor, Inc. UESD6V8L5A6 Datasheet HTML 8Page - Union Semiconductor, Inc. UESD6V8L5A6 Datasheet HTML 9Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.03 Nov.2014
8/9
UESD6V8Lxx
UESD6V8L5B SC89-6/SOT563/SOT666
Outline Drawing
DIMENSIONS
Symbol
MILLIMETERS
INCHES
Min
Max
Min
Max
A
0.525
0.600
0.021
0.024
A1
0.000
0.050
0.000
0.002
b
0.150
0.300
0.006
0.012
c
0.090
0.180
0.004
0.007
D
1.500
1.700
0.059
0.067
E
1.100
1.300
0.043
0.051
E1
1.500
1.700
0.059
0.067
e
0.450
0.550
0.018
0.022
L
0.100
0.300
0.004
0.012
θ
7°REF
7°REF
Land Pattern
NOTES:
1. Compound dimension: 1.60×1.20;
2. Unit: mm;
3.General tolerance ±0.05mm unless otherwise
specified;
4. The layout is just for reference.
Tape and Reel Orientation


Similar Part No. - UESD6V8L5A6

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UESD6V8L5A6 UNIONSEMI-UESD6V8L5A6 Datasheet
276Kb / 10P
   Low Capacitance TVS Diode Array for ESD Protection
More results

Similar Description - UESD6V8L5A6

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UESD6V8L4A UNIONSEMI-UESD6V8L4A Datasheet
276Kb / 10P
   Low Capacitance TVS Diode Array for ESD Protection
logo
Shenzhen Huazhimei Semi...
HM0524 HMSEMI-HM0524 Datasheet
770Kb / 4P
   Low-Capacitance TVS Diode Array for ESD Protection
logo
Shanghai Leiditech Elec...
ULC332510P10 LEIDITECH-ULC332510P10 Datasheet
960Kb / 4P
   3.3V LOW CAPACITANCE TVS ARRAY FOR ESD PROTECTION
ULC051109MP6 LEIDITECH-ULC051109MP6 Datasheet
1Mb / 5P
   5V LOW CAPACITANCE TVS ARRAY FOR ESD PROTECTION
logo
TECH PUBLIC Electronics...
TPRCLAMP3374N TECHPUBLIC-TPRCLAMP3374N Datasheet
1Mb / 4P
   Low Capacitance Array for ESD Protection Diode
logo
STMicroelectronics
DALC112S1 STMICROELECTRONICS-DALC112S1 Datasheet
31Kb / 3P
   LOW CAPACITANCE DIODE ARRAY FOR ESD PROTECTION
logo
Rectron Semiconductor
RSRV05-4LC RECTRON-RSRV05-4LC Datasheet
209Kb / 5P
   Low Capacitance TVS/ESD Protection Diode
TEP0801LC RECTRON-TEP0801LC Datasheet
168Kb / 5P
   Low Capacitance TVS/ESD Protection Diode
TEP81302LC RECTRON-TEP81302LC Datasheet
723Kb / 6P
   Low Capacitance TVS/ESD Protection Diode
TEP2401QM RECTRON-TEP2401QM Datasheet
167Kb / 5P
   Low Capacitance TVS/ESD Protection Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com