Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEH200ZV4220MB2 Datasheet(PDF) 8 Page - Kemet Corporation

Part # PEH200ZV4220MB2
Description  High CV value
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PEH200ZV4220MB2 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button PEH200ZV4220MB2 Datasheet HTML 4Page - Kemet Corporation PEH200ZV4220MB2 Datasheet HTML 5Page - Kemet Corporation PEH200ZV4220MB2 Datasheet HTML 6Page - Kemet Corporation PEH200ZV4220MB2 Datasheet HTML 7Page - Kemet Corporation PEH200ZV4220MB2 Datasheet HTML 8Page - Kemet Corporation PEH200ZV4220MB2 Datasheet HTML 9Page - Kemet Corporation PEH200ZV4220MB2 Datasheet HTML 10Page - Kemet Corporation PEH200ZV4220MB2 Datasheet HTML 11Page - Kemet Corporation PEH200ZV4220MB2 Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4034_PEH200 • 3/30/2016
Screw Terminal Aluminum Electrolytic Capacitors – PEH200 Series, +85°C
Table 1 – Ratings & Part Number Reference cont'd
(1) Mounting Code: U2 = plain can, B2 = threaded mounting stud
2
2 m/s forced air, studmounted on 3°C/W aluminum chassis.
VDC
Rated
Capacitance Size
Code
Reference
Size
Ripple Current Maximum
ESR
Maximum
L
ESL
Part Number
100 Hz
25°C (µF)
D x L (mm)
100 Hz 85°C
(A)
10 kHz 50°C
(A)2
10 kHz 40°C
(A)
100 Hz 20°C
(mΩ)
100 kHz 20°C
(mΩ)
Approximate (nH)
420
2700
O
65 x 105
12.4
57.3
40.1
24
10
16
PEH200OO427AM(1)
420
3300
V
75 x 145
14.0
57.5
43.7
22
11
17
PEH200OV4330M(1)
420
3300
N
90 x 98
15.4
61.9
44.0
22
12
16
PEH200ON4330M(1)
420
4700
X
75 x 220
15.7
57.6
46.8
16
8
17
PEH200OX4470M(1)
420
4700
Y
90 x 145
18.2
62.2
47.5
17
9
16
PEH200OY4470M(1)
420
8200
Z
90 x 220
23.8
77.3
63.1
10
5
16
PEH200OZ4820M(1)
450
150
A
35 x 51
2.0
14.6
9.3
350
150
12
PEH200YA3150M(1)
450
220
C
35 x 75
2.5
16.8
11.9
240
99
12
PEH200YC3220M(1)
450
330
D
35 x 95
3.1
19.4
14.5
160
66
12
PEH200YD3330M(1)
450
330
G
50 x 49
3.5
20.8
12.7
170
75
16
PEH200YG3330M(1)
450
470
H
50 x 75
4.5
25.5
17.5
120
58
16
PEH200YH3470M(1)
450
680
J
50 x 95
5.5
28.8
20.8
86
41
16
PEH200YJ3680M(1)
450
1000
K
50 x 105
6.7
32.7
23.6
60
29
16
PEH200YK4100M(1)
450
1500
O
65 x 105
9.3
39.2
28.2
43
22
16
PEH200YO4150M(1)
450
1500
L
75 x 78
9.6
42.3
28.5
43
22
17
PEH200YL4150M(1)
450
1800
O
65 x 105
10.6
47.8
34.0
43
22
17
PEH200YO418AM(1)
450
2200
T
75 x 105
12.1
50.1
35.6
29
15
17
PEH200YT4220M(1)
450
2200
M
90 x 78
12.7
52.4
35.8
30
16
16
PEH200YM4220M(1)
450
3300
V
75 x 145
14.7
57.3
43.7
20
10
17
PEH200YV4330M(1)
450
3300
N
90 x 98
16.1
61.9
43.9
21
11
16
PEH200YN4330M(1)
450
4700
X
75 x 220
16.8
59.3
47.6
14
8
17
PEH200YX4470M(1)
450
4700
Y
90 x 145
18.9
61.4
46.9
16
9
16
PEH200YY4470M(1)
450
8200
Z
90 x 220
24.9
77.7
63.4
10
5
16
PEH200YZ4820M(1)
500
100
A
35 x 51
1.5
6.1
3.9
1290
760
12
PEH200ZA3100M(1)
500
150
B
35 x 60
1.9
7.5
4.9
670
390
12
PEH200ZB3150M(1)
500
220
C
35 x 75
2.3
8.4
5.8
570
345
12
PEH200ZC3220M(1)
500
220
G
50 x 49
2.5
10.1
6.1
595
365
12
PEH200ZG3220M(1)
500
330
D
35 x 95
2.9
10.7
7.7
390
234
12
PEH200ZD3330M(1)
500
470
H
50 x 75
4.2
15.8
10.5
280
165
16
PEH200ZH3470M(1)
500
680
J
50 x 95
5.1
18.4
12.8
195
115
16
PEH200ZJ3680M(1)
500
1000
O
65 x 105
6.8
21.4
15.5
130
79
16
PEH200ZO4100M(1)
500
1500
T
75 x 105
9.2
29.8
21.0
90
57
17
PEH200ZT4150M(1)
500
1800
O
65 x 105
10.6
40.9
28.2
71
45
16
PEH200ZO418HM(1)
500
2200
V
75 x 145
11.1
33.7
25.1
62
40
17
PEH200ZV4220M(1)
500
3300
X
75 x 220
12.8
36.5
29.0
43
28
17
PEH200ZX4330M(1)
500
3300
Y
90 x 145
15.7
46.9
35.4
38
24
16
PEH200ZY4330M(1)
500
5600
Z
90 x 220
19.6
53.4
42.6
31
21
16
PEH200ZZ4560M(1)
VDC
Rated
Capacitance
Size
Code
Reference
Size
Ripple Current
ESR
L
ESL
Part Number


Similar Part No. - PEH200ZV4220MB2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PEH200 KEMET-PEH200 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
PEH200 KEMET-PEH200 Datasheet
295Kb / 5P
   IEC 60384-4 Long Life Grade 40/85/56, DIN 41240
More results

Similar Description - PEH200ZV4220MB2

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
RT MERITEK-RT Datasheet
151Kb / 2P
   Wide CV value range
RB MERITEK-RB Datasheet
1Mb / 8P
   This series has high value of CV for general purposes
logo
Nichicon corporation
UUR1E101MCL1GS NICHICON-UUR1E101MCL1GS Datasheet
53Kb / 2P
   Chip Type, High CV
logo
Texas Instruments
UCC28704 TI1-UCC28704 Datasheet
1Mb / 44P
[Old version datasheet]   High-Efficiency Off-Line CV
logo
Bookly Micro electronic
BM2490 BOOKLY-BM2490 Datasheet
565Kb / 8P
   CV Buck
logo
Shenzhen Titan Micro El...
TM5201 TITAN-TM5201 Datasheet
355Kb / 10P
   CV/CC
logo
Thermtrol Corporation
932A-100 THERMTROL-932A-100 Datasheet
305Kb / 2P
   SURFACE MOUNT FILM PET HIGH CV
logo
AVX Corporation
F98 AVX-F98_15 Datasheet
117Kb / 3P
   Resin-Molded Chip, High CV Undertab
F98 AVX-F98 Datasheet
87Kb / 1P
   Resin-Molded Chip, High CV Frameless
logo
HolyStone International
RXX HOLYSTONECAPS-RXX Datasheet
274Kb / 4P
   High CV Conformal Coated Radial Leaded Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com