Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1013AP100 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1013AP100
Description  Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1013AP100 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1013AP100 Datasheet HTML 6Page - ON Semiconductor NCP1013AP100 Datasheet HTML 7Page - ON Semiconductor NCP1013AP100 Datasheet HTML 8Page - ON Semiconductor NCP1013AP100 Datasheet HTML 9Page - ON Semiconductor NCP1013AP100 Datasheet HTML 10Page - ON Semiconductor NCP1013AP100 Datasheet HTML 11Page - ON Semiconductor NCP1013AP100 Datasheet HTML 12Page - ON Semiconductor NCP1013AP100 Datasheet HTML 13Page - ON Semiconductor NCP1013AP100 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
NCP1010, NCP1011, NCP1012, NCP1013, NCP1014
http://onsemi.com
10
Figure 14. The Charge/Discharge Cycle Over a 10
mF VCC Capacitor
Vcc
8.5 V
7.5 V
Device
Internally
Pulses
Startup Period
8.00
6.00
4.00
2.00
0
The protection burst duty−cycle can easily be computed
through the various timing events as portrayed by Figure 16.
Being loaded by the circuit consumption, the voltage on
the VCC capacitor goes down. When the DSS controller
detects that VCC has reached 7.5 V (VCCON), it activates the
internal current source to bring VCC toward 8.5 V and stops
again: a cycle takes place whose low frequency depends on
the VCC capacitor and the IC consumption. A 1.0 V ripple
takes place on the VCC pin whose average value equals
(VCCOFF + VCCON)/2. Figure 14 portrays a typical
operation of the DSS.
As one can see, the VCC capacitor shall be dimensioned to
offer an adequate startup time, i.e. ensure regulation is
reached before VCC crosses 7.5 V (otherwise the part enters
the fault condition mode). If we know that
DV = 1.0 V
and ICC1 (max) is 1.1 mA (for instance we selected an 11
W
device switching at 65 kHz), then the VCC capacitor can
be calculated using: C
w
ICC1 · tstartup
DV
(eq. 1) . Let’s
suppose that the SMPS needs 10 ms to startup, then we will
calculate C to offer a 15 ms period. As a result, C should be
greater than 20
mF thus the selection of a 33 mF/16 V
capacitor is appropriate.
Short Circuit Protection
The internal protection circuitry involves a patented
arrangement that permanently monitors the assertion of an
internal error flag. This error flag is, in fact, a signal that
instructs the controller that the internal maximum peak
current limit is reached. This naturally occurs during the
startup period (Vout is not stabilized to the target value) or
when the optocoupler LED is no longer biased, e.g. in a
short−circuit condition or when the feedback network is
broken. When the DSS normally operates, the logic checks
for the presence of the error flag every time VCC crosses
VCCON. If the error flag is low (peak limit not active) then
the IC works normally. If the error signal is active, then the
NCP101X immediately stops the output pulses, reduces its
internal current consumption and does not allow the startup
source to activate: VCC drops toward ground until it reaches
the so−called latch−off level, where the current source
activates again to attempt a new restart. When the error is
gone, the IC automatically resumes its operation. If the
default is still there, the IC pulses during 8.5 V down to 7.5 V
and enters a new latch−off phase. The resulting burst
operation guarantees a low average power dissipation and
lets the SMPS sustain a permanent short−circuit. Figure 15
shows the corresponding diagram.
Figure 15. Simplified NCP101X Short−Circuit
Detection Circuitry
+
4 V
FB
Division
Max
Ip
Flag
VCC VCCON
Signal
To
Latch
Reset
Current Sense
Information
Clamp
Active?


Similar Part No. - NCP1013AP100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1013AP100 ONSEMI-NCP1013AP100 Datasheet
476Kb / 24P
   Self?뭆upplied Monolithic Switcher for Low Standby?뭁ower Offline SMPS
December, 2010 -- Rev. 22
NCP1013AP100G ONSEMI-NCP1013AP100G Datasheet
476Kb / 24P
   Self?뭆upplied Monolithic Switcher for Low Standby?뭁ower Offline SMPS
December, 2010 -- Rev. 22
NCP1013AP100G ONSEMI-NCP1013AP100G Datasheet
351Kb / 23P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
September, 2014 ??Rev. 23
NCP1013AP100G ONSEMI-NCP1013AP100G Datasheet
501Kb / 25P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
August, 2021 - Rev. 25
More results

Similar Description - NCP1013AP100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1010 ONSEMI-NCP1010_14 Datasheet
351Kb / 23P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
September, 2014 ??Rev. 23
NCP1015AP065G ONSEMI-NCP1015AP065G Datasheet
403Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1010 ONSEMI-NCP1010 Datasheet
591Kb / 24P
   Self--Supplied Monolithic Switcher for Low Standby--Power Offline SMPS
December, 2010 -- Rev. 22
NCP1015 ONSEMI-NCP1015 Datasheet
336Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
October, 2007 - Rev. 1
NCP1010 ONSEMI-NCP1010_V01 Datasheet
501Kb / 25P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
August, 2021 - Rev. 25
NCP1015 ONSEMI-NCP1015_11 Datasheet
403Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1010 ONSEMI-NCP1010 Datasheet
476Kb / 24P
   Self?뭆upplied Monolithic Switcher for Low Standby?뭁ower Offline SMPS
December, 2010 -- Rev. 22
NCP1028 ONSEMI-NCP1028_15 Datasheet
491Kb / 29P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 3
NCP1027 ONSEMI-NCP1027 Datasheet
600Kb / 30P
   High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
December, 2006 ??Rev. 3
NCP1027 ONSEMI-NCP1027_15 Datasheet
526Kb / 30P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com