Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEH200OM4220MB2 Datasheet(PDF) 3 Page - Kemet Corporation

Part # PEH200OM4220MB2
Description  High CV value
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PEH200OM4220MB2 Datasheet(HTML) 3 Page - Kemet Corporation

  PEH200OM4220MB2 Datasheet HTML 1Page - Kemet Corporation PEH200OM4220MB2 Datasheet HTML 2Page - Kemet Corporation PEH200OM4220MB2 Datasheet HTML 3Page - Kemet Corporation PEH200OM4220MB2 Datasheet HTML 4Page - Kemet Corporation PEH200OM4220MB2 Datasheet HTML 5Page - Kemet Corporation PEH200OM4220MB2 Datasheet HTML 6Page - Kemet Corporation PEH200OM4220MB2 Datasheet HTML 7Page - Kemet Corporation PEH200OM4220MB2 Datasheet HTML 8Page - Kemet Corporation PEH200OM4220MB2 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4034_PEH200 • 3/30/2016
Screw Terminal Aluminum Electrolytic Capacitors – PEH200 Series, +85°C
Dimensions – Millimeters
L1
SIDE VIEW
OVAL TERMINAL
END VIEW
D
Optional Mounting
Stud (M x S)
ROUND TERMINAL
END VIEW
L2
a
+
DT
Safety Vent
Polarity
Mark
L3
+
DT
Safety Vent
Polarity
Mark
b
(D > 36.6)
(D = 36.6)
Reference Size
(mm)
Size Code
Dimensions in mm
Mounting Stud
(M x S)
Approximate
Weight
Grams
D
L1
L2
L3
a
±1.0
±1.0
±1.0
±1.0
±0.5
Nominal
35 x 51
A
36.6
51.5
54.5
58.9
13.0
M8 x 12
70
35 x 60
B
36.6
59.5
62.5
66.9
13.0
M8 x 12
85
35 x 75
C
36.6
73.5
76.5
80.9
13.0
M8 x 12
105
35 x 95
D
36.6
94.5
97.5
101.9
13.0
M8 x 12
130
50 x 49
G
51.6
48.5
51.5
56.4
22.0
M12 x 16
150
50 x 75
H
51.6
74.5
77.5
82.4
22.0
M12 x 16
180
50 x 95
J
51.6
95.5
98.5
103.4
22.0
M12 x 16
240
50 x 105
K
51.6
103.5
106.5
111.4
22.0
M12 x 16
265
50 x 115
I
51.6
115.5
118.5
123.4
22.0
M12 x 16
300
65 x 105
O
66.6
106.0
109.2
113.0
28.5
M12 x 16
415
65 x 115
Q
66.6
118.0
121.2
125.0
28.5
M12 x 16
460
65 x 130
S
66.6
129.0
132.2
136.0
28.5
M12 x 16
520
65 x 140
R
66.6
141.0
144.2
148.0
28.5
M12 x 16
650
75 x 78
L
76.6
77.0
80.2
84.0
32.0
M12 x 16
430
75 x 98
P
76.6
98.0
101.2
105.0
32.0
M12 x 16
530
75 x 105
T
76.6
106.0
109.2
113.0
32.0
M12 x 16
585
75 x 115
U
76.6
118.0
121.2
125.0
32.0
M12 x 16
640
75 x 145
V
76.6
146.0
149.2
153.0
32.0
M12 x 16
800
75 x 220
X
76.6
221.0
224.2
228.0
32.0
M12 x 16
1400
90 x 78
M
91.6
76.5
79.7
83.4
32.0
M12 x 16
750
90 x 98
N
91.6
97.5
100.7
104.4
32.0
M12 x 16
950
90 x 145
Y
91.6
145.5
148.7
152.4
32.0
M12 x 16
1400
90 x 220
Z
91.6
220.0
224.2
226.9
32.0
M12 x 16
1500
Note: Dimensions include sleeving. Additional case sizes available on request
Termination Table
Reference
Diameter
Thread
Termination
Style
Dimensions in mm
DT
b
35
M5
Round
8
50
M5
Oval
15
13
65
M5
Oval
15
13
75
M5
Oval
15
13
90
M5
Oval
15
13
Note: M6 and other termination options available on request


Similar Part No. - PEH200OM4220MB2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PEH200 KEMET-PEH200 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
PEH200 KEMET-PEH200 Datasheet
295Kb / 5P
   IEC 60384-4 Long Life Grade 40/85/56, DIN 41240
More results

Similar Description - PEH200OM4220MB2

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
RT MERITEK-RT Datasheet
151Kb / 2P
   Wide CV value range
RB MERITEK-RB Datasheet
1Mb / 8P
   This series has high value of CV for general purposes
logo
Nichicon corporation
UUR1E101MCL1GS NICHICON-UUR1E101MCL1GS Datasheet
53Kb / 2P
   Chip Type, High CV
logo
Texas Instruments
UCC28704 TI1-UCC28704 Datasheet
1Mb / 44P
[Old version datasheet]   High-Efficiency Off-Line CV
logo
Bookly Micro electronic
BM2490 BOOKLY-BM2490 Datasheet
565Kb / 8P
   CV Buck
logo
Shenzhen Titan Micro El...
TM5201 TITAN-TM5201 Datasheet
355Kb / 10P
   CV/CC
logo
Thermtrol Corporation
932A-100 THERMTROL-932A-100 Datasheet
305Kb / 2P
   SURFACE MOUNT FILM PET HIGH CV
logo
AVX Corporation
F98 AVX-F98_15 Datasheet
117Kb / 3P
   Resin-Molded Chip, High CV Undertab
F98 AVX-F98 Datasheet
87Kb / 1P
   Resin-Molded Chip, High CV Frameless
logo
HolyStone International
RXX HOLYSTONECAPS-RXX Datasheet
274Kb / 4P
   High CV Conformal Coated Radial Leaded Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com