Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

229LBB025M2CG Datasheet(PDF) 5 Page - Illinois Capacitor, Inc.

Part # 229LBB025M2CG
Description  Extended Life, 3000 hours
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

229LBB025M2CG Datasheet(HTML) 5 Page - Illinois Capacitor, Inc.

  229LBB025M2CG Datasheet HTML 1Page - Illinois Capacitor, Inc. 229LBB025M2CG Datasheet HTML 2Page - Illinois Capacitor, Inc. 229LBB025M2CG Datasheet HTML 3Page - Illinois Capacitor, Inc. 229LBB025M2CG Datasheet HTML 4Page - Illinois Capacitor, Inc. 229LBB025M2CG Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LBB
+85°C, Extended Life, 3000
hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+85°C
Dims DxL
(mm)
10000
50
109LBB050M2CH
33.16
3.7
25x50
10000
63
109LBB063M2DG
24.87
3.72
30x45
10000
63
109LBB063M2EF
24.87
5.47
35x40
15000
16
159LBB016M2DC
55.26
3.66
30x25
15000
16
159LBB016M2CD
55.26
3.46
25x30
15000
16
159LBB016M2BE
55.26
3.29
22x35
15000
25
159LBB025M2DD
33.16
4
30x30
15000
25
159LBB025M2BG
33.16
3.7
22x45
15000
25
159LBB025M2EC
33.16
3.95
35x25
15000
25
159LBB025M2CE
33.16
3.45
25x35
15000
35
159LBB035M2DE
27.63
3.67
30x35
15000
35
159LBB035M2ED
27.63
3.98
35x30
15000
35
159LBB035M2CH
27.63
4.54
25x50
15000
50
159LBB050M2EF
22.1
4.83
35x40
15000
50
159LBB050M2DH
22.1
4.61
30x50
15000
63
159LBB063M2EH
16.58
5.3
35x50
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+85°C
Dims DxL
(mm)
22000
16
229LBB016M2CF
37.68
4.26
25x40
22000
16
229LBB016M2DD
37.68
4.21
30x30
22000
16
229LBB016M2EC
37.68
4.15
35x25
22000
16
229LBB016M2BH
37.68
4.37
22x50
22000
25
229LBB025M2DE
22.61
4.52
30x35
22000
25
229LBB025M2CG
22.61
4.48
25x45
22000
25
229LBB025M2ED
22.61
4.61
35x30
22000
35
229LBB035M2DG
18.84
4.94
30x45
22000
35
229LBB035M2EF
18.84
5.41
35x40
33000
16
339LBB016M2DF
25.12
5.36
30x40
33000
16
339LBB016M2ED
25.12
5.15
35x30
33000
25
339LBB025M2DH
15.07
6.15
30x50
33000
25
339LBB025M2EF
15.07
6.33
35x40
33000
35
339LBB035M2EH
12.56
7.27
35x50
47000
16
479LBB016M2EF
17.64
6.76
35x40
47000
16
479LBB016M2DH
17.64
6.79
30x50


Similar Part No. - 229LBB025M2CG

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
229LBB025M2CG ILLINOISCAPACITOR-229LBB025M2CG Datasheet
250Kb / 6P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
229LBB025M2CG ILLINOISCAPACITOR-229LBB025M2CG Datasheet
342Kb / 5P
   Multiple Case Sizes - High Voltage ??High Current
More results

Similar Description - 229LBB025M2CG

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474TMA100M ILLINOISCAPACITOR-474TMA100M_16 Datasheet
267Kb / 3P
   Extended Life, 2000 hours
logo
United Chemi-Con, Inc.
EMVL6R3ADA CHEMI-CON-EMVL6R3ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
logo
jb Capacitors Company
JCE JBCAPACITORS-JCE Datasheet
260Kb / 2P
   Load life of 2000~3000 hours
logo
United Chemi-Con, Inc.
EMVL160ADA CHEMI-CON-EMVL160ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
EMVL250ADA CHEMI-CON-EMVL250ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
EMVL350ADA CHEMI-CON-EMVL350ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
logo
jb Capacitors Company
JCL JBCAPACITORS-JCL Datasheet
295Kb / 3P
   Load life of 3000~5000 hours
logo
United Chemi-Con, Inc.
EMVL500ADA CHEMI-CON-EMVL500ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
EMVL100ADA CHEMI-CON-EMVL100ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
EMVJ250ADA CHEMI-CON-EMVJ250ADA Datasheet
317Kb / 1P
   2000-hours-life, 105?
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com