Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

476UVK050MGE Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 476UVK050MGE
Description  High temperature, 1000 to 1500 hours
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

476UVK050MGE Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  476UVK050MGE Datasheet HTML 1Page - Illinois Capacitor, Inc. 476UVK050MGE Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Small size - High Temperature Lead Free Leads
APPLICATIONS
Bypass Coupling Filtering De-coupling
Operating Temperature Range
-40°C to +125°C
Capacitance Tolerance
+20% at 120 Hz, 20°C
Surge voltage
WVDC
10
16
25
35
50
SVDC
13
20
32
44
63
Dissipation Factor
WVDC
10
16
25
35
50
tan δ
.30
.24
.2
.17
.14
Leakage current
2 Minutes
.01CV or 3uA,Whichever is greater
Low temperature
stability
Impedance ratio
(120 Hz)
Rated WVDC
10
16
25
35
50
-25°C to +20°C
6
5
4
3
3
-40°C to +20°C
12
8
6
4
4
Load Life
1000 hours (1500 hours for 8, 10mm) at 125°C with rated WVDC
Capacitance change
<30% of initial measured value
Dissipation factor
<300% of maximum specified value
Leakage current
<100% of maximum specified value
Shelf Life
1000 hours at 85°C with no voltage applied
Capacitance change
<30% of initial measured value
Dissipation factor
<300% of maximum specified value
Leakage current
<100% of maximum specified value
Resistance to soldering heat
Capacitors placed on a 250°C hot plate for 30 seconds with their electrode
terminations facing downward will fulfill the following conditions after being cooled to
room temperature
Capacitance change
<10% of initial measured value
Dissipation factor
<100% of maximum specified value
Leakage current
<100% of maximum specified value
Ripple Current Multipliers
Frequency (Hz)
50
120
300
1k
10k
.85
1
1.17
1.36
1.5
D+0.5
L
W+0.2
H+0.2
C+0.2
R
LL+0.2
S+0.2
6.3
7.7 +/-0.3
6.6
6.6
7.3
0.5~0.8
2.4
2.2
8
10.5 +/-0.5
8.3
8.3
9
0.8~1.1
2.9
3.1
10
10.5 +/-0.5
1.03
10.3
11
0.8~1.1
3.2
4.5


Similar Part No. - 476UVK050MGE

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476UVK050MGE ILLINOISCAPACITOR-476UVK050MGE Datasheet
201Kb / 2P
   Small size - High Temperature ??Lead Free Leads
More results

Similar Description - 476UVK050MGE

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105RSS050M ILLINOISCAPACITOR-105RSS050M_16 Datasheet
194Kb / 2P
   7 to 15mm Height 1000 hours
104NPS050M ILLINOISCAPACITOR-104NPS050M_16 Datasheet
197Kb / 2P
   Bi-Polar 1000 hours
104SMH050M ILLINOISCAPACITOR-104SMH050M_16 Datasheet
224Kb / 2P
   General Purpose 1000 hours
logo
jb Capacitors Company
JCN JBCAPACITORS-JCN Datasheet
266Kb / 2P
   Load life of 1000 hours
logo
MERITEK ELECTRONICS COR...
SHL MERITEK-SHL Datasheet
737Kb / 4P
   Load Life : 105C 1000 hours
logo
Illinois Capacitor, Inc...
104PGM050M ILLINOISCAPACITOR-104PGM050M_16 Datasheet
214Kb / 2P
   7mm Height, General Purpose, 1000 hours
475PUM050M ILLINOISCAPACITOR-475PUM050M_16 Datasheet
201Kb / 2P
   7mm Height, General Purpose, 1000 hours
logo
MERITEK ELECTRONICS COR...
SRF MERITEK-SRF Datasheet
793Kb / 4P
   Load Life : 105C 1000~2000 hours
logo
jb Capacitors Company
JCD JBCAPACITORS-JCD Datasheet
241Kb / 4P
   Load life of 1000 ~ 2000 hours
logo
RUBYCON CORPORATION
63RX30220M12.5X20 RUBYCON-63RX30220M12.5X20 Datasheet
204Kb / 2P
   Load Life : 130??1000節?000 hours.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com