Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF50603HN Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF50603HN
Description  Controller for power supply and battery management
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF50603HN Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF50603HN Datasheet HTML 7Page - NXP Semiconductors PCF50603HN Datasheet HTML 8Page - NXP Semiconductors PCF50603HN Datasheet HTML 9Page - NXP Semiconductors PCF50603HN Datasheet HTML 10Page - NXP Semiconductors PCF50603HN Datasheet HTML 11Page - NXP Semiconductors PCF50603HN Datasheet HTML 12Page - NXP Semiconductors PCF50603HN Datasheet HTML 13Page - NXP Semiconductors PCF50603HN Datasheet HTML 14Page - NXP Semiconductors PCF50603HN Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
2003 Oct 31
11
Philips Semiconductors
Preliminary specification
Controller for power supply
and battery management
PCF50603
handbook, full pagewidth
MDB682
system
state
STANDBY
STANDBY
ACTIVE
RSTHC_N
xxVDD
32 kHz
oscillator
CLK32K
treset = 10 ms
Fig.4 Reset generation timing diagram (STANDBY - ACTIVE - STANDBY transition).
Before the supplies are turned on, the internal 32 kHz clock is already stable. After
power up of the IOVDD supply the external clock on pin CLK32K becomes available.
handbook, full pagewidth
MDB683
system
state
STANDBY
STANDBY
ACTIVE
xxVDD
SIM activation
SIM emergency deactivation
32 kHz
oscillator
CLK32K
treset = 10 ms
RSTHC_N
Fig.5 Reset generation timing diagram (STANDBY - ACTIVE - STANDBY transition).
Before the supplies are turned on, the internal 32 kHz clock is already stable. After
power up of the IOVDD supply the external clock on pin CLK32K becomes available.


Similar Part No. - PCF50603HN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF5001 PHILIPS-PCF5001 Datasheet
273Kb / 44P
   POCSAG Paging Decoder
1997 Mar 04
PCF5001H PHILIPS-PCF5001H Datasheet
273Kb / 44P
   POCSAG Paging Decoder
1997 Mar 04
PCF5001T PHILIPS-PCF5001T Datasheet
273Kb / 44P
   POCSAG Paging Decoder
1997 Mar 04
PCF50732 PHILIPS-PCF50732 Datasheet
322Kb / 64P
   Baseband and audio interface for GSM
1999 May 03
PCF50732H PHILIPS-PCF50732H Datasheet
322Kb / 64P
   Baseband and audio interface for GSM
1999 May 03
More results

Similar Description - PCF50603HN

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT73C201 ATMEL-AT73C201 Datasheet
45Kb / 3P
   POWER SUPPLY AND BATTERY MANAGEMENT IC
logo
Linear Technology
LTC4000 LINER-LTC4000 Datasheet
433Kb / 40P
   High Voltage High Current Controller for Battery Charging and Power Management
LTC4000 LINER-LTC4000_15 Datasheet
483Kb / 40P
   High Voltage High Current Controller for Battery Charging and Power Management
logo
Freescale Semiconductor...
MC56F825X FREESCALE-MC56F825X Datasheet
3Mb / 88P
   Digital Signal Controller Battery chargers and management
logo
Texas Instruments
BQ78350-R1 TI1-BQ78350-R1 Datasheet
1Mb / 32P
[Old version datasheet]   Battery Management Controller Companion
BQ78350 TI1-BQ78350 Datasheet
2Mb / 39P
[Old version datasheet]   Battery Management Controller Companion
TPS65014 TI1-TPS65014_15 Datasheet
1Mb / 69P
[Old version datasheet]   Power- and Battery-Management IC
TPS65013RGZR TI-TPS65013RGZR Datasheet
1Mb / 59P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC
logo
ATMEL Corporation
AT73C214 ATMEL-AT73C214 Datasheet
118Kb / 5P
   Power Management and Battery Charger for Wireless Devices
logo
Texas Instruments
TWL2213CA TI1-TWL2213CA Datasheet
438Kb / 31P
[Old version datasheet]   POWER SUPPLY MANAGEMENT IC AND Li-Ion BATTERY CHARGE CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com