Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEH200XO4220MB2 Datasheet(PDF) 4 Page - Kemet Corporation

Part # PEH200XO4220MB2
Description  High CV value
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PEH200XO4220MB2 Datasheet(HTML) 4 Page - Kemet Corporation

  PEH200XO4220MB2 Datasheet HTML 1Page - Kemet Corporation PEH200XO4220MB2 Datasheet HTML 2Page - Kemet Corporation PEH200XO4220MB2 Datasheet HTML 3Page - Kemet Corporation PEH200XO4220MB2 Datasheet HTML 4Page - Kemet Corporation PEH200XO4220MB2 Datasheet HTML 5Page - Kemet Corporation PEH200XO4220MB2 Datasheet HTML 6Page - Kemet Corporation PEH200XO4220MB2 Datasheet HTML 7Page - Kemet Corporation PEH200XO4220MB2 Datasheet HTML 8Page - Kemet Corporation PEH200XO4220MB2 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4034_PEH200 • 3/30/2016
Screw Terminal Aluminum Electrolytic Capacitors – PEH200 Series, +85°C
Shelf Life
The capacitance, ESR and impedance of a capacitor will not change significantly after extended storage periods, however the leakage
current will very slowly increase. KEMET products are particularly stable and allow a shelf life in excess of three years at 40°C. See
sectional specification under each product series for specific data.
Re-age (Reforming) Procedure
Apply the rated voltage to the capacitor at room temperature for a period of one hour, or until the leakage current has fallen to a steady
value below the specified limit. During re-aging a maximum charging current of twice the specified leakage current or 5 mA (whichever
is greater) is suggested.
Reliability
The reliability of a component can be defined as the probability that it will perform satisfactorily under a given set of conditions for a
given length of time.
In practice, it is impossible to predict with absolute certainty how any individual component will perform; thus, we must utilize probability
theory. It is also necessary to clearly define the level of stress involved (e.g. operating voltage, ripple current, temperature and time).
Finally, the meaning of satisfactory performance must be defined by specifying a set of conditions which determine the end of life of the
component.
Reliability as a function of time, R(t), is normally expressed as: R(t)=e-λt
where R(t) is the probability that the component will perform satisfactorily for time t, and λ is the failure rate.
Failure Rate
The failure rate is the number of components failing per unit time. The failure rate of most electronic components follows the
characteristic pattern:
• Early failures are removed during the manufacturing process.
• The operational life is characterized by a constant failure rate.
• The wear out period is characterized by a rapidly increasing failure rate.
The failures in time (FIT) are given with a 60% confidence level for the various type codes. By convention, FIT is expressed as 1 x 10-9
failures per hour. Failure rate is also expressed as a percentage of failures per 1,000 hours.
e.g., 100 FIT = 1 x 10-7 failures per hour = 0.01%/1,000 hours
End of Life Definition
Catastrophic Failure: short circuit, open circuit or safety vent operation
Parametric Failure:
• Change in capacitance > ±10%
• Leakage current > specified limit
• ESR > 2 x initial ESR value


Similar Part No. - PEH200XO4220MB2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PEH200 KEMET-PEH200 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
PEH200 KEMET-PEH200 Datasheet
295Kb / 5P
   IEC 60384-4 Long Life Grade 40/85/56, DIN 41240
More results

Similar Description - PEH200XO4220MB2

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
RT MERITEK-RT Datasheet
151Kb / 2P
   Wide CV value range
RB MERITEK-RB Datasheet
1Mb / 8P
   This series has high value of CV for general purposes
logo
Nichicon corporation
UUR1E101MCL1GS NICHICON-UUR1E101MCL1GS Datasheet
53Kb / 2P
   Chip Type, High CV
logo
Texas Instruments
UCC28704 TI1-UCC28704 Datasheet
1Mb / 44P
[Old version datasheet]   High-Efficiency Off-Line CV
logo
Bookly Micro electronic
BM2490 BOOKLY-BM2490 Datasheet
565Kb / 8P
   CV Buck
logo
Shenzhen Titan Micro El...
TM5201 TITAN-TM5201 Datasheet
355Kb / 10P
   CV/CC
logo
Thermtrol Corporation
932A-100 THERMTROL-932A-100 Datasheet
305Kb / 2P
   SURFACE MOUNT FILM PET HIGH CV
logo
AVX Corporation
F98 AVX-F98_15 Datasheet
117Kb / 3P
   Resin-Molded Chip, High CV Undertab
F98 AVX-F98 Datasheet
87Kb / 1P
   Resin-Molded Chip, High CV Frameless
logo
HolyStone International
RXX HOLYSTONECAPS-RXX Datasheet
274Kb / 4P
   High CV Conformal Coated Radial Leaded Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com