Electronic Components Datasheet Search |
|
PEH200ZA3100MU2 Datasheet(PDF) 3 Page - Kemet Corporation |
|
PEH200ZA3100MU2 Datasheet(HTML) 3 Page - Kemet Corporation |
3 / 13 page 3 © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com A4034_PEH200 • 3/30/2016 Screw Terminal Aluminum Electrolytic Capacitors – PEH200 Series, +85°C Dimensions – Millimeters L1 SIDE VIEW OVAL TERMINAL END VIEW D Optional Mounting Stud (M x S) ROUND TERMINAL END VIEW L2 a + DT Safety Vent Polarity Mark L3 + DT Safety Vent Polarity Mark b (D > 36.6) (D = 36.6) Reference Size (mm) Size Code Dimensions in mm Mounting Stud (M x S) Approximate Weight Grams D L1 L2 L3 a ±1.0 ±1.0 ±1.0 ±1.0 ±0.5 Nominal 35 x 51 A 36.6 51.5 54.5 58.9 13.0 M8 x 12 70 35 x 60 B 36.6 59.5 62.5 66.9 13.0 M8 x 12 85 35 x 75 C 36.6 73.5 76.5 80.9 13.0 M8 x 12 105 35 x 95 D 36.6 94.5 97.5 101.9 13.0 M8 x 12 130 50 x 49 G 51.6 48.5 51.5 56.4 22.0 M12 x 16 150 50 x 75 H 51.6 74.5 77.5 82.4 22.0 M12 x 16 180 50 x 95 J 51.6 95.5 98.5 103.4 22.0 M12 x 16 240 50 x 105 K 51.6 103.5 106.5 111.4 22.0 M12 x 16 265 50 x 115 I 51.6 115.5 118.5 123.4 22.0 M12 x 16 300 65 x 105 O 66.6 106.0 109.2 113.0 28.5 M12 x 16 415 65 x 115 Q 66.6 118.0 121.2 125.0 28.5 M12 x 16 460 65 x 130 S 66.6 129.0 132.2 136.0 28.5 M12 x 16 520 65 x 140 R 66.6 141.0 144.2 148.0 28.5 M12 x 16 650 75 x 78 L 76.6 77.0 80.2 84.0 32.0 M12 x 16 430 75 x 98 P 76.6 98.0 101.2 105.0 32.0 M12 x 16 530 75 x 105 T 76.6 106.0 109.2 113.0 32.0 M12 x 16 585 75 x 115 U 76.6 118.0 121.2 125.0 32.0 M12 x 16 640 75 x 145 V 76.6 146.0 149.2 153.0 32.0 M12 x 16 800 75 x 220 X 76.6 221.0 224.2 228.0 32.0 M12 x 16 1400 90 x 78 M 91.6 76.5 79.7 83.4 32.0 M12 x 16 750 90 x 98 N 91.6 97.5 100.7 104.4 32.0 M12 x 16 950 90 x 145 Y 91.6 145.5 148.7 152.4 32.0 M12 x 16 1400 90 x 220 Z 91.6 220.0 224.2 226.9 32.0 M12 x 16 1500 Note: Dimensions include sleeving. Additional case sizes available on request Termination Table Reference Diameter Thread Termination Style Dimensions in mm DT b 35 M5 Round 8 50 M5 Oval 15 13 65 M5 Oval 15 13 75 M5 Oval 15 13 90 M5 Oval 15 13 Note: M6 and other termination options available on request |
Similar Part No. - PEH200ZA3100MU2 |
|
Similar Description - PEH200ZA3100MU2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |