Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6J312A Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # S6J312A
Description  32-Bit Traveo??Family Microcontroller Datasheet
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6J312A Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button S6J312A Datasheet HTML 5Page - Cypress Semiconductor S6J312A Datasheet HTML 6Page - Cypress Semiconductor S6J312A Datasheet HTML 7Page - Cypress Semiconductor S6J312A Datasheet HTML 8Page - Cypress Semiconductor S6J312A Datasheet HTML 9Page - Cypress Semiconductor S6J312A Datasheet HTML 10Page - Cypress Semiconductor S6J312A Datasheet HTML 11Page - Cypress Semiconductor S6J312A Datasheet HTML 12Page - Cypress Semiconductor S6J312A Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 139 page
background image
Document Number: 002-04863 Rev.*B
Page 9 of 139
S6J3120 Series
3. Pin Description
This section provides a list of the pin functions of the S6J3120 series
Table 5-1 S6J312xHzC* Pin Functions
* x: A/9/8, z: A/B
Pin No.
Pin Name
Polarity
I/O
Circuit
Type
Function
2
P000
SOT2_1
AIN8_0
MAD00
SEG8
-
-
-
-
-
K
General-purpose I/O port
Multi-function serial ch.2 serial data output pin (1)
QPRC ch.8 AIN input pin (0)
External bus interface address bit0 output pin
LCDC segment 8 (Duty) output pin
3
P001
SCS20_1
BIN8_0
MDATA15
SEG9
-
-
-
-
-
K
General-purpose I/O port
Multi-function serial ch.2 serial chip select 0 I/O pin (1)
QPRC ch.8 BIN input pin (0)
External bus interface data bus bit15 I/O pin
LCDC segment 9 (Duty) output pin
4
P003
SCS22_1
ZIN8_0
MDATA14
SEG10
-
-
-
-
-
K
General-purpose I/O port
Multi-function serial ch.2 serial chip select 2 output pin (1)
QPRC ch.8 ZIN input pin (0)
External bus interface data bus bit14 I/O pin
LCDC segment 10 (Duty) output pin
5
P005
SIN3_0
IN6_0
AIN9_0
MDATA13
SEG11
-
-
-
-
-
-
K
General-purpose I/O port
Multi-function serial ch.3 serial data input pin (0)
Input capture ch.6 input pin (0)
QPRC ch.9 AIN input pin (0)
External bus interface data bus bit13 I/O pin
LCDC segment 11 (Duty) output pin
6
P006
SOT3_0
SDA3_0
IN7_0
BIN9_0
MDATA12
SEG12
-
-
-
-
-
-
-
K
General-purpose I/O port
Multi-function serial ch.3 serial data output pin (0)
I2C bus ch.3 serial data I/O pin
Input capture ch.7 input pin (0)
QPRC ch.9 BIN input pin (0)
External bus interface data bus bit12 I/O pin
LCDC segment 12 (Duty) output pin
7
P007
SCK3_0
SCL3_0
IN8_0
ZIN9_0
MDATA11
SEG13
-
-
-
-
-
-
-
K
General-purpose I/O port
Multi-function serial ch.3 clock I/O pin (0)
I2C bus ch.3 serial clock I/O pin
Input capture ch.8 input pin (0)
QPRC ch.9 ZIN input pin (0)
External bus interface data bus bit11 I/O pin
LCDC segment 13 (Duty) output pin


Similar Part No. - S6J312A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6J312AHzC CYPRESS-S6J312AHzC Datasheet
5Mb / 141P
   This section explains the Cortex-R5 CPU core
More results

Similar Description - S6J312A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6J311A CYPRESS-S6J311A Datasheet
2Mb / 92P
   32-Bit Traveo??Family S6J3110 Series Microcontroller Datasheet
S6J311E CYPRESS-S6J311E Datasheet
2Mb / 116P
   32-Bit Traveo??Family S6J3110 Series Microcontroller Datasheet
S6J327C CYPRESS-S6J327C Datasheet
2Mb / 179P
   32-bit Microcontroller Traveo??Family
S6J32BA CYPRESS-S6J32BA Datasheet
2Mb / 179P
   32-bit Microcontroller Traveo??Family
S6J32DA CYPRESS-S6J32DA Datasheet
2Mb / 179P
   32-bit Microcontroller Traveo??Family
S6J328C CYPRESS-S6J328C Datasheet
2Mb / 179P
   32-bit Microcontroller Traveo??Family
S6J324C CYPRESS-S6J324C Datasheet
2Mb / 179P
   32-bit Microcontroller Traveo??Family
S6J3200 CYPRESS-S6J3200 Datasheet
2Mb / 179P
   32-bit Microcontroller Traveo苑?Family
S6E1A1 CYPRESS-S6E1A1 Datasheet
410Kb / 3P
   32-bit Microcontroller FM0 Family
MB9D560 CYPRESS-MB9D560 Datasheet
2Mb / 91P
   32-bit Microcontroller TraveoTM Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com