Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6J311A Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # S6J311A
Description  32-Bit Traveo??Family S6J3110 Series Microcontroller Datasheet
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6J311A Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button S6J311A Datasheet HTML 5Page - Cypress Semiconductor S6J311A Datasheet HTML 6Page - Cypress Semiconductor S6J311A Datasheet HTML 7Page - Cypress Semiconductor S6J311A Datasheet HTML 8Page - Cypress Semiconductor S6J311A Datasheet HTML 9Page - Cypress Semiconductor S6J311A Datasheet HTML 10Page - Cypress Semiconductor S6J311A Datasheet HTML 11Page - Cypress Semiconductor S6J311A Datasheet HTML 12Page - Cypress Semiconductor S6J311A Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
Document Number: 002-04632 Rev.*B
Page 9 of 92
S6J311A, S6J3119, S6J3118
Pin No.
S6J311xHAC
Pin Name
Polarity
I/O
Circuit
Type
Function
34
P108
AN6
TIOA11_0
INT3_1
OUT10_1
-
-
-
-
-
A
General-purpose I/O port
ADC analog 6 input pin
Base timer ch.11 TIOA I/O pin (0)
INT3 external interrupt input pin (1)
Output compare ch.10 output pin (1)
35
P109
TIOA12_0
OUT11_1
-
-
-
P
General-purpose I/O port
Base timer ch.12 TIOA output pin (0)
Output compare ch.11 output pin (1)
39
P112
AN9
TIOA13_0
-
-
-
A
General-purpose I/O port
ADC analog 9 input pin
Base timer ch.13 TIOA I/O pin (0)
40
P113
TIOA5_1
-
-
P
General-purpose I/O port
Base timer ch.5 TIOA I/O pin (1)
41
P114
AN10
TIOA6_1
-
-
-
A
General-purpose I/O port
ADC analog 10 input pin
Base timer ch.6 TIOA output pin (1)
45
P115
-
P
General-purpose I/O port
46
P117
AN12
INT4_1
-
-
-
A
General-purpose I/O port
ADC analog 12 input pin
INT4 external interrupt input pin (1)
47
P118
AN13
INT5_1
-
-
-
A
General-purpose I/O port
ADC analog 13 input pin
INT5 external interrupt input pin (1)
48
P119
AN14
-
-
A
General-purpose I/O port
ADC analog 14 input pin
49
P120
AN15
-
-
A
General-purpose I/O port
ADC analog 15 input pin
50
P122
AN17
TIOA11_1
-
-
-
A
General-purpose I/O port
ADC analog 17 input pin
Base timer ch.11 TIOA I/O pin (1)
51
P123
AN18
TIOA12_1
-
-
-
A
General-purpose I/O port
ADC analog 18 input pin
Base timer ch.12 TIOA output pin (1)
52
P126
AN19
-
-
A
General-purpose I/O port
ADC analog 19 input pin
53
P127
AN20
TEXT1_1
-
-
-
A
General-purpose I/O port
ADC analog 20 input pin
Free-run timer 1 clock input pin (1)
54
P128
AN21
TEXT2_1
-
-
-
A
General-purpose I/O port
ADC analog 21 input pin
Free-run timer 2 clock input pin (1)
55
P129
IN6_1
AN22
-
-
-
A
General-purpose I/O port
Input capture ch.6 input pin (1)
ADC analog 22 input pin
56
P130
IN7_1
AN23
INT5_0
-
-
-
-
A
General-purpose I/O port
Input capture ch.7 input pin (1)
ADC analog 23 input pin
INT5 external interrupt input pin (0)
57
P131
IN8_1
AN24
-
-
-
A
General-purpose I/O port
Input capture ch.8 input pin (1)
ADC analog 24 input pin
58
P202
IN9_1
INT6_1
-
-
-
P
General-purpose I/O port
Input capture ch.9 input pin (1)
INT6 external interrupt input pin (1)
59
P203
IN10_1
-
-
P
General-purpose I/O port
Input capture ch.10 input pin (1)


Similar Part No. - S6J311A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6J311AHABSEx0000 CYPRESS-S6J311AHABSEx0000 Datasheet
359Kb / 4P
   32bit ARMR CortexR-R5 CPU Core
S6J311AHBBSEx0000 CYPRESS-S6J311AHBBSEx0000 Datasheet
359Kb / 4P
   32bit ARMR CortexR-R5 CPU Core
S6J311AHxB CYPRESS-S6J311AHxB Datasheet
359Kb / 4P
   32bit ARMR CortexR-R5 CPU Core
More results

Similar Description - S6J311A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6J311E CYPRESS-S6J311E Datasheet
2Mb / 116P
   32-Bit Traveo??Family S6J3110 Series Microcontroller Datasheet
S6J312A CYPRESS-S6J312A Datasheet
2Mb / 139P
   32-Bit Traveo??Family Microcontroller Datasheet
S6J327C CYPRESS-S6J327C Datasheet
2Mb / 179P
   32-bit Microcontroller Traveo??Family
S6J32BA CYPRESS-S6J32BA Datasheet
2Mb / 179P
   32-bit Microcontroller Traveo??Family
S6J32DA CYPRESS-S6J32DA Datasheet
2Mb / 179P
   32-bit Microcontroller Traveo??Family
S6J328C CYPRESS-S6J328C Datasheet
2Mb / 179P
   32-bit Microcontroller Traveo??Family
S6J324C CYPRESS-S6J324C Datasheet
2Mb / 179P
   32-bit Microcontroller Traveo??Family
S6J3200 CYPRESS-S6J3200 Datasheet
2Mb / 179P
   32-bit Microcontroller Traveo苑?Family
S6E1A1 CYPRESS-S6E1A1 Datasheet
410Kb / 3P
   32-bit Microcontroller FM0 Family
MB9D560 CYPRESS-MB9D560 Datasheet
2Mb / 91P
   32-bit Microcontroller TraveoTM Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com