Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

567LBB250M2DD Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 567LBB250M2DD
Description  Extended Life, 3000 hours
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

567LBB250M2DD Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  567LBB250M2DD Datasheet HTML 1Page - Illinois Capacitor, Inc. 567LBB250M2DD Datasheet HTML 2Page - Illinois Capacitor, Inc. 567LBB250M2DD Datasheet HTML 3Page - Illinois Capacitor, Inc. 567LBB250M2DD Datasheet HTML 4Page - Illinois Capacitor, Inc. 567LBB250M2DD Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Lead Style Options
Code 2 (standard)
Diameter 20 to 40 mm
Code W
Diameter 20 to 40 mm
Code P
Diameter 22 to 35 mm
Code D
Diameter 30 to 40 mm
Code 9
Diameter 25 to 35 mm
Code T
Diameter 25 to 35 mm
Code 4
Diameter 35 to 45 mm
Code 4S (straight leads)
Diameter 35 to 45 mm
Code 5
Diameter 40 to 50 mm
Code G
D
35
40
50
63
76
P
14
14
18
25
25
Diameter 35 to 76 mm


Similar Part No. - 567LBB250M2DD

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
567LBB250M2DD ILLINOISCAPACITOR-567LBB250M2DD Datasheet
250Kb / 6P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
567LBB250M2DD ILLINOISCAPACITOR-567LBB250M2DD Datasheet
704Kb / 5P
   85C snap-Mount Aluminum Electrolytic Capacitors
567LBB250M2DD ILLINOISCAPACITOR-567LBB250M2DD Datasheet
342Kb / 5P
   Multiple Case Sizes - High Voltage ??High Current
567LBB250M2DD ILLINOISCAPACITOR-567LBB250M2DD Datasheet
478Kb / 5P
   Multiple Case Sizes - High Voltage ??High Current
567LBB250M2DD ILLINOISCAPACITOR-567LBB250M2DD Datasheet
107Kb / 1P
   SNAP-IN / SNAP MOUNT
More results

Similar Description - 567LBB250M2DD

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474TMA100M ILLINOISCAPACITOR-474TMA100M_16 Datasheet
267Kb / 3P
   Extended Life, 2000 hours
logo
United Chemi-Con, Inc.
EMVL6R3ADA CHEMI-CON-EMVL6R3ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
logo
jb Capacitors Company
JCE JBCAPACITORS-JCE Datasheet
260Kb / 2P
   Load life of 2000~3000 hours
logo
United Chemi-Con, Inc.
EMVL160ADA CHEMI-CON-EMVL160ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
EMVL250ADA CHEMI-CON-EMVL250ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
EMVL350ADA CHEMI-CON-EMVL350ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
logo
jb Capacitors Company
JCL JBCAPACITORS-JCL Datasheet
295Kb / 3P
   Load life of 3000~5000 hours
logo
United Chemi-Con, Inc.
EMVL500ADA CHEMI-CON-EMVL500ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
EMVL100ADA CHEMI-CON-EMVL100ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
EMVJ250ADA CHEMI-CON-EMVJ250ADA Datasheet
317Kb / 1P
   2000-hours-life, 105?
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com