Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA356 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA356
Description  200MHz, CMOS OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA356 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button OPA356 Datasheet HTML 5Page - Burr-Brown (TI) OPA356 Datasheet HTML 6Page - Burr-Brown (TI) OPA356 Datasheet HTML 7Page - Burr-Brown (TI) OPA356 Datasheet HTML 8Page - Burr-Brown (TI) OPA356 Datasheet HTML 9Page - Burr-Brown (TI) OPA356 Datasheet HTML 10Page - Burr-Brown (TI) OPA356 Datasheet HTML 11Page - Burr-Brown (TI) OPA356 Datasheet HTML 12Page - Burr-Brown (TI) OPA356 Datasheet HTML 13Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
OPA356, 2356
10
SBOS212A
APPLICATIONS INFORMATION
The OPAx356 series is a CMOS, high-speed, voltage feed-
back, operational amplifier designed for video and other
general-purpose applications. It is available as a single or
dual op amp.
The amplifier features a 200MHz gain bandwidth and
360V/
µs slew rate, but it is unity-gain stable and can be
operated as a +1V/V voltage follower.
Its input common-mode voltage range includes ground, al-
lowing the OPAx356 to be used in virtually any single-supply
application up to a supply voltage of +5.5V.
PCB LAYOUT
Good high-frequency PC board layout techniques should be
employed for the OPAx356. Generous use of ground planes,
short direct signal traces, and a suitable bypass capacitor
located at the V+ pin will assure clean, stable operation.
Large areas of copper also provide a means of dissipating
heat that is generated within the amplifier in normal opera-
tion.
Sockets are definitely not recommended for use with any
high-speed amplifier.
A 10
µF ceramic bypass capacitor is the minimum recom-
mended value; adding a 1
µF or larger tantalum capacitor in
parallel can be beneficial when driving a low-resistance load.
Providing adequate bypass capacitance is essential to achiev-
ing very low harmonic and intermodulation distortion.
OPERATING VOLTAGE
The OPAx356 is specified over a power-supply range of
+2.7V to +5.5V (
±1.35 to ±2.75V). However, the supply
voltage may range from +2.5V to +5.5V (
±1.25V to ±2.75V).
Supply voltages higher than 7.5V (absolute maximum) can
permanently damage the amplifier.
FIGURE 1. Internal ESD Protection.
Parameters that vary significantly over supply voltage or
temperature are shown in the “Typical Characteristics” sec-
tion of this data sheet.
OUTPUT DRIVE
The OPAx356 output stage is capable of driving a standard
back-terminated 75
Ω video cable. By back-terminating a
transmission line, it does not exhibit a capacitive load to its
driver. A properly back-terminated 75
Ω cable does not ap-
pear as capacitance; it presents only a 150
Ω resistive load to
the OPAx356 output.
The output stage can supply high short-circuit current (typi-
cally over 200mA). Therefore, an on-chip thermal shutdown
circuit is provided to protect the OPAx356 from dangerously
high junction temperatures. At 160
°C, the protection circuit
will shut down the amplifier. Normal operation will resume
when the junction temperature cools to below 140
°C.
NOTE: It is not recommended to run a continuous DC current
in excess of
±60mA. Refer to the graph of “Output Voltage
Swing vs Output Current”, shown in the “Typical Character-
istics” section of this data sheet.
INPUT AND ESD PROTECTION
All OPAx356 pins are static protected with internal ESD
protection diodes tied to the supplies, as shown in Figure 1.
These diodes will provide overdrive protection if the current
is externally limited to 10mA by the source or by a resistor.
External
Pin
+V
CC
–V
CC
Internal
Circuitry


Similar Part No. - OPA356

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA356 TI-OPA356 Datasheet
323Kb / 19P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER
OPA356 TI-OPA356 Datasheet
1Mb / 26P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA356-Q1 TI1-OPA356-Q1 Datasheet
791Kb / 17P
[Old version datasheet]   200-MHz CMOS OPERATIONAL AMPLIFIER
OPA356-Q1 TI-OPA356-Q1_15 Datasheet
900Kb / 18P
[Old version datasheet]   200-MHz CMOS OPERATIONAL AMPLIFIER
OPA356AID TI-OPA356AID Datasheet
323Kb / 19P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - OPA356

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA356 TI-OPA356_07 Datasheet
323Kb / 19P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER
OPA355NA TI1-OPA355NA Datasheet
823Kb / 24P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355UA TI-OPA355UA Datasheet
1Mb / 26P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355NA TI-OPA355NA Datasheet
1Mb / 27P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355 TI-OPA355 Datasheet
538Kb / 18P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355 TI1-OPA355_15 Datasheet
1Mb / 27P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
logo
E-CMOS Corporation
EC5912 E-CMOS-EC5912 Datasheet
605Kb / 10P
   200MHz, CMOS, Rail-to-Rail Output Operational Amplifier
EC5911 E-CMOS-EC5911 Datasheet
470Kb / 6P
   200MHz, High-Speed, CMOS, Rail-to-Rail Operational Amplifier
logo
Elantec Semiconductor
EL2073C ELANTEC-EL2073C Datasheet
368Kb / 12P
   200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
EL2073 INTERSIL-EL2073 Datasheet
252Kb / 10P
   200MHz Unity-Gain Stable Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com