Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603C0G1E820K030BA Datasheet(PDF) 1 Page - TDK Electronics

Part # C0603C0G1E820K030BA
Description  Multilayer Ceramic Chip Capacitorsl
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C0603C0G1E820K030BA Datasheet(HTML) 1 Page - TDK Electronics

  C0603C0G1E820K030BA_16 Datasheet HTML 1Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Commercial Grade ( General (Up to 50V) )
C0603 [EIA CC0201]
L
0.60mm +/-0.03mm
W
0.30mm +/-0.03mm
T
0.30mm +/-0.03mm
B
0.10mm Min.
G
0.20mm Min.
C0G (-55 to 125 degC 0+/-30ppm/degC)
1E (25Vdc)
82pF
K (+/-10%)
1000 Min.
10Gohm Min.
Not Applicable
All specifications are subject to change without notice.
January 2, 2016
C0603C0G1E820K030BA
TDK Item Description : C0603C0G1E820KT****
Cap. vs. Freq. Characteristic
1
10
100
1000
1
10
100
1000
10000
Frequency/MHz
|Z|, ESR vs. Freq. Characteristics
0.001
0.01
0.1
1
10
100
1
10
100
1000
10000
Frequency/MHz
|Z|
ESR
DC Bias Characteristic
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
5
10
15
20
25
30
DC Bias/V
Temperature Characteristics
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-60
-40
-20
0
20
40
60
80
100
120
140
160
Temperature/degC
Temp.Chara.
TCBias(1/2Rated)
Application & Main Feature
Series
Dimensions
Temperature Characteristic
Rated Voltage
Capacitance
Capacitance Tolerance
Q Factor
Insulation Resistance
AEC-Q200


Similar Part No. - C0603C0G1E820K030BA_16

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C0603C0G1E820K030BA TDK-C0603C0G1E820K030BA_17 Datasheet
181Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C0603C0G1E820K030BA_16

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C0402JB1A332K020BC TDK-C0402JB1A332K020BC_16 Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitorsl
C0603CH1E470J030BA TDK-C0603CH1E470J030BA_16 Datasheet
130Kb / 1P
   Multilayer Ceramic Chip Capacitorsl
C0603X5R0J683K030BC TDK-C0603X5R0J683K030BC_16 Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitorsl
C1005X5R1A155K050BC TDK-C1005X5R1A155K050BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitorsl
C0603C0G1E560J030BA TDK-C0603C0G1E560J030BA_16 Datasheet
130Kb / 1P
   Multilayer Ceramic Chip Capacitorsl
C0402JB1A472K020BC TDK-C0402JB1A472K020BC_16 Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitorsl
C0402X5R0G103K020BC TDK-C0402X5R0G103K020BC_16 Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitorsl
C0603CH1E680J030BA TDK-C0603CH1E680J030BA_16 Datasheet
130Kb / 1P
   Multilayer Ceramic Chip Capacitorsl
C0603C0G1H090D030BA TDK-C0603C0G1H090D030BA_16 Datasheet
130Kb / 1P
   Multilayer Ceramic Chip Capacitorsl
CGA3E2NP01H270J080AA TDK-CGA3E2NP01H270J080AA Datasheet
131Kb / 1P
   Multilayer Ceramic Chip Capacitorsl
C0402JB1C331K020BC TDK-C0402JB1C331K020BC_16 Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitorsl
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com