Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB9B360R Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
Download  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 3Page - Cypress Semiconductor MB9B360R Datasheet HTML 4Page - Cypress Semiconductor MB9B360R Datasheet HTML 5Page - Cypress Semiconductor MB9B360R Datasheet HTML 6Page - Cypress Semiconductor MB9B360R Datasheet HTML 7Page - Cypress Semiconductor MB9B360R Datasheet HTML 8Page - Cypress Semiconductor MB9B360R Datasheet HTML 9Page - Cypress Semiconductor MB9B360R Datasheet HTML 10Page - Cypress Semiconductor MB9B360R Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 7 of 166
MB9B360R Series
1. Product Lineup
Memory size
Product name
MB9BF366M/N/R
MB9BF367M/N/R
MB9BF368M/N/R
MainFlash memory
512 Kbytes
768 Kbytes
1024 Kbytes
WorkFlash memory
32 Kbytes
32 Kbytes
32 Kbytes
On-chip SRAM
64 Kbytes
96 Kbytes
128 Kbytes
SRAM0
32 Kbytes
48 Kbytes
64 Kbytes
SRAM1
16 Kbytes
24 Kbytes
32 Kbytes
SRAM1
16 Kbytes
24 Kbytes
32 Kbytes
Function
Product name
MB9BF366M
MB9BF367M
MB9BF368M
MB9BF366N
MB9BF367N
MB9BF368N
MB9BF366R
MB9BF367R
MB9BF368R
Pin count
80
100/112
120/144
CPU
Cortex-M4F, MPU, NVIC 128ch.
Freq.
160 MHz
Power supply voltage range
2.7V to 5.5V
USB2.0 (Function/Host)
1ch.
DMAC
8ch.
DSTC
128ch.
External Bus Interface
Addr:19-bit (Max),
R/W data: 8-bit
(Max),
CS:5 (Max),
SRAM,
NOR Flash
Addr:25-bit (Max),
R/W data: 8/16-bit
(Max),
CS:9 (Max),
SRAM,
NOR Flash,
SDRAM
Addr:25-bit (Max),
R/W data: 8/16-bit
(Max),
CS:9 (Max),
SRAM,
NOR Flash,
NAND Flash, SDRAM
Multi-function Serial Interface (UART/CSIO/LIN/I
2C)
8ch. (Max)
Base Timer
(PWC/Reload timer/PWM/PPG)
8ch. (Max)
A/D activation compare
6ch.
2 units (Max)
Input capture
4ch.
Free-run timer
3ch.
Output compare
6ch.
Waveform generator
3ch.
PPG
3ch.
SD Card Interface
1 unit
QPRC
2ch. (Max)
Dual Timer
1 unit
Real-Time Clock
1 unit
Watch Counter
1 unit
CRC Accelerator
Yes
Watchdog Timer
1ch. (SW) + 1ch. (HW)
External Interrupts
16pins (Max) + NMI × 1
I/O Ports
63pins (Max)
80pins (Max)
100pins (Max)
12-bit A/D Converter
16ch. (3 units)
24ch. (3 units)
12-bit D/A Converter
2 units (Max)
CSV (Clock Super Visor)
Yes
LVD (Low-Voltage Detector)
2ch.
Built-in CR
High-speed
4 MHz (±2%)
Low-speed
100 kHz (Typ)
Debug Function
SWJ-DP/ETM
Unique ID
Yes
Note: All signals of the peripheral function in each product cannot be allocated by limiting the pins of package.
It is necessary to use the port relocate function of the I/O port according to your function use.


Similar Part No. - MB9B360R

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB9B360L CYPRESS-MB9B360L Datasheet
1Mb / 128P
   32-Bit Arm짰 Cortex짰-M4F FM4 Microcontroller
More results

Similar Description - MB9B360R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
S6E2C2AL0AGL20000 TI1-S6E2C2AL0AGL20000 Datasheet
5Mb / 207P
[Old version datasheet]   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Cypress Semiconductor
S6E2C3 CYPRESS-S6E2C3 Datasheet
5Mb / 198P
   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
MB9B460L CYPRESS-MB9B460L Datasheet
1Mb / 122P
   32-Bit Arm짰 Cortex짰-M4F FM4 Microcontroller
MB9B560R CYPRESS-MB9B560R Datasheet
3Mb / 169P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
S6E2C1 CYPRESS-S6E2C1 Datasheet
4Mb / 191P
   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Texas Instruments
S6E2C49J0AGB10000 TI1-S6E2C49J0AGB10000 Datasheet
4Mb / 193P
[Old version datasheet]   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Cypress Semiconductor
MB9B160L CYPRESS-MB9B160L Datasheet
2Mb / 118P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
MB9BF564KQN CYPRESS-MB9BF564KQN Datasheet
2Mb / 124P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
S6E2C5 CYPRESS-S6E2C5 Datasheet
5Mb / 200P
   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
MB9B360L CYPRESS-MB9B360L Datasheet
1Mb / 128P
   32-Bit Arm짰 Cortex짰-M4F FM4 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com