Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1030DMR2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1030DMR2
Description  Low Power PWM Controller with On-Chip Power Switch and Startup Circuits for 48 V Telecom Systems
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1030DMR2 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1030DMR2 Datasheet HTML 2Page - ON Semiconductor NCP1030DMR2 Datasheet HTML 3Page - ON Semiconductor NCP1030DMR2 Datasheet HTML 4Page - ON Semiconductor NCP1030DMR2 Datasheet HTML 5Page - ON Semiconductor NCP1030DMR2 Datasheet HTML 6Page - ON Semiconductor NCP1030DMR2 Datasheet HTML 7Page - ON Semiconductor NCP1030DMR2 Datasheet HTML 8Page - ON Semiconductor NCP1030DMR2 Datasheet HTML 9Page - ON Semiconductor NCP1030DMR2 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
NCP1030, NCP1031
http://onsemi.com
6
DC ELECTRICAL CHARACTERISTICS (VDRAIN =48 V, VCC =12 V, CT = 560 pF, VUV =3 V, VOV =2 V, VFB =2.3 V,
VCOMP =2.5 V, TJ =--40C to 125C, typical values shown are for TJ =25C unless otherwise noted.) (Note 2)
Characteristics
Symbol
Min
Typ
Max
Unit
OSCILLATOR
Frequency (CT = 560 pF, Note 3)
TJ =25C
TJ =--40C to 125C
fOSC1
275
260
300
--
325
325
kHz
Frequency (CT = 100 pF)
fOSC2
--
800
--
kHz
Charge Current (VCT =3.25 V)
ICT(C)
--
215
--
mA
Discharge Current (VCT =3.25 V)
ICT(D)
--
645
--
mA
Oscillator Ramp
Peak
Valley
Vrpk
Vrvly
--
--
3.5
3.0
--
--
V
PWM COMPARATOR
Maximum Duty Cycle
DCMAX
70
75
80
%
POWER SWITCH CIRCUIT
Power Switch Circuit On--State Resistance (ID = 100 mA)
NCP1030
TJ =25C
TJ = 125C
NCP1031
TJ =25C
TJ = 125C
RDS(on)
--
--
--
--
4.1
6.0
2.1
3.5
7.0
12
3.0
6.0
Ω
Power Switch Circuit and Startup Circuit Breakdown Voltage
(ID = 100 mA, TJ =25C)
V(BR)DS
200
--
--
V
Power Switch Circuit and Startup Circuit Off--State Leakage Current
(VDRAIN = 200 V, VUV =2.0 V)
TJ =25C
TJ = --40to125C
IDS(off)
--
--
13
--
25
50
mA
Switching Characteristics (VDS =48 V, RL = 100 Ω)
Rise Time
Fall Time
tr
tf
--
--
22
24
--
--
ns
CURRENT LIMIT AND OVER TEMPERATURE PROTECTION
Current Limit Threshold (TJ =25C)
NCP1030 (di/dt = 0.5 A/ms)
NCP1031 (di/dt = 1.0 A/ms)
ILIM
350
700
515
1050
680
1360
mA
Propagation Delay, Current Limit Threshold to Power Switch Circuit Output
(Leading Edge Blanking plus Current Limit Delay)
tPLH
--
100
--
ns
Thermal Protection (Note 4)
Shutdown Threshold (TJ Increasing)
Hysteresis
TSHDN
THYS
--
--
150
45
--
--
C
TOTAL DEVICE
Supply Current After UV Turn--On
Power Switch Enabled
Power Switch Disabled
Non--Fault condition (VFB =2.7 V)
Fault Condition (VFB =2.7 V, VUV =2.0 V)
ICC1
ICC2
ICC3
2.0
--
--
3.0
1.5
0.65
4.0
2.0
1.2
mA
2. Production testing for NCP1030DMR2 is performed at 25C only; limits at --40C and 125C are guaranteed by design.
3. Oscillator frequency can be externally synchronized to the maximum frequency of the device.
4. Guaranteed by design only.


Similar Part No. - NCP1030DMR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1030DMR2 ONSEMI-NCP1030DMR2 Datasheet
166Kb / 18P
   Low Power PWM Controller with On?묬hip Power Switch and Startup Circuits for 48V Telecom Systems
January, 2006 ??Rev. 6
NCP1030DMR2 ONSEMI-NCP1030DMR2 Datasheet
444Kb / 19P
   Low Power PWM Controller with On--Chip Power Switch and Startup Circuits for 48 V Telecom Systems
December, 2010 -- Rev. 10
NCP1030DMR2 ONSEMI-NCP1030DMR2 Datasheet
192Kb / 21P
   Low Power PWM Controller
September, 2014 ??Rev. 11
NCP1030DMR2G ONSEMI-NCP1030DMR2G Datasheet
166Kb / 18P
   Low Power PWM Controller with On?묬hip Power Switch and Startup Circuits for 48V Telecom Systems
January, 2006 ??Rev. 6
NCP1030DMR2G ONSEMI-NCP1030DMR2G Datasheet
444Kb / 19P
   Low Power PWM Controller with On--Chip Power Switch and Startup Circuits for 48 V Telecom Systems
December, 2010 -- Rev. 10
More results

Similar Description - NCP1030DMR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1031MNTXG ONSEMI-NCP1031MNTXG Datasheet
444Kb / 19P
   Low Power PWM Controller with On--Chip Power Switch and Startup Circuits for 48 V Telecom Systems
December, 2010 -- Rev. 10
NCP1030 ONSEMI-NCP1030 Datasheet
444Kb / 19P
   Low Power PWM Controller with On--Chip Power Switch and Startup Circuits for 48 V Telecom Systems
December, 2010 -- Rev. 10
NCP1030 ONSEMI-NCP1030_06 Datasheet
166Kb / 18P
   Low Power PWM Controller with On?묬hip Power Switch and Startup Circuits for 48V Telecom Systems
January, 2006 ??Rev. 6
NCP1561 ONSEMI-NCP1561 Datasheet
250Kb / 22P
   Push-Pull PWM Controller for 48 V Telecom Systems
August, 2004 ??Rev. 3
logo
Fairchild Semiconductor
AN-7004 FAIRCHILD-AN-7004 Datasheet
85Kb / 12P
   Power Converter Topology and MOSFET Selection for 48-V Telecom
FAN4800 FAIRCHILD-FAN4800_10 Datasheet
411Kb / 19P
   Low Startup Current PFC/PWM Controller Combinations
logo
Shenzhen Winsemi Microe...
WS2297B WINSEMI-WS2297B Datasheet
414Kb / 9P
   Switch Power Supply PWM Controller
WS2295B WINSEMI-WS2295B Datasheet
415Kb / 9P
   Switch Power Supply PWM Controller
logo
Texas Instruments
TPS2399DGKG4 TI1-TPS2399DGKG4 Datasheet
993Kb / 28P
[Old version datasheet]   -48-V HOT SWAP CONTROLLER FOR REDUNDANT-SUPPLY SYSTEMS
logo
ON Semiconductor
TPS2398 ONSEMI-TPS2398 Datasheet
363Kb / 15P
   -48 V Hot Swap Controller for Redundant Supply Systems
August, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com