Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEH200SG4100MU2 Datasheet(PDF) 10 Page - Kemet Corporation

Part # PEH200SG4100MU2
Description  High CV value
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PEH200SG4100MU2 Datasheet(HTML) 10 Page - Kemet Corporation

Back Button PEH200SG4100MU2 Datasheet HTML 5Page - Kemet Corporation PEH200SG4100MU2 Datasheet HTML 6Page - Kemet Corporation PEH200SG4100MU2 Datasheet HTML 7Page - Kemet Corporation PEH200SG4100MU2 Datasheet HTML 8Page - Kemet Corporation PEH200SG4100MU2 Datasheet HTML 9Page - Kemet Corporation PEH200SG4100MU2 Datasheet HTML 10Page - Kemet Corporation PEH200SG4100MU2 Datasheet HTML 11Page - Kemet Corporation PEH200SG4100MU2 Datasheet HTML 12Page - Kemet Corporation PEH200SG4100MU2 Datasheet HTML 13Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4034_PEH200 • 3/30/2016
Screw Terminal Aluminum Electrolytic Capacitors – PEH200 Series, +85°C
Marking
KEMET Logo
Rated Capacitance
Rated Voltage (VDC)
Operating Temperature
Part Number Code
Date of Manufacture,
Batch Number
Made in The
European Union
Capacitance Tolerance
Construction
Detailed Cross Section
Margin
Safety Vent
Screw Terminal
Laser Welded
Terminal Tab
Aluminum Can
Insulating Cup
Deck
Insulating Cup
Aluminum Can
Laser Welded
Terminal Tabs
Deck
Screw Terminal (+)
Screw Terminal (-)
Polarity Mark (+)
Safety Vent Plug
Anode Aluminum Foil, Etched,
Covered with Aluminum Oxide
(Fourth Layer)
Cathode Aluminum
Foil, Etched
(Second Layer)
Paper Spacer Impregnated
with Electrolyte
(First Layer)
Paper Spacer Impregnated
with Electrolyte
(Third Layer)


Similar Part No. - PEH200SG4100MU2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PEH200 KEMET-PEH200 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
PEH200 KEMET-PEH200 Datasheet
295Kb / 5P
   IEC 60384-4 Long Life Grade 40/85/56, DIN 41240
More results

Similar Description - PEH200SG4100MU2

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
RT MERITEK-RT Datasheet
151Kb / 2P
   Wide CV value range
RB MERITEK-RB Datasheet
1Mb / 8P
   This series has high value of CV for general purposes
logo
Nichicon corporation
UUR1E101MCL1GS NICHICON-UUR1E101MCL1GS Datasheet
53Kb / 2P
   Chip Type, High CV
logo
Texas Instruments
UCC28704 TI1-UCC28704 Datasheet
1Mb / 44P
[Old version datasheet]   High-Efficiency Off-Line CV
logo
Bookly Micro electronic
BM2490 BOOKLY-BM2490 Datasheet
565Kb / 8P
   CV Buck
logo
Shenzhen Titan Micro El...
TM5201 TITAN-TM5201 Datasheet
355Kb / 10P
   CV/CC
logo
Thermtrol Corporation
932A-100 THERMTROL-932A-100 Datasheet
305Kb / 2P
   SURFACE MOUNT FILM PET HIGH CV
logo
AVX Corporation
F98 AVX-F98_15 Datasheet
117Kb / 3P
   Resin-Molded Chip, High CV Undertab
F98 AVX-F98 Datasheet
87Kb / 1P
   Resin-Molded Chip, High CV Frameless
logo
HolyStone International
RXX HOLYSTONECAPS-RXX Datasheet
274Kb / 4P
   High CV Conformal Coated Radial Leaded Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com