Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEH200SB3470MU2 Datasheet(PDF) 9 Page - Kemet Corporation

Part # PEH200SB3470MU2
Description  High CV value
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PEH200SB3470MU2 Datasheet(HTML) 9 Page - Kemet Corporation

Back Button PEH200SB3470MU2 Datasheet HTML 5Page - Kemet Corporation PEH200SB3470MU2 Datasheet HTML 6Page - Kemet Corporation PEH200SB3470MU2 Datasheet HTML 7Page - Kemet Corporation PEH200SB3470MU2 Datasheet HTML 8Page - Kemet Corporation PEH200SB3470MU2 Datasheet HTML 9Page - Kemet Corporation PEH200SB3470MU2 Datasheet HTML 10Page - Kemet Corporation PEH200SB3470MU2 Datasheet HTML 11Page - Kemet Corporation PEH200SB3470MU2 Datasheet HTML 12Page - Kemet Corporation PEH200SB3470MU2 Datasheet HTML 13Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4034_PEH200 • 3/30/2016
Screw Terminal Aluminum Electrolytic Capacitors – PEH200 Series, +85°C
Mechanical Data
Polarity and Reversed Voltage
Aluminium Electrolytic capacitors manufactured for use in DC applications contain an anode foil and a cathode foil. As such, they are
polarized devices and must be connected with the +ve to the anode foil and the -ve to the cathode foil. If this were to be reversed then
the electrolytic process that took place in forming the oxide layer on the anode would be recreated in trying to form an oxide layer on
the cathode. In forming the cathode foil in this way, heat would be generated and gas given off within the capacitor, usually leading to
catastrophic failure.
The cathode foil already possesses a thin stabilized oxide layer. This thin oxide layer is equivalent to a forming voltage of approximately
2 V. As a result, the capacitor can withstand a voltage reversal of up to 2 V for short periods. Above this voltage, the formation process
will commence. Aluminium Electrolytic capacitors can also be manufactured for use in intermittent AC applications by using two anode
foils in place of one anode and one cathode.
Mounting Position
The capacitor can be mounted upright or inclined to a horizontal position.
Clamp Fixing
Clips must be ordered separately.
Stud Fixing
Nylon cap nut must be ordered separately. For the stud fixing insulated version, the outer insulation serves as lock washer.
Maximum tightening torque:
M8 = 3 Nm
M12= 8 Nm
Maximum chassis thickness 5 mm.
Screw Terminals
M5 x 10 according to DIN 41.248.
Maximum tightening torque = 2.5 Nm.
Must be ordered separately.
Recommended maximum connector thickness with delivered screw = 4 mm. M6 thread upon request.
Insulating Cup
PEH200 is supplied with a 0.8 mm thick polypropylene insulating cup. Voltage proof of the insulating cup: ≥ 4,000 VDC


Similar Part No. - PEH200SB3470MU2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PEH200 KEMET-PEH200 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
PEH200 KEMET-PEH200 Datasheet
295Kb / 5P
   IEC 60384-4 Long Life Grade 40/85/56, DIN 41240
More results

Similar Description - PEH200SB3470MU2

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
RT MERITEK-RT Datasheet
151Kb / 2P
   Wide CV value range
RB MERITEK-RB Datasheet
1Mb / 8P
   This series has high value of CV for general purposes
logo
Nichicon corporation
UUR1E101MCL1GS NICHICON-UUR1E101MCL1GS Datasheet
53Kb / 2P
   Chip Type, High CV
logo
Texas Instruments
UCC28704 TI1-UCC28704 Datasheet
1Mb / 44P
[Old version datasheet]   High-Efficiency Off-Line CV
logo
Bookly Micro electronic
BM2490 BOOKLY-BM2490 Datasheet
565Kb / 8P
   CV Buck
logo
Shenzhen Titan Micro El...
TM5201 TITAN-TM5201 Datasheet
355Kb / 10P
   CV/CC
logo
Thermtrol Corporation
932A-100 THERMTROL-932A-100 Datasheet
305Kb / 2P
   SURFACE MOUNT FILM PET HIGH CV
logo
AVX Corporation
F98 AVX-F98_15 Datasheet
117Kb / 3P
   Resin-Molded Chip, High CV Undertab
F98 AVX-F98 Datasheet
87Kb / 1P
   Resin-Molded Chip, High CV Frameless
logo
HolyStone International
RXX HOLYSTONECAPS-RXX Datasheet
274Kb / 4P
   High CV Conformal Coated Radial Leaded Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com