Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

337SMH035M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 337SMH035M
Description  General Purpose 1000 hours
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

337SMH035M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  337SMH035M Datasheet HTML 1Page - Illinois Capacitor, Inc. 337SMH035M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMH
+105°C, General Purpose
1000 hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+105°C
Dims DxL
(mm)
0.1
50
104SMH050M
1989.44
2.3
4x5.4
0.22
50
224SMH050M
904.29
3.4
4x5.4
0.33
50
334SMH050M
602.86
4.1
4x5.4
0.47
50
474SMH050M
423.28
5
4x5.4
1
50
105SMH050M
198.94
10
4x5.4
2.2
50
225SMH050M
90.43
16
4x5.4
3.3
50
335SMH050M
60.286
16
4x5.4
4.7
35
475SMH035M
49.383
22
4x5.4
4.7
50
475SMH050M
42.33
23
5x5.4
10
16
106SMH016M
33.157
28
4x5.4
10
35
106SMH035M
23.21
30
5x5.4
10
50
106SMH050M
19.894
32
6.3x5.4
22
6.3
226SMH6R3M
21.1
29
4x5.4
22
16
226SMH016M
15.07
39
5x5.4
22
35
226SMH035M
10.55
60
6.3x5.4
22
50
226SMH050M
9.04
51
6.3x5.8
33
10
336SMH010M
12.06
34
5x5.4
33
16
336SMH016M
33.158
35
5x5.4
33
25
336SMH025M
8.038
65
6.3x5.4
33
35
336SMH035M
7.033
42
6.3x5.4
33
35
336SMH035MFT
23.211
84
8x6.5
33
50
336SMH050M
6.03
70
6.3x7.7
47
6.3
476SMH6R3M
9.877
46
5x5.4
47
16
476SMH016M
7.055
70
6.3x5.4
47
35
476SMH035M
4.938
80
6.3x6
47
50
476SMH050M
4.23
80
6.3x7.7
100
6.3
107SMH6R3M
4.642
71
6.3x5.4
100
16
107SMH016M
3.3157
70
6.3x5.4
100
25
107SMH025M
2.653
100
6.3x7.7
100
50
107SMH050M
1.989
230
8x10.5
150
10
157SMH010M
2.653
86
6.3x6
150
16
157SMH016M
2.21
95
6.3x7.7
220
16
227SMH016M
1.507
120
6.3x7.7
220
25
227SMH025ML10 1.2057
435
10x10.5
220
25
227SMH025MFE
1.2057
320
8x10.5
220
35
227SMH035M
1.06
190
8x10.5
220
50
227SMH050M
0.904
375
10x10.5
330
6.3
337SMH6R3M
1.407
290
6.3x7.7
330
16
337SMH016ML10
1.005
195
10x10.5
330
25
337SMH025M
0.8038
220
8x10.5
330
35
337SMH035M
0.704
450
10x10.5
470
16
477SMH016M
0.7055
340
8x10.5
470
25
477SMH025M
0.5644
490
10x10.5
680
16
687SMH016M
0.488
310
10x10.5
1000
6.3
108SMH6R3M
0.4642
340
8x10.5
1500
6.3
158SMH6R3M
0.3316
475
10x10.5


Similar Part No. - 337SMH035M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
337SMH035M ILLINOISCAPACITOR-337SMH035M Datasheet
218Kb / 2P
   Small size ??Extended Life ??Low cost
337SMH035M ILLINOISCAPACITOR-337SMH035M Datasheet
284Kb / 2P
   Small Size ??Extended Life ??Low Cost
337SMH035M ILLINOISCAPACITOR-337SMH035M Datasheet
124Kb / 1P
   SURFACE MOUNT
More results

Similar Description - 337SMH035M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104PGM050M ILLINOISCAPACITOR-104PGM050M_16 Datasheet
214Kb / 2P
   7mm Height, General Purpose, 1000 hours
475PUM050M ILLINOISCAPACITOR-475PUM050M_16 Datasheet
201Kb / 2P
   7mm Height, General Purpose, 1000 hours
474TTA100M ILLINOISCAPACITOR-474TTA100M_16 Datasheet
296Kb / 3P
   Standard, general purpose 2000 hours
104NPS050M ILLINOISCAPACITOR-104NPS050M_16 Datasheet
197Kb / 2P
   Bi-Polar 1000 hours
logo
jb Capacitors Company
JCN JBCAPACITORS-JCN Datasheet
266Kb / 2P
   Load life of 1000 hours
logo
MERITEK ELECTRONICS COR...
SHL MERITEK-SHL Datasheet
737Kb / 4P
   Load Life : 105C 1000 hours
logo
Illinois Capacitor, Inc...
105RSS050M ILLINOISCAPACITOR-105RSS050M_16 Datasheet
194Kb / 2P
   7 to 15mm Height 1000 hours
logo
MERITEK ELECTRONICS COR...
SRF MERITEK-SRF Datasheet
793Kb / 4P
   Load Life : 105C 1000~2000 hours
logo
Illinois Capacitor, Inc...
106UVK050MEW ILLINOISCAPACITOR-106UVK050MEW_16 Datasheet
206Kb / 2P
   High temperature, 1000 to 1500 hours
logo
jb Capacitors Company
JCD JBCAPACITORS-JCD Datasheet
241Kb / 4P
   Load life of 1000 ~ 2000 hours
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com