Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

337SVL025MGW Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 337SVL025MGW
Description  Long Life, up to 5000 hours
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

337SVL025MGW Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  337SVL025MGW Datasheet HTML 1Page - Illinois Capacitor, Inc. 337SVL025MGW Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Small size Long Life
APPLICATIONS
Filtering Bypass/ Coupling De-Coupling
Operating Temperature Range
-55°C to +105°C
Capacitance Tolerance
+20% at 120 Hz, 20°C
Surge Voltage
WVDC
6.3
10
16
25
35
50
SVDC
7.9
13
20
32
44
63
Dissipation Factor
WVDC
6.3
10
16
25
35
50
.32
.24
.2
.16
.13
.12
Leakage Current
2 Minutes
.01CV or 3uA,Whichever is greater
Low Temperature
Stability
Impedance Ratio
(120 Hz)
Rated WVDC
6.3
10
16
25
35
50
-25°C to +20°C
4
3
2
2
2
2
-40°C to +20°C
10
7
5
3
3
3
Load Life
5000 hours(3000 hours for D=4,5,6.3mm) at 105°C with rated WVDC
Capacitance Change
<30% of initial measured value
Dissipation Factor
<300% of maximum specified value
Leakage Current
<100% of maximum specified value
Shelf Life
1000 hours at 85°C with no voltage applied
Capacitance Change
<30% of initial measured value
Dissipation Factor
<300% of maximum specified value
Leakage Current
<100% of maximum specified value
Resistance to Soldering Heat
Capacitors placed on a 250°C hot plate for 30 seconds with their electrode
terminations facing downward will fulfill the following conditions after being
cooled to room temperature
Capacitance Change
<10% of initial measured value
Dissipation Factor
<100% of maximum specified value
Leakage Current
<100% of maximum specified value
Ripple Current Multipliers
Frequency (Hz)
50
120
300
1k
100k
.7
1.0
1.17
1.36
1.5
D
L
W+0.2
H+0.2
C+0.2
R
LL+0.2
S+0.2
4
5.8 +/-0.3
4.3
4.3
5.0
0.5~0.8
1.8
1.0
5
5.8 +/-0.3
5.3
5.3
6.0
0.5~0.8
2.1
1.3
6.3
5.8 +/-0.3
6.6
6.6
7.3
0.5~0.8
2.4
2.2
6.3
7.7 +/-0.3
6.6
6.6
7.3
0.5~0.8
2.4
2.2
8
10.5+/-0.5
8.3
8.3
9.0
0.7~1.0
2.9
3.1
10
10.5+/-0.5
10.3
10.3
11.0
0.7~1.0
3.2
4.5


Similar Part No. - 337SVL025MGW

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
337SVL025MGW ILLINOISCAPACITOR-337SVL025MGW Datasheet
198Kb / 2P
   Small size ??Long Life
337SVL025MGW ILLINOISCAPACITOR-337SVL025MGW Datasheet
119Kb / 1P
   SURFACE MOUNT
More results

Similar Description - 337SVL025MGW

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
450CXW150MEFC18X40 RUBYCON-450CXW150MEFC18X40 Datasheet
201Kb / 2P
   105??Long Life(5000 hours),Ultra Miniaturized
logo
United Chemi-Con, Inc.
EMVL6R3ADA CHEMI-CON-EMVL6R3ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
EMVL160ADA CHEMI-CON-EMVL160ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
logo
Illinois Capacitor, Inc...
225TXK450MFH ILLINOISCAPACITOR-225TXK450MFH_16 Datasheet
227Kb / 2P
   High Voltage Low Impedance Long Life, 5000 hours
474KXM100M ILLINOISCAPACITOR-474KXM100M_16 Datasheet
246Kb / 3P
   High Voltage Low Impedance Long Life, 5000 hours
logo
United Chemi-Con, Inc.
EMVL250ADA CHEMI-CON-EMVL250ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
EMVL350ADA CHEMI-CON-EMVL350ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
EMVL500ADA CHEMI-CON-EMVL500ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
EMVL100ADA CHEMI-CON-EMVL100ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
logo
Cornell Dubilier Electr...
AVEK226M06B12T-F CDE-AVEK226M06B12T-F Datasheet
192Kb / 3P
   Very Long Life - 5000 Hours - SMT Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com