Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

476PUM035M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 476PUM035M
Description  7mm Height, General Purpose, 1000 hours
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

476PUM035M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  476PUM035M Datasheet HTML 1Page - Illinois Capacitor, Inc. 476PUM035M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PUM
+85°C, 7mm Height, General
Purpose, 1000 hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+85°C
Dims DxL
(mm)
4.7
50
475PUM050M
35.274
26
4x7
6.8
35
685PUM035M
29.256
24
4x7
6.8
50
685PUM050M
24.38
27
5x7
10
35
106PUM035M
19.894
31
4x7
10
50
106PUM050M
16.579
34
5x7
15
35
156PUM035M
13.263
39
5x7
15
50
156PUM050M
11.052
43
6.3x7
22
16
226PUM016M
12.057
40
4x7
22
35
226PUM035M
9.043
55
5x7
22
50
226PUM050M
7.536
58
6.3x7
22
50
226PUM050MD8
7.536
85
8x7
33
10
336PUM010M
10.048
43
4x7
33
25
336PUM025M
7.033
52
5x7
33
35
336PUM035M
6.029
65
6.3x7
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(mA)
120 Hz,
+85°C
Dims DxL
(mm)
33
50
336PUM050M
5.024
80
8x7
47
6.3
476PUM6R3M
7.76
44
4x7
47
16
476PUM016M
5.644
65
5x7
47
25
476PUM025M
4.938
70
6.3x7
47
35
476PUM035M
4.233
90
8x7
68
6.3
686PUM6R3M
5.364
58
5x7
68
16
686PUM016M
3.901
95
6.3x7
100
6.3
107PUM6R3M
3.6473
75
5x7
100
16
107PUM016M
2.653
95
6.3x7
100
25
107PUM025M
2.321
115
8x7
150
6.3
157PUM6R3M
2.4315
90
6.3x7
220
6.3
227PUM6R3M
1.6579
120
6.3x7
220
16
227PUM016M
1.206
160
8x7
330
6.3
337PUM6R3M
1.105
160
8x7


Similar Part No. - 476PUM035M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476PUM035M ILLINOISCAPACITOR-476PUM035M Datasheet
91Kb / 2P
   85째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
476PUM035M ILLINOISCAPACITOR-476PUM035M Datasheet
186Kb / 2P
   85C Low Profile, 7mm Height Aluminum Electrolytic Capacitors
476PUM035M ILLINOISCAPACITOR-476PUM035M Datasheet
196Kb / 2P
   Small size ??Low heights ??Lead Free Leads
476PUM035M ILLINOISCAPACITOR-476PUM035M Datasheet
108Kb / 1P
   Radial Lead Low Profile
More results

Similar Description - 476PUM035M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104PGM050M ILLINOISCAPACITOR-104PGM050M_16 Datasheet
214Kb / 2P
   7mm Height, General Purpose, 1000 hours
104SMH050M ILLINOISCAPACITOR-104SMH050M_16 Datasheet
224Kb / 2P
   General Purpose 1000 hours
474TTA100M ILLINOISCAPACITOR-474TTA100M_16 Datasheet
296Kb / 3P
   Standard, general purpose 2000 hours
105RSS050M ILLINOISCAPACITOR-105RSS050M_16 Datasheet
194Kb / 2P
   7 to 15mm Height 1000 hours
104NPS050M ILLINOISCAPACITOR-104NPS050M_16 Datasheet
197Kb / 2P
   Bi-Polar 1000 hours
logo
jb Capacitors Company
JCN JBCAPACITORS-JCN Datasheet
266Kb / 2P
   Load life of 1000 hours
logo
MERITEK ELECTRONICS COR...
SHL MERITEK-SHL Datasheet
737Kb / 4P
   Load Life : 105C 1000 hours
SRF MERITEK-SRF Datasheet
793Kb / 4P
   Load Life : 105C 1000~2000 hours
logo
Illinois Capacitor, Inc...
106UVK050MEW ILLINOISCAPACITOR-106UVK050MEW_16 Datasheet
206Kb / 2P
   High temperature, 1000 to 1500 hours
logo
jb Capacitors Company
JCD JBCAPACITORS-JCD Datasheet
241Kb / 4P
   Load life of 1000 ~ 2000 hours
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com