Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

127KFM200MKAG Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 127KFM200MKAG
Description  High Frequency Low Impedance/ESR,8000 to 10000 hours
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

127KFM200MKAG Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  127KFM200MKAG Datasheet HTML 1Page - Illinois Capacitor, Inc. 127KFM200MKAG Datasheet HTML 2Page - Illinois Capacitor, Inc. 127KFM200MKAG Datasheet HTML 3Page - Illinois Capacitor, Inc. 127KFM200MKAG Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
KFM
+105°C, High Frequency Low
Impedance/ESR,8000 to
10000 hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(A)
100 kHz,
+105°C
Dims DxL
(mm)
68
350
686KFM350MRV
4.8761
880
18x25
68
400
686KFM400M
4.8761
910
18x31.5
68
450
686KFM450M
4.8761
1120
18x35.5
82
160
826KFM160MTJD
3.0327
830
12.5x25
82
200
826KFM200MKJD
3.0327
860
16x25
82
250
826KFM250MFBG 3.0327
910
8x10
82
350
826KFM350MLAG 4.0436
940
18x30
82
400
826KFM400MKCG 4.0436
980
16x40
82
400
826KFM400MLAD 4.0436
980
18x35
82
450
826KFM450MLCG
4.0436
1030
18x40
100
160 107KFM160MGDG 2.4868
1210
10x50
100
160
107KFM160MKJG
2.4868
1120
16x20
100
200
107KFM200M
2.487
930
16x25
100
250
107KFM250M
2.487
960
16x31.5
100
250
107KFM250MRV
2.487
1200
18x25
100
250
107KFM250MTDG
2.487
980
12.5x50
100
350
107KFM350MLAD 3.3157
1120
18x35
100
400
107KFM400MLCG
3.3157
1100
18x40
120
160
127KFM160MKJD
2.0723
1240
16x25
120
200
127KFM200MKAG
2.487
1090
16x35
120
250
127KFM250MLAG 2.0723
1210
18x30
120
350
127KFM350MLAD 2.7631
1200
18x35
150
160
157KFM160MKAG
1.658
1280
16x30
150
160
157KFM160MTDG
1.658
1280
12.5x50
150
200 157KFM200MKAD
1.658
1125
16x35
150
200
157KFM200M
1.658
1360
16x31.5
150
200
157KFM200MRV
1.658
1360
18x25
150
250
157KFM250M
1.658
1400
18x31.5
180
160
187KFM160MKAG 1.3816
1360
16x30
180
200
187KFM200MLAG 1.3816
1340
18x30
180
250
187KFM250MLAD 1.3816
1540
18x35
220
160
227KFM160MLAG
1.13
1410
18x30
220
160
227KFM160M
1.13
1410
16x31.5
220
160
227KFM160MRV
1.13
1400
18x25
220
200
227KFM200M
1.13
1700
18x31.5
220
200
227KFM200MLAD
1.13
1420
18x35
220
250
227KFM250MLCG
1.13
1620
18x40
270
160
277KFM160MLAD 0.92104
1500
18x35
330
160
337KFM160MLCG
0.7536
1590
18x40


Similar Part No. - 127KFM200MKAG

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
127KFM200MKAG ILLINOISCAPACITOR-127KFM200MKAG Datasheet
201Kb / 4P
   High temperature - High voltage ??Long Life (10k Hrs)
127KFM200MKAG ILLINOISCAPACITOR-127KFM200MKAG Datasheet
134Kb / 1P
   Radial Lead High Frequency / Low Impedance
More results

Similar Description - 127KFM200MKAG

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474KBM050M ILLINOISCAPACITOR-474KBM050M_16 Datasheet
185Kb / 2P
   High Frequency Low Impedance/ESR,8000 to 10000 hours
AVD ILLINOISCAPACITOR-AVD Datasheet
209Kb / 2P
   Low Impedance, up to 5000 hours
105AXZ050M ILLINOISCAPACITOR-105AXZ050M_16 Datasheet
219Kb / 2P
   Low Impedance 2000 hours
logo
RUBYCON CORPORATION
35YXM33MEFC5X11 RUBYCON-35YXM33MEFC5X11 Datasheet
201Kb / 1P
   Load Life : 105??10000 hours, Miniaturized.
logo
United Chemi-Con, Inc.
EMZK160ADA CHEMI-CON-EMZK160ADA Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
EMZK6R3ADA CHEMI-CON-EMZK6R3ADA Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
EMZK350ADA CHEMI-CON-EMZK350ADA Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
logo
Illinois Capacitor, Inc...
474KXM100M ILLINOISCAPACITOR-474KXM100M_16 Datasheet
246Kb / 3P
   High Voltage Low Impedance Long Life, 5000 hours
225TXK450MFH ILLINOISCAPACITOR-225TXK450MFH_16 Datasheet
227Kb / 2P
   High Voltage Low Impedance Long Life, 5000 hours
logo
United Chemi-Con, Inc.
EMZK250ADA CHEMI-CON-EMZK250ADA Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com