Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

397XMPL002MG19R Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 397XMPL002MG19R
Description  SMD Solid Conductive (multilayer-type)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

397XMPL002MG19R Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  397XMPL002MG19R Datasheet HTML 1Page - Illinois Capacitor, Inc. 397XMPL002MG19R Datasheet HTML 2Page - Illinois Capacitor, Inc. 397XMPL002MG19R Datasheet HTML 3Page - Illinois Capacitor, Inc. 397XMPL002MG19R Datasheet HTML 4Page - Illinois Capacitor, Inc. 397XMPL002MG19R Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
XMPL
+105°C Multi-layer Low
Profile Chip
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
ESR (mΩ)
100 kHz,
+20°C
Leakage
Current
(μA)
Maximum
RMS
Ripple
Current
(A)
100 kHz,
+105°C
Dimensions
LxHxT (mm)
6.8
16
685XMPL016MG19
14.6282
70
4.352
2
7.3x4.3x1.9
10
6.3
106XMPL6R3MG19
9.9472
40
2.52
1
7.3x4.3x1.9
10
10
106XMPL010MG19
9.9472
45
4
1
7.3x4.3x1.9
10
12
106XMPL012MG19
9.9472
55
4.8
1
7.3x4.3x1.9
10
16
106XMPL016MG19
9.9472
40
6.4
2
7.3x4.3x1.9
15
12
156XMPL012MG19
6.6315
45
7.2
1
7.3x4.3x1.9
15
16
156XMPL016MG19
6.6315
40
9.6
3
7.3x4.3x1.9
22
6.3
226XMPL6R3MG19
4.5214
35
5.544
1
7.3x4.3x1.9
22
10
226XMPL010MG19
4.5214
40
8.8
1.8
7.3x4.3x1.9
22
12
226XMPL012MG19
4.5214
30
10.56
1.8
7.3x4.3x1.9
22
16
226XMPL016MG19
4.5214
40
14.08
3
7.3x4.3x1.9
22
16
226XMPL016MG28
4.5214
40
14.08
3
7.3x4.3x2.8
33
6.3
336XMPL6R3MG19
3.0143
25
8.316
1.8
7.3x4.3x1.9
33
10
336XMPL010MG19
3.0143
40
13.2
2
7.3x4.3x1.9
33
12
336XMPL012MG28
3.0143
25
15.84
2
7.3x4.3x2.8
47
6.3
476XMPL6R3MG19
2.1164
25
11.844
1.8
7.3x4.3x1.9
47
10
476XMPL010MG19
2.1164
40
18.8
3
7.3x4.3x1.9
47
12
476XMPL012MG28
2.1164
20
22.56
2
7.3x4.3x2.8
68
4
686XMPL004MG19
1.4628
20
10.88
1.9
7.3x4.3x1.9
68
6.3
686XMPL6R3MG19
1.4628
15
17.136
2
7.3x4.3x1.9
68
10
686XMPL010MG28
1.4628
40
27.2
3
7.3x4.3x2.8
82
4
826XMPL004MG19
1.2131
9
13.12
3
7.3x4.3x1.9
100
2
107XMPL002MG19
0.9947
16
8
2
7.3x4.3x1.9
100
4
107XMPL004MG19
0.9947
9
16
3
7.3x4.3x1.9
100
6.3
107XMPL6R3MG19
0.9947
15
25.2
2.7
7.3x4.3x1.9
100
6.3
107XMPL6R3MG19H 0.9947
12
25.2
2.7
7.3x4.3x1.9
120
6.3
127XMPL6R3MG19
0.8289
15
30.24
2.7
7.3x4.3x1.9
120
6.3
127XMPL6R3MG19H 0.8289
12
30.24
2.7
7.3x4.3x1.9
120
6.3
127XMPL6R3MG19X 0.8289
9
30.24
2.7
7.3x4.3x1.9
150
2
157XMPL002MG19
0.6631
9
12
3
7.3x4.3x1.9
150
2.5
157XMPL2R5MG19
0.6631
9
15
3
7.3x4.3x1.9
150
2.5
157XMPL2R5MG28
0.6631
9
15
3
7.3x4.3x2.8
150
4
157XMPL004MG19
0.6631
12
24
3
7.3x4.3x1.9
150
4
157XMPL004MG19R 0.6631
7
24
3
7.3x4.3x1.9
150
4
157XMPL004MG19X 0.6631
9
24
3
7.3x4.3x1.9
150
6.3
157XMPL6R3MG19H 0.6631
12
37.8
3
7.3x4.3x1.9
150
6.3
157XMPL6R3MG19X 0.6631
9
37.8
3
7.3x4.3x1.9
150
6.3
157XMPL6R3MG28
0.6631
15
37.8
3
7.3x4.3x2.8
150
6.3
157XMPL6R3MG19
0.6631
15
37.8
3
7.3x4.3x1.9
150
6.3
157XMPL6R3MG28H 0.6631
12
37.8
3
7.3x4.3x2.8
150
6.3
157XMPL6R3MG28X 0.6631
9
37.8
3
7.3x4.3x2.8
180
2
187XMPL002MG19
0.5526
9
14.4
2.7
7.3x4.3x1.9
180
2.5
187XMPL2R5MG19
0.5526
9
18
3
7.3x4.3x1.9
180
2.5
187XMPL2R5MG28
0.5526
9
18
3
7.3x4.3x2.8
180
4
187XMPL004MG19H 0.5526
12
28.8
3
7.3x4.3x1.9
180
4
187XMPL004MG19R 0.5526
7
28.8
3
7.3x4.3x1.9
180
4
187XMPL004MG19X 0.5526
9
28.8
3
7.3x4.3x1.9
180
4
187XMPL004MG28H 0.5526
12
28.8
3
7.3x4.3x2.8
180
4
187XMPL004MG28R 0.5526
7
28.8
3
7.3x4.3x2.8
180
4
187XMPL004MG28X 0.5526
9
28.8
3
7.3x4.3x2.8
180
6.3
187XMPL6R3MG19
0.5526
15
45.36
2.7
7.3x4.3x1.9
220
2
227XMPL002MG19
0.4521
15
17.6
3
7.3x4.3x1.9
220
2.5
227XMPL2R5MG19X 0.4521
9
22
3
7.3x4.3x1.9
220
2.5
227XMPL2R5MG28H 0.4521
12
22
3
7.3x4.3x2.8
220
2.5
227XMPL2R5MG28R 0.4521
7
22
3
7.3x4.3x2.8
220
2.5
227XMPL2R5MG28X 0.4521
9
22
3
7.3x4.3x2.8
220
2.5
227XMPL2R5MG19H 0.4521
12
22
3
7.3x4.3x1.9
220
2.5
227XMPL2R5MG19R 0.4521
7
22
3
7.3x4.3x1.9


Similar Part No. - 397XMPL002MG19R

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
397XMPL002MG19R ILLINOISCAPACITOR-397XMPL002MG19R Datasheet
382Kb / 4P
   Decoupling . Noise Suppression
397XMPL002MG19R ILLINOISCAPACITOR-397XMPL002MG19R Datasheet
382Kb / 4P
   Small Size ??Low Impedance ??Halogen Free Epoxy ??RoHS Compliant ??Stable with Temperature, Applied Voltage and Frequency
397XMPL002MG19R ILLINOISCAPACITOR-397XMPL002MG19R Datasheet
116Kb / 1P
   SMD ALUMINUM POLYMER CAPACITORS
397XMPL002MG19R ILLINOISCAPACITOR-397XMPL002MG19R Datasheet
466Kb / 3P
   SMD Solid Conductive (multilayer-type)
Aug-22
logo
Cornell Dubilier Electr...
397XMPL002MG19R CDE-397XMPL002MG19R Datasheet
466Kb / 3P
   SMD Solid Conductive (multilayer-type)
Aug-22
More results

Similar Description - 397XMPL002MG19R

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
XMPL CDE-XMPL Datasheet
466Kb / 3P
   SMD Solid Conductive (multilayer-type)
Aug-22
logo
Illinois Capacitor, Inc...
107XMPL002MG19 ILLINOISCAPACITOR-107XMPL002MG19_V01 Datasheet
466Kb / 3P
   SMD Solid Conductive (multilayer-type)
Aug-22
logo
Cornell Dubilier Electr...
XMPL CDE-XMPL_V01 Datasheet
352Kb / 3P
   SMD Solid Conductive (multilayer-type)
Feb-23
logo
Vishay Siliconix
94SVPD VISHAY-94SVPD_15 Datasheet
147Kb / 13P
   SMD Aluminum Solid Capacitors with Conductive Polymer
Revision: 03-Aug-12
SVPD VISHAY-SVPD Datasheet
159Kb / 13P
   SMD Aluminum Solid Capacitors with Conductive Polymer
94SVP VISHAY-94SVP_12 Datasheet
84Kb / 4P
   SMD Aluminum Solid Capacitors with Conductive Polymer
Revision: 28-Aug-12
94SVPD VISHAY-94SVPD Datasheet
157Kb / 13P
   SMD Aluminum Solid Capacitors with Conductive Polymer
Revision: 03-Aug-12
logo
MERITEK ELECTRONICS COR...
PEEA MERITEK-PEEA Datasheet
738Kb / 2P
   Conductive Polymer Aluminum Solid Capacitor (Radial Type)
PE MERITEK-PE Datasheet
678Kb / 3P
   Conductive Polymer Aluminum Solid Capacitors (Radial Type)
PE5K MERITEK-PE5K Datasheet
809Kb / 2P
   Conductive Polymer Aluminum Solid Capacitors (Radial type)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com