Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

105KBM050M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 105KBM050M
Description  High Frequency Low Impedance/ESR,8000 to 10000 hours
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

105KBM050M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  105KBM050M Datasheet HTML 1Page - Illinois Capacitor, Inc. 105KBM050M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Long Life - High temperature RoHS Compliant
APPLICATIONS
Switching power supplies Power Adaptors Electronic
Ballasts
Operating Temperature Range
-40°C to +105°C
Capacitance Tolerance
+20% at 120 Hz, 20°C
WVDC
6.3
10
16
25
35
50
63
100
Surge Voltage
SVDC
7.9
13
20
32
44
63
79
125
WVDC
6.3
10
16
25
35
50
63
100
tan
δ
.22
.19
.16
.14
.12
.1
.09
.08
Dissipation Factor
120 Hz, 20°C
Add .02 for every 1000uF above 1000uF
.01CV or 3uA, Whichever is greater
Leakage current
2 Minutes
Rated WVDC
6.3
10
16
25 to 100
-25°C to +20°C
4
3
2
2
Low Temperature Stability
Impedance Ratio
(120 Hz)
-40°C to +20°C
8
6
4
3
After application of rated voltage applied at 105°C
WVDC
6.3 to 10
16 to 100
D<6.3mm 4000 Hrs.
D=8 to 10mm 6000 Hrs.
D> 12mm 8000 Hrs.
D<6.3mm 5000 Hrs.
D=8 to 10mm 7000 Hrs.
D> 12mm 10000 Hrs.
Capacitance change
<25% of initial measured value
Dissipation factor
<200% of maximum specified value
Load Life
Leakage current
>100% of maximum specified value
1000 hours at 105°C with no voltage applied
Capacitance change
<25% of initial measured value
Dissipation factor
<200% of maximum specified value
Shelf Life
Insulation resistance
>100% of maximum specified value
Frequency (Hz)
Capacitance (uF)
120
1k
10k
100k
.47 to 180
.4
.75
.9
1.0
220 to 560
.5
.85
.94
1.0
680 to 1800
.6
.87
.95
1.0
2200 to 3900
.75
.9
.88
1.0
Ripple Current Multipliers
4700 to 15000
.85
.95
.98
1.0
Lead spacing VS. Case diameter
D
5
6.3
8
10
12.5
16
18
S
2.0
2.5
3.5
5.0
5.0
7.5
7.5
d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
B
1.5
1.5
1.5
1.5
1.5
1.5
1.5
L1=L+1.5mm (L<20mm) Max.
L1=L+2mm (L>20mm) Max
D1=D+0.5mm Max.
S1=S+0.5 mm


Similar Part No. - 105KBM050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105KBM050M ILLINOISCAPACITOR-105KBM050M Datasheet
412Kb / 3P
   10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
105KBM050M ILLINOISCAPACITOR-105KBM050M Datasheet
280Kb / 2P
   Radial Lead Aluminum Electrolytic Capacitors
105KBM050M ILLINOISCAPACITOR-105KBM050M Datasheet
179Kb / 2P
   Long Life - High temperature ??RoHS Compliant
105KBM050M ILLINOISCAPACITOR-105KBM050M Datasheet
134Kb / 1P
   Radial Lead High Frequency
More results

Similar Description - 105KBM050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105KFM450MEBB ILLINOISCAPACITOR-105KFM450MEBB_16 Datasheet
207Kb / 4P
   High Frequency Low Impedance/ESR,8000 to 10000 hours
AVD ILLINOISCAPACITOR-AVD Datasheet
209Kb / 2P
   Low Impedance, up to 5000 hours
105AXZ050M ILLINOISCAPACITOR-105AXZ050M_16 Datasheet
219Kb / 2P
   Low Impedance 2000 hours
logo
RUBYCON CORPORATION
35YXM33MEFC5X11 RUBYCON-35YXM33MEFC5X11 Datasheet
201Kb / 1P
   Load Life : 105??10000 hours, Miniaturized.
logo
United Chemi-Con, Inc.
EMZK160ADA CHEMI-CON-EMZK160ADA Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
EMZK6R3ADA CHEMI-CON-EMZK6R3ADA Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
EMZK350ADA CHEMI-CON-EMZK350ADA Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
logo
Illinois Capacitor, Inc...
474KXM100M ILLINOISCAPACITOR-474KXM100M_16 Datasheet
246Kb / 3P
   High Voltage Low Impedance Long Life, 5000 hours
225TXK450MFH ILLINOISCAPACITOR-225TXK450MFH_16 Datasheet
227Kb / 2P
   High Voltage Low Impedance Long Life, 5000 hours
logo
United Chemi-Con, Inc.
EMZK250ADA CHEMI-CON-EMZK250ADA Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com