Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F436IPN Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F436IPN
Description  MIXED SIGNAL MICROCONTROLLER
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F436IPN Datasheet(HTML) 10 Page - Texas Instruments

Back Button MSP430F436IPN Datasheet HTML 6Page - Texas Instruments MSP430F436IPN Datasheet HTML 7Page - Texas Instruments MSP430F436IPN Datasheet HTML 8Page - Texas Instruments MSP430F436IPN Datasheet HTML 9Page - Texas Instruments MSP430F436IPN Datasheet HTML 10Page - Texas Instruments MSP430F436IPN Datasheet HTML 11Page - Texas Instruments MSP430F436IPN Datasheet HTML 12Page - Texas Instruments MSP430F436IPN Datasheet HTML 13Page - Texas Instruments MSP430F436IPN Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 85 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
MSP430x44x Terminal Functions (Continued)
TERMINAL
PN
I/O
DESCRIPTION
NAME
NO.
S29
41
O
LCD segment output 29
S30
42
O
LCD segment output 30
S31
43
O
LCD segment output 31
S32
44
O
LCD segment output 32
S33
45
O
LCD segment output 33
P4.7/S34
46
I/O
General-purpose digital I/O / LCD segment output 34
P4.6/S35
47
I/O
General-purpose digital I/O / LCD segment output 35
P4.5/UCLK1/S36
48
I/O
General-purpose digital I/O / external clock input—USART1/UART or SPI mode, clock
output—USART1/SPI MODE / LCD segment output 36
P4.4/SOMI1/S37
49
I/O
General-purpose digital I/O / slave out/master in of USART1/SPI mode / LCD segment output 37
P4.3/SIMO1/S38
50
I/O
General-purpose digital I/O / slave in/master out of USART1/SPI mode / LCD segment output 38
P4.2/STE1/S39
51
I/O
General-purpose digital I/O / slave transmit enable—USART1/SPI mode / LCD segment output 39
COM0
52
O
COM0–3 are used for LCD backplanes.
P5.2/COM1
53
I/O
General-purpose digital I/O / Common output, COM0–3 are used for LCD backplanes.
P5.3/COM2
54
I/O
General-purpose digital I/O / Common output, COM0–3 are used for LCD backplanes.
P5.4/COM3
55
I/O
General-purpose digital I/O / Common output, COM0–3 are used for LCD backplanes.
R03
56
I
Input port of fourth positive (lowest) analog LCD level (V5)
P5.5/R13
57
I/O
General-purpose digital I/O / Input port of third most positive analog LCD level (V4 or V3)
P5.6/R23
58
I/O
General-purpose digital I/O / Input port of second most positive analog LCD level (V2)
P5.7/R33
59
I/O
General-purpose digital I/O / Output port of most positive analog LCD level (V1)
DVCC2
60
DVSS2
61
P4.1/URXD1
62
I/O
General-purpose digital I/O / receive data in—USART1/UART mode
P4.0/UTXD1
63
I/O
General-purpose digital I/O / transmit data out—USART1/UART mode
P3.7/TB6
64
I/O
General-purpose digital I/O / Timer_B7 CCR6 / Capture: CCI6A/CCI6B input, compare: Out6 output
P3.6/TB5
65
I/O
General-purpose digital I/O / Timer_B7 CCR5 / Capture: CCI5A/CCI5B input, compare: Out5 output
P3.5/TB4
66
I/O
General-purpose digital I/O / Timer_B7 CCR4 / Capture: CCI4A/CCI4B input, compare: Out4 output
P3.4/TB3
67
I/O
General-purpose digital I/O / Timer_B7 CCR3 / Capture: CCI3A/CCI3B input, compare: Out3 output
P3.3/UCLK0
68
I/O
General-purpose digital I/O / external clock input—USART0/UART or SPI mode, clock
output—USART0/SPI mode
P3.2/SOMI0
69
I/O
General-purpose digital I/O / slave out/master in of USART0/SPI mode
P3.1/SIMO0
70
I/O
General-purpose digital I/O / slave in/master out of USART0/SPI mode
P3.0/STE0
71
I/O
General-purpose digital I/O / slave transmit enable—USART0/SPI mode
P2.7/ADC12CLK
72
I/O
General-purpose digital I/O / conversion clock—12-bit ADC
P2.6/CAOUT
73
I/O
General-purpose digital I/O / Comparator_A output
P2.5/URXD0
74
I/O
General-purpose digital I/O / receive data in—USART0/UART mode
P2.4/UTXD0
75
I/O
General-purpose digital I/O / transmit data out—USART0/UART mode
P2.3/TB2
76
I/O
General-purpose digital I/O / Timer_B7 CCR2. Capture: CCI2A/CCI2B input, compare: Out2 output
P2.2/TB1
77
I/O
General-purpose digital I/O / Timer_B7 CCR1. Capture: CCI1A/CCI1B input, compare: Out1 output
P2.1/TB0
78
I/O
General-purpose digital I/O / Timer_B7 CCR0. Capture: CCI0A/CCI0B input, compare: Out0 output
P2.0/TA2
79
I/O
General-purpose digital I/O / Timer_A Capture: CCI2A input, compare: Out2 output
P1.7/CA1
80
I/O
General-purpose digital I/O / Comparator_A input


Similar Part No. - MSP430F436IPN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F436IPN TI-MSP430F436IPN Datasheet
1Mb / 73P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F436IPN TI-MSP430F436IPN Datasheet
1Mb / 73P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F436IPN TI-MSP430F436IPN Datasheet
1Mb / 79P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F436IPN TI1-MSP430F436IPN Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F436IPNR TI-MSP430F436IPNR Datasheet
1Mb / 73P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F436IPN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com