Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

475AVD035MCR Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 475AVD035MCR
Description  Low Impedance, up to 5000 hours
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

475AVD035MCR Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  475AVD035MCR Datasheet HTML 1Page - Illinois Capacitor, Inc. 475AVD035MCR Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Small size Long Life Low Impedance
APPLICATIONS
Filtering Bypass/ Coupling De-Coupling
Operating Temperature Range
-55°C to +105°C
Capacitance Tolerance
+20% at 120 Hz, 20°C
Surge Voltage
WVDC
6.3
10
16
25
35
50
SVDC
7.9
13
20
32
44
63
Dissipation Factor
WVDC
6.3
10
16
25
35
50
D<6.3mm
.26
.2
.16
.14
.12
.12
D>8mm
.28
.24
.2
.16
.14
.14
Leakage Current
2 Minutes
.01CV or 3uA,Whichever is greater
Low Temperature
Stability
Impedance Ratio
(120 Hz)
Rated WVDC
6.3
10
16
25
35
50
-25°C to +20°C
3
2
2
2
2
2
-40°C to +20°C
5
4
4
3
3
3
Load Life
5000 hours(2000 hours for D=4,5,6.3mm) at 105°C with rated WVDC
Capacitance Change
<30% of initial measured value
Dissipation Factor
<300% of maximum specified value
Leakage Current
<100% of maximum specified value
Shelf Life
1000 hours at 85°C with no voltage applied
Capacitance Change
<30% of initial measured value
Dissipation Factor
<300% of maximum specified value
Leakage Current
<100% of maximum specified value
Resistance to Soldering Heat
Capacitors placed on a 250°C hot plate for 30 seconds with their electrode
terminations facing downward will fulfill the following conditions after being
cooled to room temperature
Capacitance Change
<10% of initial measured value
Dissipation Factor
<100% of maximum specified value
Leakage Current
<100% of maximum specified value
Ripple Current Multipliers
Frequency (Hz)
50
120
300
1k
100k
.35
.5
.64
0.83
1.0
D
L
W+0.2
H+0.2
C+0.2
R
LL+0.2
S+0.2
4
5.4 +/-0.2
4.3
4.3
5.0
0.5~0.8
1.8
1.0
5
5.4 +/-0.2
5.3
5.3
6.0
0.5~0.8
2.1
1.3
6.3
5.4 +/-0.2
6.6
6.6
7.3
0.5~0.8
2.4
2.2
6.3
7.7 +/-0.3
6.6
6.6
7.3
0.5~0.8
2.4
2.2
8
10.5+/-0.5
8.3
8.3
9.0
0.7~1.0
2.9
3.1
10
10.5+/-0.5
10.3
10.3
11.0
0.7~1.0
3.2
4.5


Similar Part No. - 475AVD035MCR

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
475AVG160MFBJ ILLINOISCAPACITOR-475AVG160MFBJ Datasheet
193Kb / 2P
   Highest capacitance & Voltage
475AVG160MFBJ ILLINOISCAPACITOR-475AVG160MFBJ Datasheet
312Kb / 2P
   Small Size - High Temperature ??Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
475AVG160MFBJ ILLINOISCAPACITOR-475AVG160MFBJ Datasheet
312Kb / 2P
   Small Size - High Temperature ??Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
475AVG160MFBJ ILLINOISCAPACITOR-475AVG160MFBJ_17 Datasheet
126Kb / 1P
   Radial lead aluminum polymer capacitors
More results

Similar Description - 475AVD035MCR

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EMZK160ADA CHEMI-CON-EMZK160ADA Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
EMZK6R3ADA CHEMI-CON-EMZK6R3ADA Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
EMZK350ADA CHEMI-CON-EMZK350ADA Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
EMZK100ADA CHEMI-CON-EMZK100ADA Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
EMZK250ADA CHEMI-CON-EMZK250ADA Datasheet
368Kb / 2P
   Low impedance, 5000-hours-life, 105?
logo
Illinois Capacitor, Inc...
105SVL050MCW ILLINOISCAPACITOR-105SVL050MCW_16 Datasheet
204Kb / 2P
   Long Life, up to 5000 hours
225TXK450MFH ILLINOISCAPACITOR-225TXK450MFH_16 Datasheet
227Kb / 2P
   High Voltage Low Impedance Long Life, 5000 hours
474KXM100M ILLINOISCAPACITOR-474KXM100M_16 Datasheet
246Kb / 3P
   High Voltage Low Impedance Long Life, 5000 hours
105AXZ050M ILLINOISCAPACITOR-105AXZ050M_16 Datasheet
219Kb / 2P
   Low Impedance 2000 hours
logo
United Chemi-Con, Inc.
EMVL6R3ADA CHEMI-CON-EMVL6R3ADA Datasheet
361Kb / 2P
   3000 to 5000-hours-life, 105?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com