Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC-01-50G Datasheet(PDF) 5 Page - LEM

Part # SC-01-50G
Description  SC Coils, SC-G/GS Small Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

SC-01-50G Datasheet(HTML) 5 Page - LEM

  SC-01-50G Datasheet HTML 1Page - LEM SC-01-50G Datasheet HTML 2Page - LEM SC-01-50G Datasheet HTML 3Page - LEM SC-01-50G Datasheet HTML 4Page - LEM SC-01-50G Datasheet HTML 5Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
LF0011_SC-G/GS • 6/16/2014
AC Line Filters – SC Coils, SC-G/GS Small Type
Disclaimer
ThisproducthasbeenmadeavailablethroughaPrivateLabelAgreementandaDevelopmentandCross-LicensingAgreementbetweenKEMETandNECTOKINtoexpandmarket
andproductofferingsforbothcompaniesandtheirrespectivecustomers.Formoreinformation,pleasevisithttp://www.kemet.com/nectokin.
Allproductspecifications,statements,informationanddata(collectively,the“Information”)inthisdatasheetaresubjecttochange.Thecustomerisresponsibleforcheckingand
verifyingtheextenttowhichtheInformationcontainedinthispublicationisapplicabletoanorderatthetimetheorderisplaced.
AllInformationgivenhereinisbelievedtobeaccurateandreliable,butitispresentedwithoutguarantee,warranty,orresponsibilityofanykind,expressedorimplied.
StatementsofsuitabilityforcertainapplicationsarebasedonKEMETElectronicsCorporation’s(“KEMET”)knowledgeoftypicaloperatingconditionsforsuchapplications,butare
notintendedtoconstitute–andKEMETspecificallydisclaims–anywarrantyconcerningsuitabilityforaspecificcustomerapplicationoruse.TheInformationisintendedforuseonly
bycustomerswhohavetherequisiteexperienceandcapabilitytodeterminethecorrectproductsfortheirapplication.AnytechnicaladviceinferredfromthisInformationorotherwise
providedbyKEMETwithreferencetotheuseofKEMET’sproductsisgivengratis,andKEMETassumesnoobligationorliabilityfortheadvicegivenorresultsobtained.
AlthoughKEMETdesignsandmanufacturesitsproductstothemoststringentqualityandsafetystandards,giventhecurrentstateoftheart,isolatedcomponentfailuresmaystill
occur.Accordingly,customerapplicationswhichrequireahighdegreeofreliabilityorsafetyshouldemploysuitabledesignsorothersafeguards(suchasinstallationofprotective
circuitry or redundancies) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage.
Althoughallproduct–relatedwarnings,cautionsandnotesmustbeobserved,thecustomershouldnotassumethatallsafetymeasuresareindictedorthatothermeasuresmaynot
berequired.


Similar Part No. - SC-01-50G

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SC-01-50G KEMET-SC-01-50G Datasheet
442Kb / 5P
   SC Coils, SC-G/GS Small Type
SC-01-50G KEMET-SC-01-50G Datasheet
509Kb / 9P
   Common Mode SC Coils, SC-G/GS Series, Small Type
More results

Similar Description - SC-01-50G

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SC-01-E150G KEMET-SC-01-E150G Datasheet
442Kb / 5P
   SC Coils, SC-G/GS Small Type
SC-01-06G KEMET-SC-01-06G_V01 Datasheet
509Kb / 9P
   Common Mode SC Coils, SC-G/GS Series, Small Type
SC-02-10GS KEMET-SC-02-10GS_17 Datasheet
74Kb / 1P
   Choke, SC-G/GS, 1000 uH
SC-01-20GS KEMET-SC-01-20GS_17 Datasheet
74Kb / 1P
   Choke, SC-G/GS, 2000 uH
SC-01-10GS KEMET-SC-01-10GS Datasheet
74Kb / 1P
   Choke, SC-G/GS, 1000 uH
SC-01-30G KEMET-SC-01-30G_17 Datasheet
101Kb / 1P
   Choke, SC-G/GS, 3000 uH
SC-10-20JH KEMET-SC-10-20JH Datasheet
367Kb / 4P
   SC Coils, SC-JH Terminal Base Type
SC-02-300JV KEMET-SC-02-300JV Datasheet
307Kb / 4P
   SC Coils, SC-JV Terminal Base Type
SC-10-20J KEMET-SC-10-20J Datasheet
412Kb / 5P
   SC Coils, SC-J Terminal Base Type
SC-02-20JS KEMET-SC-02-20JS Datasheet
334Kb / 4P
   SC Coils, SC-JS Terminal Base Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com